Part Number Hot Search : 
SC530 58009 EMC1002 EL5001 TN9118PM CVA06 5KP78 2N1716
Product Description
Full Text Search
 

To Download ACT91CSMX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT90 & 91CSMX
The ACT90 & 91are miniature surface mount Watch Crystal whose low power consumption makes them ideal for portable applications. Their size makes them suitable for high density circuit boards or applications where space is limited and the tape and reel packaging means that they are ideal for automatic placement machines. The heart of the device is a heat resistant cylinder type crystal which gives them high stability characteristics sufficient to allow reflow soldering.
Parameter Nominal Frequency Frequency Tolerance @25C Frequency v Temp Characteristics Turnover Temperature Freq. Temp. coefficient Temp Operating Range Temp Storage Range Q' Value Equivalent Series Resistance Shunt Capacitance Load Capacitance Motional Capacitance Capacitance Ratio Drive Level Insulation Resistance Aging (first year) Shock Resistance Reflow Soldering Condition DIMENSIONS (mm)
Symbol fo Df/fo Df/fo Tm b Torp Tstg Q ESR Co CL C1 g DL IR Fa Tsol
Specification 32.768KHz 20ppm, 50ppm & 100ppm See drawing 25C 5C (-3.5 0.8) x 10-8/C2 -40 ~ +85C -55 ~ +125C 40 x 103 min 50K @ 25C 1.0pF Typical 6 ~ 12.5pF 2.1fF Typical 450 Typical 1 W max - 0.1W recommended 500M min 5ppm max 5ppm max (Dropped 3 times from 75cm onto 230C max, 20 Sec. Max x 2 times
Condition Please specify -10 ~ +60C
Please specify
@ 100V DC @ 25C 3C
Lead Free-RoHS Comp.
Lead frame material: Ni/Fe Pad surface finish: Sn/Bi
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue: 7 I3 Date: 16/06/05
Tel :
0044 (0)118 979 1238
Fax : email :
0044 (0)118 979 1283 info@actcrystals.com
ACT90 & 91CSMX
MATERIAL Tape Reel
3.000 PIECE REELS
A_PET Cardboard
ORIENTATION IN CARRIER TAPE
LAYOUT OF TAPE
No Components 10 Cover Tape Leader 150mm Minimum Start of carrier tape bent vertically and hooked into reel slot.
COVER TAPE OVERLAP
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue: 7 I3 Date: 16/06/05
Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT90/91C TAPE & REELING SPECIFICATION cont'd
PEEL STRENGTH Using method below the force to start the tape peeling with a pull speed of 30010 mm/min shall be 0.1~1.3N.
REEL DIMENSIONS (mm)
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Issue: 7 I3 ISO9001:2000 Registered - Registration number 6830/2 Date: 16/0605 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Tel : Fax : email :
0044 (0)118 979 1238 0044 (0)118 979 1283 info@actcrystals.com
ACT90/91C TAPE & REELING SPECIFICATION cont'd
CARRIER TAPE DIMENSIONS (mm)
ACT90/91 REFLOW SOLDERING PROFILE
Temperatures are PCB temperatures.
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Issue: 7/I3 ISO9001:2000 Registered - Registration number 6830/2 Date16/06/05 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com


▲Up To Search▲   

 
Price & Availability of ACT91CSMX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X