Part Number Hot Search : 
1N6289 CGP30 SG431AS 1LT1G 0ZB6T 1LT1G BZV55 BUZ255
Product Description
Full Text Search
 

To Download AAT251408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT DATASHEET
AAT2514
SwitchRegTM
General Description
The AAT2514 SwitchRegTM is a dual channel current mode PWM DC-DC step-down converter operating at 1.5MHz constant frequency. The device is ideal for portable equipment requiring two separate power supplies that need high current up to 600mA. The device operates from single-cell Lithium-ion batteries while still achieving over 96% efficiency. The AAT2514 also can run at 100% duty cycle for low dropout operation, extending battery life in portable systems while light load operation provides very low output ripple for noise sensitive applications. The device has a unique adaptive slope compensation scheme that makes it possible to operate with a lower range of inductor values to optimize size and provide efficient operation. The 1.5MHz switching frequency minimizes the size of external components while keeping switching losses low. The AAT2514 can operate from a 2.5V to 5.5V input voltage and can supply up to 600mA output current for each channel. The AAT2514 is available in a Pb-free 3 x 3mm 10-lead TDFN package and operates over the -40C to +85C temperature range.
Dual Channel 600mA Step-Down Converter
Features
* * * * * * * * * * * * * * VIN Range:2.5V to 5.5V Up to 600mA Output Current High Efficiency: Up to 96% 1.5MHz Constant Frequency Operation 100% Duty Cycle Dropout Operation Low RDS(ON) Internal Switches: 0.35 Current Mode Operation for Excellent Line and Load Transient Response Adaptive Slope Compensation Soft Start Short-Circuit and Thermal Fault Protection <1A Shutdown Current Power-On Reset Output Small, Thermally Enhanced TDFN33 -10 Package -40C to +85C Temperature Range
Applications
* * * * * Cellular Telephones Digital Still Cameras PDAs Portable Media Players Wireless and DSL Modems
Typical Application
EN1 VIN 2.5V to 5.5V VOUT2 2.5V C1 10F L2 2.2H EN2 IN POR
R5 100k RESET L1 2.2H VOUT1 1.8V
AAT2514
LX 2 LX1
C3 10F
FB2 R4 1M R3 316k
GND
FB1 R1 316k R2 634k
C2 10F
2514.2008.02.1.1
www.analogictech.com
1
PRODUCT DATASHEET
AAT2514
SwitchRegTM
Pin Descriptions
Pin #
1 2 3 4 5 6 8 9 10
Dual Channel 600mA Step-Down Converter
Symbol
FB1 EN1 IN LX1 GND N/C POR EN2 FB2 EP
Function
Feedback input for channel 1. Connect FB1 to the center point of an external resistor divider. The feedback threshold voltage is 0.6V. Channel 1 enable pin. Active high. In shutdown, all functions are disabled drawing <1A supply current. Do not leave EN1 floating. Power supply input pin. Must be closely decoupled to GND with a 2.2F or greater ceramic capacitor. Channel 1 switching node pin. Connect the output inductor to this pin. Ground No connection Power-on reset, active low. Open drain. External resistor (100k) is required. Channel 2 enable pin. Active high. In shutdown, all functions are disabled drawing <1A supply current. Do not leave EN2 floating. Feedback input for channel 2. Connect FB2 to the center point of an external resistor divider. The feedback threshold voltage is 0.6V. Exposed paddle. The exposed paddle should be connected to board ground plane and GND. The ground plane should include a large exposed copper pad under the package for thermal dissipation (see package outline).
Pin Configuration
AAT2514-IDE TDFN33-10 (Top View)
FB1 EN1 IN LX1 GND
1 2 3 4 5 EXPOSED PAD
10 9 8 7 6
FB2 EN2 POR LX2 NC
10-Lead (3mm X 3mm) Plastic Thin DFN Exposed Pad is PGND Must be connected to GND.
2
www.analogictech.com
2514.2008.02.1.1
PRODUCT DATASHEET
AAT2514
SwitchRegTM
Absolute Maximum Ratings1
Symbol
VIN VEN1, VEN2 VFB1, VFB2 VLX1, VLX2 VPOR TA TJ TSTORAGE TLEAD
Dual Channel 600mA Step-Down Converter
Description
Input Supply Voltage EN1, EN2 Voltages FB1, FB2 Voltages LX1, LX2 Voltages POR Voltage Operating Temperature Range2 Junction Temperature2 Storage Temperature Range Lead Temperature (Soldering, 10s)
Value
-0.3 to +6.0 -0.3 to VIN + 0.3 -0.3 to VIN + 0.3 -0.3 to VIN + 0.3 -0.3 to +6.0 -40 to +85 +125 -65 to +150 +300
Units
V V V V V C C C C
Recommended Operating Conditions
Symbol
JA PD
Description
Thermal Resistance3 Maximum Power Dissipation at TA = 25C
Value
45 2.2
Units
C/W W
1. Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. 2. TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula: TJ = TA + PD * JA. 3. Thermal resistance is specified with approximately 1 square inch of 1 oz copper.
2514.2008.02.1.1
www.analogictech.com
3
PRODUCT DATASHEET
AAT2514
SwitchRegTM
Electrical Characteristics
VIN = VEN = 3.6V, TA = 25C, unless otherwise noted. Symbol Description Conditions Min
2.5 Active Mode, VFB = 0.5V Shutdown Mode, EN1 = EN2 = 0V, VIN = 4.2V TA = 25C, Channel 1 or 2 TA = 0C TA +85C, Channel 1 or 2 TA = -40C TA +85C, Channel 1 or 2 (See Note 2) VIN = 2.5V to 5.5V, IOUT = 10mA IOUT = 10mA to 600mA VIN = 3.0V From Enable to Output Regulation 600 100 140 15 VFB = 0.6V ILX = 300mA ILX = 300mA VIN = 3V, VFB = 0.5V; Duty Cycle <35% 1.2 1.5 0.35 0.28 1.20 1.8 0.45 0.45 0.3 1.5 -1.0 VFB Ramping Up VFB Ramping Down Power-On Reset Delay Power-On Reset On-Resistance 8.5 -8.5 175 100 1.0 500 0.3 0.6000 0.6000 0.6000 0.11 0.0015
Dual Channel 600mA Step-Down Converter
Typ
Max
5.5 800 2.0 0.6120 0.6135 0.6150 30 0.40
Units
V A V nA %/V %/mA mA s C C MHz A V V A % ms
Step-Down Converter VIN Input Voltage Range IQ VFB IFB VOUT/ VOUT/VIN VOUT/ VOUT/IOUT ILIM TS TSD THYS FOSC RDS(ON) VEN(L) VEN(H) IEN Input DC Supply Current Regulated Feedback Voltage FB Input Bias Current Output Voltage Line Regulation Output Voltage Load Regulation Maximum Output Current Startup Time Over-Temperature Shutdown Threshold Over-Temperature Shutdown Hysteresis Oscillator Frequency P-Channel MOSFET N-Channel MOSFET Peak Inductor Current Enable Threshold Low Enable Threshold High EN Input Current Power-On Reset Threshold (POR)
0.5880 0.5865 0.5850 -30
1. Specifications over the temperature range are guaranteed by design and characterization. 2. The regulated feedback voltage is tested in an internal test mode that connects VFB to the output of the error amplifier.
4
www.analogictech.com
2514.2008.02.1.1
PRODUCT DATASHEET
AAT2514
SwitchRegTM
Typical Characteristics
Efficiency vs. Load Current
(VOUT = 2.5V; TA = 25C)
100 90 80 100 90 80
Dual Channel 600mA Step-Down Converter
Efficiency vs. Load Current
(VOUT = 1.8V; TA = 25C) VIN = 2.7V VIN = 3.3V VIN = 4.2V
Efficiency (%)
Efficiency (%)
70 60 50 40 30 20 10 0 0.1
VIN = 4.2V VIN = 2.7V VIN = 3.3V
70 60 50 40 30 20 10 0
1
10
100
1000
0.1
1
10
100
1000
Load Current (mA)
Load Current (mA)
Efficiency vs. Load Current
(VOUT = 1.5V; TA = 25C)
100 90 80 100 90 80
Efficiency vs. Load Current
(VOUT = 1.2V; TA = 25C)
Efficiency (%)
70 60 50 40 30 20 10 0 0.1
VIN = 2.7V VIN = 4.2V VIN = 3.3V
Efficiency (%)
70 60 50 40 30 20 10 0 0.1
VIN = 2.7V
VIN = 4.2V VIN = 3.3V
1
10
100
1000
1
10
100
1000
Load Current (mA)
Load Current (mA)
Efficiency vs. Input Voltage
(VOUT = 1.8V; TA = 25C)
100 90 80
Load Regulation
(VIN = 3.6V; VOUT = 1.8V; L = 2.2H) Output Voltage Error (%)
1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 1 10 100 1000
ILOAD = 100mA
ILOAD = 600mA
Efficiency (%)
70 60 50 40 30 20 10 0 2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
Load Current (mA)
2514.2008.02.1.1
www.analogictech.com
5
PRODUCT DATASHEET
AAT2514
SwitchRegTM
Typical Characteristics
Frequency vs. Input Voltage
(VIN = 3.6V; VOUT = 1.8V; ILOAD = 150mA; L = 2.2H) Switching Frequency (MHz) Switching Frequency (MHz)
1.58 1.56 1.54 1.52 1.50 1.48 1.46 2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 1.8 1.7 1.6 1.5 1.4 1.3 1.2 -40 -25 -10 5 20 35 50 65 80
Dual Channel 600mA Step-Down Converter
Frequency vs. Temperature
(VIN = 3.6V; VOUT = 1.8V; ILOAD = 150mA; L = 2.2H)
Input Voltage (V)
Temperature (C)
RDS(ON) vs. Input Voltage
(TA = 25C)
0.45 0.40 0.612 0.609 0.606
(VIN = 3.6V; VOUT = 1.8V; ILOAD = 0mA)
VFB vs. Temperature
Voltage (V)
5.6 6.0
RDS(ON) ()
0.35 0.30 0.25 0.20 2.0
Main switch
0.603 0.600 0.597 0.594 0.591 0.588 -45 -30 -15 0 15 30 45 60 75 90
Synchronous switch
2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2
Input Voltage (V)
Temperature (C)
Load Transient Response (Light Load Mode to PWM Mode; L = 2.2H;
CIN = 10F; COUT = 10F; VIN = 3.6V; VOUT = 1.8V) VSW (2V/div) VOUT (200mV/div) IOUT (400mA/div)
Load Transient Response (PWM Mode Only; ILOAD = 180mA to 400mA; L = 2.2H;
CIN = 10F; COUT = 10F; VIN = 3.6V; VOUT = 1.8V) VSW (2V/div) VOUT (200mV/div) IOUT (500mA/div)
Time (20s/div)
Time (20s/div)
6
www.analogictech.com
2514.2008.02.1.1
PRODUCT DATASHEET
AAT2514
SwitchRegTM
Functional Block Diagram
Regulator 1
Slope Comp
Dual Channel 600mA Step-Down Converter
+ ISENSE
AMP
3
IN
-
600mV + EA -
+ I COMP S _Q R Q PWM Logic
FB1
1
NonOverlap Control
4
LX1
650mV
+ OVDET -
+ I ZERO
COMP
-
8 EN1 EN2 2 9 Bandgap Reference Overtemperature and Shortcircuit Protection POR Counter
POR
OSC
FB2 10
REGULATOR 2 (Same as Regulator 1)
7
LX2
Functional Description
The AAT2514 is a dual high performance 600mA, 1.5MHz fixed frequency monolithic switch-mode step-down converter which uses current mode architecture with an adaptive slope compensation scheme. It minimizes external component size and optimizes efficiency over the complete load range. The adaptive slope compensation allows the device to remain stable over a wider range of inductor values so that smaller values (1H to 4.7H) with associated lower DCR can be used to achieve higher efficiency. Apart from the small bypass input capacitor, only a small L-C filter is required at each output. The adjustable outputs can be programmed with external feedback to any
voltage, ranging from very low output voltages to the input voltage and by using an internal reference of 0.6V. The part uses internal MOSFETs for each channel to achieve high efficiency. At dropout, the converter duty cycle increases to 100% and the output voltages track the input voltage minus the low RDS(ON) drop of the P-channel high-side MOSFETs. The converter efficiency has been optimized for all load conditions, ranging from no load to 600mA at VIN = 3V with an input voltage range from 2.5V to 5.5V. The internal error amplifier and compensation provides excellent transient response, load, and line regulation. Internal soft start eliminates any output voltage overshoot when the enable or the input voltage is applied.
2514.2008.02.1.1
www.analogictech.com
7
PRODUCT DATASHEET
AAT2514
SwitchRegTM
Current Mode PWM Control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for excellent load and line response and protection of the internal main switch (P-channel MOSFET) and synchronous rectifier (N-channel MOSFET). During normal operation, the internal P-channel MOSFET is turned on for a specified time to ramp the inductor current at each rising edge of the internal oscillator, and is switched off when the peak inductor current is above the error voltage. The current comparator, ICOMP, limits the peak inductor current. When the main switch is off, the synchronous rectifier turns on immediately and stays on until either the inductor current starts to reverse, as indicated by the current reversal comparator, IZERO, or the beginning of the next clock cycle. The OVDET comparator controls output transient overshoot by turning the main switch off and keeping it off until the fault is no longer present.
Dual Channel 600mA Step-Down Converter
Current Limit and Over-Temperature Protection
For overload conditions, the peak input current is limited. To minimize power dissipation and stresses under current limit and short-circuit conditions, switching is terminated after entering current limit for a series of pulses. Switching is terminated for seven consecutive clock cycles after a current limit has been sensed for a series of four consecutive clock cycles. Thermal protection completely disables switching when internal dissipation becomes excessive. The junction over-temperature threshold is 140C with 15C of hysteresis. Once an over-temperature or over-current fault conditions is removed, the output voltage automatically recovers.
Dropout Operation
When the input voltage decreases toward the value of the output voltage, the AAT2514 allows the main switch to remain on for more than one switching cycle and increases the duty cycle until it reaches 100%. The duty cycle D of a step-down converter is defined as:
Control Loop
The AAT2514 is a peak current mode step-down converter. The current through the P-channel MOSFET (high side) is sensed for current loop control, as well as short circuit and overload protection. An adaptive slope compensation signal is added to the sensed current to maintain stability for duty cycles greater than 50%. The peak current mode loop appears as a voltage-programmed current source in parallel with the output capacitor. The output of the voltage error amplifier programs the current mode loop for the necessary peak switch current to force a constant output voltage for all load and line conditions. Internal loop compensation terminates the transconductance voltage error amplifier output. For fixed voltage versions, the error amplifier reference voltage is internally set to program the converter output voltage. For the adjustable output, the error amplifier reference is fixed at 0.6V.
D = TON * FOSC * 100%
VOUT * 100% VIN
Where TON is the main switch on time and FOSC is the oscillator frequency (1.5MHz). The output voltage then is the input voltage minus the voltage drop across the main switch and the inductor. At low input supply voltage, the RDS(ON) of the P-channel MOSFET increases and the efficiency of the converter decreases. Caution must be exercised to ensure the heat dissipated does not exceed the maximum junction temperature of the IC.
Maximum Load Current
The AAT2514 will operate with an input supply voltage as low as 2.5V; however, the maximum load current decreases at lower input due to the large IR drop on the main switch and synchronous rectifier. The slope compensation signal reduces the peak inductor current as a function of the duty cycle to prevent sub-harmonic oscillations at duty cycles greater than 50%. Conversely, the current limit increases as the duty cycle decreases.
Enable
The enable pins are active high. When pulled low, the enable input forces the AAT2514 into a low-power, nonswitching state. The total input current during shutdown is less than 2A.
8
www.analogictech.com
2514.2008.02.1.1
PRODUCT DATASHEET
AAT2514
SwitchRegTM
Applications Information
Setting the Output Voltage
Figure 1 shows the basic application circuit for the AAT2514. Resistors R1 and R3 and R2 and R4 program the output to regulate at a voltage higher than 0.6V. To limit the bias current required for the external feedback resistor string while maintaining good noise immunity, the minimum suggested value for R1 and R3 is 59k. Although a larger value will further reduce quiescent current, it will also increase the impedance of the feedback node, making it more sensitive to external noise and interference. Table 1 summarizes the resistor values for various output voltages with R1 and R3 set to either 59k for good noise immunity or 316k for reduced no load input current. The adjustable feedback resistors, combined with a external feed forward capacitors (C4 and C5 in Figure 1), deliver enhanced transient response for extreme pulsed load applications. The addition of the feed forward capacitor typically requires a larger output capacitor C2 and C3 for stability. The external resistor sets the output voltage according to the following equation:
Dual Channel 600mA Step-Down Converter
VOUT (V)
0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.8 1.85 2.0 2.5 3.3
R1, R3 = 59k R2, R4 (k)
19.6 29.4 39.2 49.9 59.0 68.1 78.7 88.7 118 124 137 187 267
R1, R3 = 316k R2, R4 (k)
105 158 210 261 316 365 422 475 634 655 732 1000 1430
Table 1: Resistor Selection for Output Voltage Setting; Standard 1% Resistor Values Substituted Closest to the Calculated Values.
Inductor Selection
For most designs, the AAT2514 operates with inductor values of 1H to 4.7H. Low inductance values are physically smaller, but require faster switching, which results in some efficiency loss. The inductor value can be derived from the following equation:
R 2 VOUT = 0.6 V * 1 + R1 or V R2 = OUT - 1 * R1 VREF
L=
VOUT * (VIN - VOUT) VIN * IL * fOSC

VIN 2.5V to 5.5V VOUT2 2.5V
2514.2008.02.1.1

Where IL is inductor ripple current. Large value inductors lower ripple current and small value inductors result in high ripple currents. Choose inductor ripple current approximately 35% of the maximum load current 600mA, or IL = 210mA.
EN1 C1 10F L2 2.2H EN2 POR IN
R5 100k RESET L1 2.2H VOUT1 1.8V
AAT2514
LX1
LX2 C5 22pF C3 10F FB2 R4 1M R3 316k GND
C4 22pF FB1 R1 316k R2 634k C2 10F
Figure 1: AAT2514 Typical Application Circuit.
www.analogictech.com
9
PRODUCT DATASHEET
AAT2514
SwitchRegTM
For output voltages above 2.0V, when light-load efficiency is important, the minimum recommended inductor size is 2.2H. For optimum voltage-positioning load transients, choose an inductor with DC series resistance in the 50m to 150m range. For higher efficiency at heavy loads (above 200mA), or minimal load regulation (with some transient overshoot), the resistance should be kept below 100m. The DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to prevent core saturation (600mA + 105mA). Table 2 lists some typical surface mount inductors that meet target applications for the AAT2514. Manufacturer's specifications list both the inductor DC current rating, which is a thermal limitation, and the peak current rating, which is determined by the saturation characteristics. The inductor should not show any appreciable saturation under normal load conditions. Some inductors may meet the peak and average current ratings yet result in excessive losses due to a high DCR. Always consider the losses associated with the DCR and its effect on the total converter efficiency when selecting an inductor. For example, the 2.2H CR43 series inductor selected from Sumida has a 71.2m DCR and a 1.75ADC current rating. At full load, the inductor DC loss is 25mW, which gives a 2.8% loss in efficiency for a 600mA, 1.5V output.
Dual Channel 600mA Step-Down Converter
put voltage levels. In order to do this and keep the stepdown converter stable when the duty cycle is greater than 50%, the AAT2514 separates the slope compensation into 2 phases. The required slope compensation is automatically detected by an internal circuit using the feedback voltage VFB before the error amp comparison to VREF.
VREF VFB
Error Amp
When below 50% duty cycle, the slope compensation is 0.284A/s; but when above 50% duty cycle, the slope compensation is set to 1.136A/s. The output inductor value must be selected so the inductor current down slope meets the internal slope compensation requirements. Below 50% duty cycle, the slope compensation requirement is:
m=
Therefore:
1.25 = 0.284A/s 2*L
Slope Compensation
The AAT2514 step-down converter uses peak current mode control with a unique adaptive slope compensation scheme to maintain stability with lower value inductors for duty cycles greater than 50%. Using lower value inductors provides better overall efficiency and also makes it easier to standardize on one inductor for different required out-
L=
Above 50% duty cycle,
0.625 = 2.2H m
m=
5 = 1.136A/s 2*L
Part
CDRH2D11/HP
L (H)
1.5 2.2 3.3 4.7 1.0 2.2 3.3 4.7 1.5 2.2 3.3 4.7
Max DCR (m)
80 120 173 238 45 75 110 162 120 140 180 240
Rated DC Current (A)
1.35 1.10 0.9 0.75 1.72 1.32 1.04 0.84 1.29 1.14 0.98 0.79
Size WxLxH (mm)
3.2x3.2x1.2
Sumida CDRH4D18
4.7x4.7x2.0
Toko D312C
3.6x3.6x1.2
Table 2: Typical Surface Mount Inductors.
10
www.analogictech.com
2514.2008.02.1.1
PRODUCT DATASHEET
AAT2514
SwitchRegTM
Therefore:
Dual Channel 600mA Step-Down Converter
2.5 L= = 2.2H m
To minimize stray inductance, the capacitor should be placed as closely as possible to the IC. This keeps the high frequency content of the input current localized, minimizing EMI and input voltage ripple. The proper placement of the input capacitor (C1) can be seen in the evaluation board layout in Figure 3. A laboratory test setup typically consists of two long wires running from the bench power supply to the evaluation board input voltage pins. The inductance of these wires, along with the lowESR ceramic input capacitor, can create a high Q net-work that may affect converter performance. This problem often becomes apparent in the form of excessive ringing in the output voltage during load transients. Errors in the loop phase and gain measurements can also result. Since the inductance of a short PCB trace feeding the input voltage is significantly lower than the power leads from the bench power supply, most applications do not exhibit this problem. In applications where the input power source lead inductance cannot be reduced to a level that does not affect the converter performance, a high ESR tantalum or aluminum electrolytic should be placed in parallel with the low ESR, ESL bypass ceramic. This dampens the high Q network and stabilizes the system.
With these adaptive settings, a 2.2H inductor can be used for all output voltages from 0.6V to 5V.
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device. The input capacitor impedance at the switching frequency shall be less than the input source impedance to prevent high frequency switching current passing to the input. The calculated value varies with input voltage and is a maximum when VIN is double the output voltage.
CIN =
V VO * 1- O VIN VIN
VPP - ESR * FS IO
VO V 1 * 1 - O = for VIN = 2 * VO VIN VIN 4 CIN(MIN) = 1
VPP - ESR * 4 * FS IO
Output Capacitor Selection
The function of output capacitance is to store energy to attempt to maintain a constant voltage. The energy is stored in the capacitor's electric field due to the voltage applied. The value of output capacitance is generally selected to limit output voltage ripple to the level required by the specification. Since the ripple current in the output inductor is usually determined by L, VOUT, and VIN, the series impedance of the capacitor primarily determines the output voltage ripple. The three elements of the capacitor that contribute to its impedance (and output voltage ripple) are equivalent series resistance (ESR), equivalent series inductance (ESL), and capacitance (C). The output voltage droop due to a load transient is dominated by the capacitance of the ceramic output capacitor. During a step increase in load current, the ceramic output capacitor alone supplies the load current until the loop responds. Within two or three switching cycles, the loop responds and the inductor current increases to match the load current demand. The relationship of the output voltage droop during the three switching cycles to the output capacitance can be estimated by:
A low ESR input capacitor sized for maximum RMS current must be used. Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and small temperature coefficients. A 22F ceramic capacitor for most applications is sufficient. A large value may be used for improved input voltage filtering. The maximum input capacitor RMS current is:
IRMS = IO *
VO V * 1- O VIN VIN
The input capacitor RMS ripple current varies with the input and output voltage and will always be less than or equal to half of the total DC load current
VO V * 1- O = VIN VIN
D * (1 - D) =
IO 2
0.52 =
1 2
IRMS(MAX) =
COUT =
3 * ILOAD VDROOP * FS
2514.2008.02.1.1
www.analogictech.com
11
PRODUCT DATASHEET
AAT2514
SwitchRegTM
In many practical designs, to get the required ESR, a capacitor with much more capacitance than is needed must be selected. For both continuous or discontinuous inductor current mode operation, the ESR of the COUT needed to limit the ripple to VO, V peak-to-peak is:
Dual Channel 600mA Step-Down Converter
Thermal Calculations
There are three types of losses associated with the AAT2514 step-down converter: switching losses, conduction losses, and quiescent current losses. Conduction losses are associated with the RDS(ON) characteristics of the power output switching devices. Switching losses are dominated by the gate charge of the power output switching devices. At full load, assuming continuous conduction mode(CCM), a simplified form of the losses is given by:
ESR
VO IL
Ripple current flowing through a capacitor's ESR causes power dissipation in the capacitor. This power dissipation causes a temperature increase internal to the capacitor. Excessive temperature can seriously shorten the expected life of a capacitor. Capacitors have ripple current ratings that are dependent on ambient temperature and should not be exceeded. The output capacitor ripple current is the inductor current, IL, minus the output current, IO. The RMS value of the ripple current flowing in the output capacitance (continuous inductor current mode operation) is given by:
PTOTAL =
IO2 * (RDSON(HS) * VO + RDSON(LS) * [VIN - VO]) VIN
+ (tsw * F * IO + IQ) * VIN
IQ is the step-down converter quiescent current. The term tsw is used to estimate the full load step-down converter switching losses. For the condition where the step-down converter is in dropout at 100% duty cycle, the total device dissipation reduces to:
IRMS = IL *
3 IL * 0.289 6
ESL can be a problem by causing ringing in the low megahertz region but can be controlled by choosing low ESL capacitors, limiting lead length (PCB and capacitor), and replacing one large device with several smaller ones connected in parallel. In conclusion, in order to meet the requirement of output voltage ripple small and regulation loop stability, ceramic capacitors with X5R or X7R dielectrics are recommended due to their low ESR and high ripple current ratings. The output ripple VOUT is determined by:
PTOTAL = IO2 * RDSON(HS) + IQ * VIN
Since RDS(ON), quiescent current, and switching losses all vary with input voltage, the total losses should be investigated over the complete input voltage range. Given the total losses, the maximum junction temperature can be derived from the JA for the MSOP-10 or DFN-10 packages, which is 45C/W.
TJ(MAX) = PTOTAL * JA + TAMB
VOUT
1 VOUT * (VIN - VOUT) * ESR + 8 * fOSC * C3 VIN * fOSC * L
A 10F ceramic capacitor can satisfy most applications.
Manufacturer
Murata Murata Murata
Part Number
GRM219R60J106KE19 GRM21BR60J226ME39 GRM1551X1E220JZ01B
Value
10F 22F 22pF
Voltage (V)
6.3 6.3 25
Temp. Co.
X5R X5R JIS
Case
0805 0805 0402
Table 3: Typical Surface Mount Capacitors.
12
www.analogictech.com
2514.2008.02.1.1
PRODUCT DATASHEET
AAT2514
SwitchRegTM
Layout Guidance
Figure 1 is the schematic for a typical application. When laying out the PC board, the following layout guidelines should be followed to ensure proper operation of the AAT2514: 1. Exposed pad must be reliably soldered to GND. The exposed thermal pad should be connected to the board ground plane and GND. The ground plane should include a large exposed copper pad under the package for thermal dissipation. The power traces, including the GND trace, the LX1/ LX2 traces, and the VIN trace should be kept short, direct and wide to allow large current flow. The L1/2 connection to the LX1/2 pins should be as short as possible. Use several VIA pads when routing between layers. The input capacitor (C1) should connect as closely as possible to IN and GND to get good power filtering.
Dual Channel 600mA Step-Down Converter
4. 5. Keep the switching nodes, LX1/LX2, away from the sensitive FB1/FB2 nodes. The feedback traces or FB pins should be separate from any power trace and connected as closely as possible to the load point. Sensing along a highcurrent load trace will degrade DC load regulation. The feedback resistors should be placed as close as possible to the FB pins to minimize the length of the high impedance feedback trace. The output capacitors C2/C3 and L1/L2 should be connected as close as possible and there should not be any signal lines under the inductor. The resistance of the trace from the load return to GND should be kept to a minimum. This will help to minimize any error in DC regulation due to differences in the potential of the internal signal ground and the power ground.
6.
2.
7.
3.
Figure 2 shows an example of a layout with 4 layers. The 2nd and 3rd layers are Internal GND Plane.
a: Top Layer
b: Bottom Layer
Figure 2: AAT2514 Typical Application Circuit Layout.
2514.2008.02.1.1
www.analogictech.com
13
PRODUCT DATASHEET
AAT2514
SwitchRegTM
Ordering Information
Output Voltage1
Adj. 0.6V to VIN
Dual Channel 600mA Step-Down Converter
Package
TDFN33-10
Marking2
ZBXYY
Part Number (Tape & Reel)3
AAT2514IDE-AA-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/about/quality.aspx.
Package Information4
TDFN33-10
0.23 0.05 0.500 BSC
3.00 0.05
1.70 0.05
Pin 1 identification R0.200
Pin 1 dot by marking
0.40 0.05 3.00 0.05 2.40 0.05
Top View
Bottom View
0.75 0.05
0.05 0.05
Side View
All dimensions in millimeters.
1. 2. 3. 4.
Please contact Sales for other voltage options. XYY = assembly and date code. Sample stock is generally held on part numbers listed in BOLD. The leadless package family, which includes QFN, TQFN, DFN, TDFN and STDFN, has exposed copper (unplated) at the end of the lead terminals due to the manufacturing process. A solder fillet at the exposed copper edge cannot be guaranteed and is not required to ensure a proper bottom solder connection.
Advanced Analogic Technologies, Inc. 3230 Scott Boulevard, Santa Clara, CA 95054 Phone (408) 737-4600 Fax (408) 737-4611
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Except as provided in AnalogicTech's terms and conditions of sale, AnalogicTech assumes no liability whatsoever, and AnalogicTech disclaims any express or implied warranty relating to the sale and/or use of AnalogicTech products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. In order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed. AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are registered trademarks or trademarks of their respective holders.
14
www.analogictech.com
0.203 REF
2514.2008.02.1.1


▲Up To Search▲   

 
Price & Availability of AAT251408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X