![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/22/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0901481118 Active cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) PC Board Connector, Single Row, Right Angle, 1.0m (40") Tin (Sn), 18 Circuits Documents: 3D Model Drawing (PDF) RoHS Certificate of Compliance (PDF) Series Agency Certification CSA UL LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Overview Product Name PCB Receptacles 90148 Board-to-Board cgrid__sl_products C-Grid(R) Physical Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) 18 18 Black 30 94V-0 No No None No Phosphor Bronze Tin Tin Polyester 1 Right Angle 0.114 In 2.90 mm No None 0.062 In 1.60 mm Tube 0.100 In 2.54 mm 0.100 In 2.54 mm 40 1.00 40 1.00 Yes No No No Search Parts in this Series 90148Series Mates With C-Grid IIITM Header 90120 , 90121 Temperature Range - Operating Termination Interface: Style -55C to +125C Through Hole Electrical Current - Maximum per Contact Grounding to PCB Voltage - Maximum 3A No 350V AC/DC Solder Process Data Lead-free Process Capability Process Temperature max. C Wave Capable (TH only) 260 Material Info Reference - Drawing Numbers Sales Drawing SDA-90148 This document was generated on 05/22/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 90148-1118
![]() |