Part Number Hot Search : 
22E0430 BLP6060A R101G LTC2321 MC35001B LM117 230CC P6SMB15A
Product Description
Full Text Search
 

To Download 74AHC1G66GV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
Rev. 04 -- 18 December 2008 Product data sheet
1. General description
74AHC1G66 and 74AHCT1G66 are high-speed Si-gate CMOS devices. They are single-pole single-throw analog switches. The switch has two input/output pins (Y and Z) and an active HIGH enable input pin (E). When pin E is LOW, the analog switch is turned off.
2. Features
I Very low ON resistance: N 26 (typ.) at VCC = 3.0 V N 16 (typ.) at VCC = 4.5 V N 14 (typ.) at VCC = 5.5 V I High noise immunity I Low power dissipation I Balanced propagation delays I Multiple package options I ESD protection: N HMB JESD22-A114E exceeds 2000 V N MM JESD22-A115-A exceeds 200 V N CDM JESD22-C101C exceeds 1000 V I Specified from -40 C to +85 C and -40 C to +125 C
3. Ordering information
Table 1. Ordering information Package Temperature range 74AHC1G66GW 74AHCT1G66GW 74AHC1G66GV 74AHCT1G66GV -40 C to +125 C SC-74A -40 C to +125 C Name TSSOP5 Description plastic thin shrink small outline package; 5 leads; body width 1.25 mm plastic surface-mounted package; 5 leads Version SOT353-1 SOT753 Type number
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
4. Marking
Table 2. Marking codes Marking AL CL A66 C66 Type number 74AHC1G66GW 74AHCT1G66GW 74AHC1G66GV 74AHCT1G66GV
5. Functional diagram
Z
E Z Y
001aag487
E
Y
VCC
mna628
Fig 1. Logic symbol
Fig 2. Logic diagram
6. Pinning information
6.1 Pinning
74AHC1G66 74AHCT1G66
Y Z 1 2 5 VCC
GND
3
001aai834
4
E
Fig 3.
Pin configuration SOT353-1 and SOT753
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
2 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
6.2 Pin description
Table 3. Symbol Y Z GND E VCC Pin description Pin 1 2 3 4 5 Description independent input or output independent input or output ground (0 V) enable input (active HIGH) supply voltage
7. Functional description
Table 4. Input E L H
[1] H = HIGH voltage level; L = LOW voltage level.
Function table[1] Switch OFF ON
8. Limiting values
Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC IIK ISK ISW ICC IGND Tstg Ptot
[1] [2]
Parameter supply voltage input clamping current switch clamping current switch current supply current ground current storage temperature total power dissipation
Conditions VI < -0.5 V VI < -0.5 V or VI > VCC + 0.5 V -0.5 V < VO < VCC + 0.5 V
[1] [1]
Min -0.5 -20 -75 -65
Max +7.0 20 25 75 +150 250
Unit V mA mA mA mA mA C mW
Tamb = -40 C to +125 C
[2]
-
The input and output voltage ratings may be exceeded if the input and output voltage ratings are observed. For TSSOP5 and SC-74A packages: above 87.5 C the value of Ptot derates linearly with 4.0 mW/K.
9. Recommended operating conditions
Table 6. Recommended operating conditions Voltages are referenced to GND (ground = 0 V).[1] Symbol Parameter VCC VI VSW supply voltage input voltage switch voltage Conditions Min 2.0 0 0 74AHC1G66 Typ 5.0 Max 5.5 5.5 VCC 4.5 0 0 74AHCT1G66 Min Typ 5.0 Max 5.5 5.5 VCC V V V Unit
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
3 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
Table 6. Recommended operating conditions ...continued Voltages are referenced to GND (ground = 0 V).[1] Symbol Parameter Tamb t/V ambient temperature input transition rise and VCC = 3.3 0.3 V fall rate VCC = 5.0 0.5 V
[2] [2]
Conditions Min -40 -
74AHC1G66 Typ +25 Max +125 100 20 -40 -
74AHCT1G66 Min Typ +25 Max +125 20
Unit C ns/V ns/V
[1]
To avoid drawing VCC current out of pin Z, when switch current flows in pin Y, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into pin Z, no VCC current will flow out of terminal Y. In this case there is no limit for the voltage drop across the switch, but the voltage at pins Y and Z may not exceed VCC or GND. Applies to control signal levels.
[2]
10. Static characteristics
Table 7. Static characteristics Voltages are referenced to GND (ground = 0 V). Symbol Parameter 74AHC1G66 VIH HIGH-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VIL LOW-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V II IS(OFF) input leakage current OFF-state leakage current ON-state leakage current VI = 5.5 V or GND; VCC = 5.5 V Y or Z; VCC = 5.5 V; see Figure 4 Y or Z; VCC = 5.5 V; see Figure 5 1.5 2.1 3.85 0.5 0.9 1.65 0.1 0.1 1.5 2.1 3.85 0.5 0.9 1.65 1.0 1.0 1.5 2.1 3.85 0.5 0.9 1.65 2.0 4.0 V V V V V V A A Conditions Min 25 C Typ Max -40 C to +85 C -40 C to +125 C Unit Min Max Min Max
IS(ON)
-
-
0.1
-
1.0
-
4.0
A
ICC CI CS(ON)
supply current E, Y or Z = VCC or GND; VCC = 5.5 V input capacitance ON-state capacitance HIGH-level input voltage LOW-level input voltage input leakage current E input Y or Z input or output
-
2.0 4.0
1.0 10 10
-
10 10 10
-
40 10 10
A pF pF
74AHCT1G66 VIH VIL II VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V VI = 5.5 V or GND; VCC = 5.5 V 2.0 0.8 0.1 2.0 0.8 1.0 2.0 0.8 2.0 V V A
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
4 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
Table 7. Static characteristics ...continued Voltages are referenced to GND (ground = 0 V). Symbol Parameter IS(OFF) OFF-state leakage current ON-state leakage current Conditions Min Y or Z; VCC = 5.5 V; see Figure 4 Y or Z; VCC = 5.5 V; see Figure 5 25 C Typ Max 0.1 -40 C to +85 C -40 C to +125 C Unit Min Max 1.0 Min Max 4.0 A
IS(ON)
-
-
0.1
-
1.0
-
4.0
A
ICC ICC
supply current E, Y or Z = VCC or GND; VCC = 5.5 V additional per input pin; VI = 3.4 V; supply current other inputs at VCC or GND; IO = 0 A; VCC = 5.5 V input capacitance ON-state capacitance E input Y or Z input or output
-
-
1.0 1.35
-
10 1.5
-
40 1.5
A mA
CI CS(ON)
-
2.0 4.0
10 10
-
10 10
-
10 10
pF pF
10.1 Test circuits
VCC VIL IS
VI
VCC VIH Z IS
VO VI
E Y GND
E Y GND Z
IS
VO
001aai835
001aai836
VI = VCC or GND and VO = GND or VCC.
VI = VCC or GND and VO = open circuit.
Fig 4. Test circuit for measuring OFF-state leakage current
Fig 5. Test circuit for measuring ON-state leakage current
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
5 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
10.2 ON resistance
Table 8. ON resistance At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graph see Figure 7 [1]. Symbol Parameter Conditions 25 C Typ 74AHC1G66 and 74AHCT1G66 RON(peak) ON resistance (peak) VI = VCC to GND; see Figure 6 ISW = 1.0 mA; VCC = 2.0 V ISW = 10 mA; VCC = 3.0 V to 3.6 V ISW = 10 mA; VCC = 4.5 V to 5.5 V RON(rail) ON resistance (rail) VI = GND; see Figure 6 ISW = 1.0 mA; VCC = 2.0 V ISW = 10 mA; VCC = 3.0 V to 3.6 V ISW = 10 mA; VCC = 4.5 V to 5.5 V VI = VCC; see Figure 6 ISW = 1.0 mA; VCC = 2.0 V ISW = 10 mA; VCC = 3.0 V to 3.6 V ISW = 10 mA; VCC = 4.5 V to 5.5 V
[1]
-40 C to +85 C -40 C to +125 C Unit Max Max
max
148[1] 28 15 30 20 15 28 18 13
50 30 50 22 50 22
70 40 65 26 65 26
110 60 90 40 90 40

At supply voltages approaching 2 V, the analog switch ON resistance becomes extremely non-linear. Therefore it is recommended that these devices be used to transmit digital signals only, when using this supply voltage.
10.3 ON resistance test circuit and graphs
mna630
40 RON () 30 VSW VCC VIH E Y GND Z 10 20 4.5 V VCC = 3.0 V
5.5 V
VI
ISW
0 0
001aag490
2
4
VI (V)
6
RON = VSW / ISW.
Tamb = 25 C.
Fig 6.
Test circuit for measuring ON resistance
Fig 7.
Typical ON resistance as a function of input voltage
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
6 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
11. Dynamic characteristics
Table 9. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); CL = 50 pF; unless otherwise specified; For test circuit see Figure 10. Symbol Parameter 74AHC1G66 tpd propagation delay Y to Z or Z to Y; see Figure 8 VCC = 2.0 V VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V ten enable time E to Y or Z; see Figure 9 VCC = 2.0 V; CL = 15 pF VCC = 2.0 V VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 4.5 V to 5.5 V tdis disable time E to Y or Z; see Figure 9 VCC = 2.0 V; CL = 15 pF VCC = 2.0 V VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 4.5 V to 5.5 V CPD power dissipation capacitance propagation delay enable time VI = GND to VCC
[3] [2] [2] [2]
Conditions
25 C Typ[1] max
-40 C to +85 C -40 C to +125 C Unit Max Max
2.2 1.0 0.6 7.0 11.0 4.0 5.8 3.0 4.0 9.0 13.0 6.0 8.4 5.0 6.1 13
5.0 2.0 1.0 25.0 35.0 11.0 15.0 8.0 11.0 25.0 35.0 11.0 15.0 8.0 11.0 -
6.0 3.0 2.0 33.0 46.0 14.0 20.0 10.0 13.0 33.0 46.0 14.0 20.0 10.0 13.0 -
7.0 4.0 3.0 40.0 57.0 18.0 25.0 13.0 17.0 40.0 57.0 18.0 25.0 13.0 17.0 -
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns pF
74AHCT1G66 tpd ten Y to Z or Z to Y; see Figure 8 VCC = 4.5 V to 5.5 V E to Y or Z; see Figure 9 VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 4.5 V to 5.5 V tdis disable time E to Y or Z; see Figure 9 VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 4.5 V to 5.5 V
[2] [2] [2]
0.7 3.0 4.7 5.0 6.5
1.0 7.0 10.0 8.0 11.0
2.0 10.0 13.0 10.0 13.0
3.0 13.0 17.0 13.0 17.0
ns ns ns ns ns
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
7 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
Table 9. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); CL = 50 pF; unless otherwise specified; For test circuit see Figure 10. Symbol Parameter CPD power dissipation capacitance Conditions VI = GND to VCC
[3]
25 C Typ[1] 15 max -
-40 C to +85 C -40 C to +125 C Unit Max Max pF
[1] [2]
All typical values are measured at VCC = 2.0 V, VCC = 3.3 V, VCC = 5.0 V and Tamb = 25 C. tpd is the same as tPLH and tPHL. ten is the same as tPZL and tPZH. tdis is the same as tPLZ and tPHZ. CPD is used to determine the dynamic power dissipation PD (W). PD = CPD x VCC2 x fi + ((CL x CSW) x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; CSW = maximum switch capacitance in pF (see Table 7); VCC = supply voltage in Volt; ((CL x CSW) x VCC2 x fo) = sum of outputs.
[3]
11.1 Waveforms and test circuit
VI Y or Z input GND t PLH VOH Z or Y output VOL
mna667
VM
t PHL
VM
Measurement points are given in Table 10. Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
Input (Y or Z) to output (Z or Y) propagation delays
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
8 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
VI E GND t PLZ VCC Y or Z output LOW-to-OFF OFF-to-LOW VOL t PHZ output HIGH-to-OFF OFF-to-HIGH VOH VY VM GND switch enabled switch disabled switch enabled
mna668
VM
t PZL
VM VX t PZH
Y or Z
Measurement points are given in Table 10. Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 9. Table 10. Type
Enable and disable times Measurement points Input VM 0.5VCC 1.5 V Output VM 0.5VCC 1.5 V VX VOL + 0.3 V VOL + 0.3 V VY VOH - 0.3 V VOH - 0.3 V
74AHC1G66 74AHCT1G66
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
9 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
VI negative pulse 0V
tW 90 % VM 10 % tf tr tr tf 90 % VM 10 % tW VM VM
VI positive pulse 0V
VCC
VCC
G
VI
VO
RL
S1
DUT
RT CL
open
001aad983
Test data is given in Table 11. Definitions for test circuit: RT = Termination resistance should be equal to output impedance Zo of the pulse generator. CL = Load capacitance including jig and probe capacitance. RL = Load resistance. S1 = Test selection switch.
Fig 10. Test circuit for measuring switching times Table 11. Type 74AHC1G66 74AHCT1G66 Test data Input VI GND to VCC GND to 3 V tr, tf 3 ns 3 ns Load CL 15 pF, 50 pF 15 pF, 50 pF RL 1 k 1 k S1 position tPHL, tPLH open open tPZH, tPHZ GND GND tPZL, tPLZ VCC VCC
11.2 Additional dynamic characteristics
Table 12. Additional dynamic characteristics for 74AHC1G66 and 74AHCT1G66 GND = 0 V; tr = tf = 3.0 ns; CL = 50 pF; unless otherwise specified. All typical values are measured at Tamb = 25 C. Symbol THD Parameter total harmonic distortion Conditions fi = 1 kHz; RL = 10 k; see Figure 11 VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V fi = 10 kHz; RL = 10 k; see Figure 11 VCC = 3.0 V to 3.6 V; VI = 2.5 V VCC = 4.5 V to 5.5 V; VI = 4.0 V 0.025 0.015 % % 0.025 0.015 % % Min Typ Max Unit
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
10 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
Table 12. Additional dynamic characteristics for 74AHC1G66 and 74AHCT1G66 ...continued GND = 0 V; tr = tf = 3.0 ns; CL = 50 pF; unless otherwise specified. All typical values are measured at Tamb = 25 C. Symbol f(-3dB) Parameter -3 dB frequency response Conditions RL = 50 ; CL = 10 pF; see Figure 12 and 13 VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V iso isolation (OFF-state) RL = 600 ; fi = 1 MHz; see Figure 14 VCC = 3.0 V to 3.6 V; VI = 2.5 V VCC = 4.5 V to 5.5 V; VI = 4.0 V
[1] Adjust input voltage VI to 0 dBm level (0 dBm =1 mW into 50 ).
[1]
Min
Typ
Max
Unit
-
230 280 -50 -50
-
MHz MHz dB dB
11.3 Test circuits and graphs
VCC VIH
10 F
VCC
E
2RL
Y/Z
Z/Y
VO
2RL CL
fi
D
001aai678
Test conditions: VCC = 3.0 V to 3.6 V; VI = 2.5 V (p-p). VCC = 4.5 V to 5.5 V; VI = 4.0 V (p-p).
Fig 11. Test circuit for measuring total harmonic distortion
VCC VIH
0.1 F
VCC
E
2RL
Y/Z
Z/Y
VO
2RL CL
fi
dB
001aai680
With fi = 1 MHz adjust the switch input voltage for a 0 dBm level at the switch output, (0 dBm = 1 mW into 50 ). Then increase the input fi frequency until the dB meter reads -3 dB.
Fig 12. Test circuit for measuring the -3 dB frequency response
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
11 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
001aai837
4 (dB) 2
0
-2
-4 104 105 106 107 108 fi (Hz) 109
Test conditions: VCC = 4.5 V; GND = 0 V; RL = 50 ; RSOURCE = 1 k.
Fig 13. Typical -3 dB frequency response
VCC VIL
0.1 F
VCC
E
2RL
Y/Z
Z/Y
VO
CL 2RL
fi
dB
001aai679
Adjust the switch input voltage for a 0 dBm level (0 dBm = 1 mW into 600 ).
Fig 14. Test circuit for measuring isolation (OFF-state)
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
12 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
12. Package outline
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm SOT353-1
D
E
A X
c y HE vMA
Z
5
4
A2 A1 (A3) A
1
e e1 bp
3
wM detail X
Lp L
0
1.5 scale
3 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.1 0 A2 1.0 0.8 A3 0.15 bp 0.30 0.15 c 0.25 0.08 D(1) 2.25 1.85 E(1) 1.35 1.15 e 0.65 e1 1.3 HE 2.25 2.0 L 0.425 Lp 0.46 0.21 v 0.3 w 0.1 y 0.1 Z(1) 0.60 0.15 7 0
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT353-1 REFERENCES IEC JEDEC MO-203 JEITA SC-88A EUROPEAN PROJECTION ISSUE DATE 00-09-01 03-02-19
Fig 15. Package outline SOT353-1 (TSSOP5)
74AHC_AHCT1G66_4 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
13 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
Plastic surface-mounted package; 5 leads
SOT753
D
B
E
A
X
y
HE
vMA
5
4
Q
A A1 c
1
2
3
detail X
Lp
e
bp
wM B
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.100 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT753
REFERENCES IEC JEDEC JEITA SC-74A
EUROPEAN PROJECTION
ISSUE DATE 02-04-16 06-03-16
Fig 16. Package outline SOT753 (SC-74A)
74AHC_AHCT1G66_4 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
14 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
13. Abbreviations
Table 13. Acronym CDM CMOS DUT ESD HBM MM Abbreviations Description Charged Device Model Complementary Metal-Oxide Semiconductor Device Under Test ElectroStatic Discharge Human Body Model Machine Model
14. Revision history
Table 14. Revision history Release date 20081218 Data sheet status Product data sheet Change notice Supersedes 74AHC_AHCT1G66_3 Document ID 74AHC_AHCT1G66_4 Modifications:
* * * * *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Package SOT353 changed to SOT353-1 in Table 1 and Figure 15. Quick Reference Data and Soldering sections removed. Section 2 "Features" updated. Product specification Product specification Product specification 74AHC_AHCT1G66_2 74AHC_AHCT1G66_1 -
74AHC_AHCT1G66_3 74AHC_AHCT1G66_2 74AHC_AHCT1G66_1
20020606 20020215 20010129
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
15 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
15. Legal information
15.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
15.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
15.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
15.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
16. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
74AHC_AHCT1G66_4
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 -- 18 December 2008
16 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
17. Contents
1 2 3 4 5 6 6.1 6.2 7 8 9 10 10.1 10.2 10.3 11 11.1 11.2 11.3 12 13 14 15 15.1 15.2 15.3 15.4 16 17 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 1 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Recommended operating conditions. . . . . . . . 3 Static characteristics. . . . . . . . . . . . . . . . . . . . . 4 Test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 ON resistance . . . . . . . . . . . . . . . . . . . . . . . . . . 6 ON resistance test circuit and graphs. . . . . . . . 6 Dynamic characteristics . . . . . . . . . . . . . . . . . . 7 Waveforms and test circuit . . . . . . . . . . . . . . . . 8 Additional dynamic characteristics . . . . . . . . . 10 Test circuits and graphs . . . . . . . . . . . . . . . . . 11 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 13 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 15 Legal information. . . . . . . . . . . . . . . . . . . . . . . 16 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 16 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Contact information. . . . . . . . . . . . . . . . . . . . . 16 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 18 December 2008 Document identifier: 74AHC_AHCT1G66_4


▲Up To Search▲   

 
Price & Availability of 74AHC1G66GV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X