Part Number Hot Search : 
SMA592 XX1002 SMA592 HY5DV64 ENV50140 BU2506 1N6285A 30130
Product Description
Full Text Search
 

To Download 71742-0005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0717420005 Active
1.00mm (.039") Pitch Mezzanine Receptacle, Surface Mount, Dual Row, Vertical Stacking, 84 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-71741-9999 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Product Name PCB Receptacles 71742 Board-to-Board Mezzanine
Physical
Circuits (Loaded) Color - Resin Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Robotic Placement Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 84 Natural 94V-0 No Yes Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical Yes None 0.040 In 1.00 mm Embossed Tape on Reel 0.039 In 1.00 mm 30.4 0.76 76.4 1.91 No Pick and Place Cap N/A -55C to +85C Surface Mount
Search Parts in this Series 71742Series Mates With 717410 for Stack Height 10mm, 717412 for Stack Height 8mm
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 100V
Solder Process Data
Lead-free Process Capability Process Temperature max. C Reflow Capable (SMT only) 260
Material Info
Reference - Drawing Numbers
Product Specification Sales Drawing PS-71741-9999 SDA-71742-0***
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 71742-0005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X