Part Number Hot Search : 
P03HDL SA158 ON1278 1N5333 C124GC NTE2556 215500 2SC4589
Product Description
Full Text Search
 

To Download 71425-3001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Test Summary (PDF) Drawing (PDF)
0714253001 Active
0.80mm (.031") Pitch Ultra+TM VHDCI Plug Kit, IDT
Product Specification PS-71425-9999 (PDF) RoHS Certificate of Compliance (PDF) Series I/O Connectors 71425 Wire-to-Board Plug SCSI+, VHDCI N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Gender Lock to Mating Part Material - Plating Mating Number of Rows Orientation PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG N/A 68 68 500 Plug Yes Gold 2 Vertical No N/A Tray No 0.031 In 0.80 mm 0.031 In 0.80 mm Yes N/A 1 No -55C to +85C N/A No 30
Search Parts in this Series 71425Series Mates With Ultra+TM VHDCI Receptacles: 71430, 73776, and 74337 Use With 73796 Strain Relief Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Manual Arbor Press, 0622004500 VHDCI Semi-Automatic 0623004100 VHDCI Terminator for Ultra+TM Connectors
Electrical
Current - Maximum per Contact Shield Type Shielded Voltage - Maximum 0.5A Full Shield Yes 30V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-71425-9999, RPS-71425-001 SD-71425-2002
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 71425-3001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X