Part Number Hot Search : 
R1210 1485815 LH1546 854668 KDS128U O55CC MX29LV 150CA
Product Description
Full Text Search
 

To Download 53625-0474 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0536250474 Active
slimstack_0635mm_025_pitch 0.635mm (.025") Pitch SlimStackTM Header, Surface Mount, Dual Row, Vertical Stacking, 13.00mm (.512") Stack Height, Lead-free, 40 Circuits, with Embossed Tape with Cover Packaging
Documents: 3D Model Drawing (PDF)
Product Specification PS-52760-015 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Comments Overview Product Name PCB Headers 53625 Board-to-Board Stacking-Type slimstack_0635mm_025_pitch SlimStackTM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Robotic Placement Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 40 40 Natural 50 No No No None None 0.276 In, 0.512 In 13.00 mm, 7.00 mm Phosphor Bronze, Stainless Steel Gold Tin High Temperature Thermoplastic 2 Vertical Yes Yes Embossed Tape on Reel 0.025 In 0.64 mm 10 0.25 40 1 Yes Metal Cap Fully No -55C to +85C Surface Mount
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 53625Series Mates With SlimStackTM Receptacle 52760 , 52837 , 52885 , 52901
Electrical
Current - Maximum per Contact 0.5A
Voltage - Maximum
100V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-53625-001 PS-52760-015, RPS-52760-017, RPS-52760-018, RPS-52760-020, RPS-52760-021, RPS-52760-027, RPS-52760-029 SD-53625-002, SD-53625-003
Sales Drawing
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 53625-0474

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X