Part Number Hot Search : 
HVC365 SMCJXXX TMP88 HER102 30500 MMBTA CD401 BAS21
Product Description
Full Text Search
 

To Download 52147-1110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0521471110 Active
2.00mm (.079") Pitch Wire Trap, Pull-Cover Style, Vertical, 11 Circuits
Product Specification PS-52147-001 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
UL E29179
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 52147 Pull-Cover One Piece No Board-In, Wire Trap
Physical
Circuits (Loaded) Entry Angle Flammability Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire/Cable Type 11 Vertical 94V-0 None Phosphor Bronze Tin Tin 1 Yes 0.062 In 1.60 mm Tray 0.079 In 2.00 mm 36 0.90 36 0.90 N/A No No No -40C to +105C Through Hole - Kinked Pin 1.60mm (.063") max. 26 Ribbon Cable
Search Parts in this Series 52147Series Mates With N/A Use With Topcoated ribbon cable
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 150V
Material Info Reference - Drawing Numbers
Product Specification PS-52147-001, RPS-52147-001, RPS-52147-002, RPS-52147-003, RPS-52147-004
Sales Drawing
SD-52147-**10
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 52147-1110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X