|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
R NPN HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR 3DD5602I/U/M IC VCEO VCBO PC(TO-251/252) PC(TO-126) MAIN CHARACTERISTICS 1.0A 800V 1500V 10W 20W Package APPLICATIONS Battery charger High frequency switching power supply High frequency power transform Commonly power amplifier TO-251 (3DD5602I) TO-252 (3DD5602U) RoHS FEATURES High breakdown voltage High current capability High switching speed High reliability RoHS product TO-126 (3DD5602M) ORDER MESSAGE Order codes 3DD5602I -O- I -N-B 3DD5602I -O- I -N-C 3DD5602U-O-U-N-B 3DD5602U-O-U-N-C 3DD5602M-O-M-N-B 3DD5602M-O-M-N-C Halogen Free NO NO NO NO NO NO Marking D5602I D5602I D5602U D5602U D5602M D5602M Package TO-251 TO-251 TO-252 TO-252 TO-126 TO-126 Packaging Tube Bag Tube Bag Tube Bag 200910C 1/6 R 3DD5602(IUM) ABSOLUTE RATINGS (Tc=25) Parameter Symbol VCBO VCEO VEBO IC ICP PC PC Tj Tstg Value 1500 800 6 1.0 2.0 10 20 150 -55~+150 Unit V V V A A W W -- -- -- Collector- Base Voltage Collector- Emitter Voltage Emitter-Base Voltage Collector CurrentDC Collector Currentpulse Total Dissipation (TO-251/252) Total Dissipation (TO-126) Junction Temperature Storage Temperature ELECTRICAL CHARACTERISTIC V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) tf ts fT Parameter Tests conditions IC=10mA,IB=0 IC=1mA,IB=0 IE=1mA,IC=0 VCB=1400V, IE=0 VCE=780V,IB=0 VEB=6V, IC=0 VCE=5V, VCE=5V, IC=0.5A, IC=1.0A, VCC=24V VCC=24V IC=100mA IC=1.0A IB=0.1A IB=0.2A IC=0.25A,IB1=-IB2=0.05A IC=0.25A,IB1=-IB2=0.05A Value(min) 850 1600 8 -30 5.0 0.3 0.8 - 5 10 5 40 0.8 1.2 0.7 5 - Value(typ) Value(max) Unit V V V A A A V V S S MHz 800 1500 6 20 3.0 4 VCE=10V, IC=0.1A THERMAL CHARACTERISTIC Parameter Symbol TO-251/252 TO-126 Rth(j-c) Rth(j-c) Value(min) Value(max) Unit /W /W TO-251/252 Thermal Resistance Junction Case TO-126 Thermal Resistance Junction Case - 12.5 6.25 200910C 2/6 R 3DD5602(IUM) ELECTRICAL CHARACTERISTICS (curves) hFE - IC VCE(sat)- IC 1 100 VCE(sat) hFE Tj=100 0.9 0.8 0.7 0.6 0.5 0.4 0.3 Ic/Ib=5 Tj=100 Tj=25 10 Vce=5V 1 0.000 0.001 0.010 0.100 1.000 10.000 0.2 0.1 0 0.1 Tj=25 1 ICA VBEsat- IC VBE(sat)V 0.95 0.9 0.85 0.8 0.75 0.7 0.65 0.6 0.1 1 ICA SOA ICA TC=25 DC Ic/Ib=5 Tj=25 CURVES MUST BE DERATED Tj=100 LINEARLY WITH INCREASE IN TEMPERATURE ICA PC-TC PC (percent) VCEV TC 200910C 3/6 R 3DD5602(IUM) Unit mm PACKAGE MECHANICAL DATA TO-251 A b b1 C D1 D2 E E1 e F L Q1 a1 a2 a3 2.20-2.40 0.55-0.65 0.70-0.90 0.45-0.55 1.40-1.60 5.40-5.60 6.40-6.60 5.20-5.40 2.25-2.35 0.45-0.55 7.60-7.80 1.15-1.25 4 O -6 O 4 O -6 O 4 O -6 O PACKAGE MECHANICAL DATA TO-252 A b b1 C D1 D2 E E1 e F L L1 L2 L3 Q1 Unit mm 2.20-2.40 0.55-0.65 0.70-0.90 0.45-0.55 1.40-1.60 5.40-5.60 6.40-6.60 5.20-5.40 2.25-2.35 0.45-0.55 2.60-2.80 0.90-1.10 1.70-1.90 0.70-0.90 1.15-1.25 200910C 4/6 R 3DD5602(IUM) Unit mm PACKAGE MECHANICAL DATA TO-126 A B c D E e L F ] 2.50-2.90 0.60-0.90 0.30-0.70 10.50-11.10 7.10-8.10 2.19-2.39 14.0-17.0 1.07-1.47 4O 3O 2.90-3.30 Z Z1 P 200910C 5/6 R 3DD5602(IUM) NOTE 1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice. 1. 2. 3. 4. \ 99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 Date 2009-6-24 2009-9-1 2009-10-29 Last Rev. 200906A 200906A 200909B CONTACT JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel 86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533 Description of Changes SOA AppendixRevision History New Rev. 200909B 200910C 200910C 6/6 |
Price & Availability of 3DD5602I-O-I-N-B |