Part Number Hot Search : 
12020 1SS412 120600 AD975 LA000A1U 12020 MP6TP P121K
Product Description
Full Text Search
 

To Download 3DD4242DI-O-I-N-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
NPN HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4242D(T/I/M)
IC VCEO PC(TO-92) PC(TO-251\TO-252) PC(TO-126)
MAIN CHARACTERISTICS
1.5A 400V 1W 10W 20W
Package

APPLICATIONS
Electronic ballasts High frequency switching power supply High frequency power transform Commonly power amplifier circuit TO-92 (3DD4242DT) TO-251 (3DD4242DI)
RoHS
FEATURES
High breakdown voltage High current capability High switching speed High reliability RoHS product TO-126 (3DD4242DM) TO-252 (3DD4242DUI)
ORDER MESSAGE
Order codes 3DD4242DT-O-T-B-A 3DD4242DT-O-T-N-C 3DD4242DI -O- I -N-B 3DD4242DI -O- I -N-C 3DD4242DU -O- I -B-B 3DD4242DU -O- I -B-C 3DD4242DM-O-M-N-B 3DD4242DM-O-M-N-C 4242DT 4242DT 4242DI 4242DI 4242DU 4242DU 4242DM 4242DM Halogen Free NO NO NO NO NO NO NO NO TO-92 TO-92 TO-251 TO-251 TO-252 TO-252 TO-126 TO-126 Brede Bag Tube Bag Tube Bag Tube Bag Marking Package Packaging
201103B
1/6
R
3DD4242D(T/I/M)
ABSOLUTE RATINGS (Tc=25)
Parameter Symbol VCES VCEO VEBO IC ICP PC PC PC Tj Tstg Value 700 400 9 1.5 3.0 1 10 20 150 -55~+150 Unit V V V A A W W W
-- -- --
Collector- Emitter VoltageVBE=0 Collector- Emitter VoltageIB=0 Emitter-Base Voltage Collector CurrentDC Collector Currentpulse Total Dissipation (TO-92) Total Dissipation (TO-251) Total Dissipation (TO-126) Junction Temperature Storage Temperature
ELECTRICAL CHARACTERISTIC
V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) tf ts fT
Parameter
Tests conditions Ic=10mA,IB=0 Ic=1mA,IB=0 IE=1mA,Ic=0 VCB=700V, IE=0 VCE=400V,IB=0 VEB=7V, IC=0 VCE=10V, IC=100mA VCE=5V, IC=0.5A, IC=0.5A, VCC=24V IC=1.5A IB=100mA IB=100mA IC=0.25A,IB1=-IB2=0.05A
Value(min)
470 800 16 20 7.0 0.2 0.9 -
5 10 5 30 0.8 1.2 0.7 5 -
Value(typ) Value(max)
Unit V V V A A A V V S S MHz
400 700 9 10 3.0 4
VCE=10V, Ic=0.1A
THERMAL CHARACTERISTIC

Parameter
Symbol TO-92 TO-251/TO-252 TO-126 Rth(j-a) Rth(j-c) Rth(j-c)
Value(min) Value(max)
Unit /W /W /W
TO-92 Thermal Resistance Junction Case TO-251/TO-252 Thermal Resistance Junction Case TO-126 Thermal Resistance Junction Case
-
125 12.5 6.25
201103B
6/6
R
3DD4242D(T/I/M)
ELECTRICAL CHARACTERISTICS (curves)
hFE - IC
VCE(sat)- IC
240
100
VCE(sat)mV
hFE
220 200 180 160 140 120 100
Tj=100 Tj=25
Ic/Ib=5
10
Tj=100 Tj=25
Vce=5V
1 0.01 0.1 1 10
80 60 0.1 1
ICA VBEsat- IC VBE(sat)V
1.00
ICA SOA ICA
0.95
Ic/Ib=5 Tj=25
TC=25 DC
0.90
0.85
0.80
0.75
Tj=100
CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
0.70 0.1 1
ICA PC-T (TO-92) PC (percent) PC (percent)
VCEV PC-T (TO-251/TO-126)
TA
TC
201103B
6/6
R
3DD4242D(T/I/M)
Unit mm
PACKAGE MECHANICAL DATA TO-92
A B b c D E e F L Q Z Z1
3.30-3.90 0.35-0.55 0.35-0.55 0.31-0.51 4.30-4.90 4.30-4.90 1.17-1.37 1.00-1.60 12.50-15.50 1.00-1.60 2O 5O
201103B
6/6
R
3DD4242D(T/I/M)
PACKAGE MECHANICAL DATA TO-251
Unit mm
A b b1 C D1 D2 E E1 e F L Q1 a1 a2 a3
2.20-2.40 0.55-0.65 0.70-0.90 0.45-0.55 1.40-1.60 5.40-5.60 6.40-6.60 5.20-5.40 2.25-2.35 0.45-0.55 7.60-7.80 1.15-1.25 4 O -6 O 4 O -6 O 4 O -6 O
PACKAGE MECHANICAL DATA TO-252
Unit mm
2.20-2.40 0.55-0.65 0.70-0.90 0.45-0.55 1.40-1.60 5.40-5.60 6.40-6.60 5.20-5.40 2.25-2.35 0.45-0.55 2.60-2.80 0.90-1.10 1.70-1.90 0.70-0.90 1.15-1.25
A b b1 C D1 D2 E E1 e F L L1 L2 L3 Q1
201103B
6/6
R
3DD4242D(T/I/M)
Unit mm
A B c D E Q Q1 L b 2.50-2.90 1.22-1.28 0.30-0.70 10.50-11.10 7.10-8.10 3.80-4.20 1.07-1.47 2.10-2.30 0.60-0.90 2.19-2.39
PACKAGE MECHANICAL DATA TO-126
]
e
1. 2.
NOTE
Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent, thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice. 1.
3. 4.
201103B
6/6
R
3DD4242D(T/I/M)
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel 86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533
AppendixRevision History
Date 2010-1-7 2011-3-2 201001A Last Rev. New Rev. 201001A 201103B TO-252 Description of Changes
201103B
6/6


▲Up To Search▲   

 
Price & Availability of 3DD4242DI-O-I-N-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X