Part Number Hot Search : 
KMI15 S1201 A3155 SAA7185B 2SD16 G12864 74F323PC F800B5
Product Description
Full Text Search
 

To Download 3DD4223DI-O-I-N-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
NPN HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4223DI/U/M
IC VCEO PC(TO-251/252) PC(TO-126)
MAIN CHARACTERISTICS
1.2A 400V 10W 20W
Package

APPLICATIONS
Electronic ballasts Battery charger High frequency switching power supply High frequency power transform Commonly power amplifier TO-251 (3DD4223DI) TO-252 (3DD4223DU)
RoHS
FEATURES
High breakdown voltage High current capability High switching speed High reliability RoHS product
TO-126 (3DD4223DM)
ORDER MESSAGE
Order codes 3DD4223DI -O- I -N-B 3DD4223DI -O- I -N-C 3DD4223DU-O-U-N-B 3DD4223DU-O-U-N-C 3DD4223DM-O-M-N-B 3DD4223DM-O-M-N-C Halogen Free NO NO NO NO NO NO Marking 4223DI 4223DI 4223DU 4223DU 4223DM 4223DM Package TO-251 TO-251 TO-252 TO-252 TO-126 TO-126 Packaging Tube Bag Tube Bag Tube Bag
200910E
1/6
R
3DD4223D(IUM)
ABSOLUTE RATINGS (Tc=25)
Parameter Symbol VCBO VCEO VEBO IC ICP PC PC Tj Tstg Value 700 400 9 1.5 3.0 10 20 150 -55~+150 Unit V V V A A W W
-- -- --
Collector- Base Voltage Collector- Emitter Voltage Emitter-Base Voltage Collector CurrentDC Collector Currentpulse Total Dissipation (TO-251/252) Total Dissipation (TO-126) Junction Temperature Storage Temperature
ELECTRICAL CHARACTERISTIC
V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) tf ts fT
Parameter
Tests conditions IC=10mA,IB=0 IC=1mA,IB=0 IE=1mA,IC=0 VCB=700V, IE=0 VCE=400V,IB=0 VEB=7V, IC=0 VCE=10V, IC=100mA VCE=5V, IC=0.5A, IC=0.5A, VCC=24V VCC=24V IC=1.5A IB=0.1A IB=0.1A IC=0.25A,IB1=-IB2=0.05A IC=0.25A,IB1=-IB2=0.05A
Value(min)
450 800 15 -22 4.0 0.3 0.9 -
100 1 5 40 0.8 1.2 0.7 5 -
Value(typ) Value(max)
Unit V V V A mA A V V S S MHz
400 700 9 10 3.0 4
VCE=10V, IC=0.1A
THERMAL CHARACTERISTIC

Parameter
Symbol TO-251/252 TO-126 Rth(j-c) Rth(j-c)
Value(min) Value(max)
Unit /W /W
TO-251/252 Thermal Resistance Junction Case TO-126 Thermal Resistance Junction Case
-
12.5 6.25
200910E
2/6
R
3DD4223D(IUM)
ELECTRICAL CHARACTERISTICS (curves)
hFE - IC
VCE(sat)- IC VCE(sat)
hFE
ICA VBEsat- IC VBE(sat)V ICA
ICA SOA
TC=25 DC
CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
ICA PC-TC PC (percent)
VCEV
TC
200910E
3/6
R
3DD4223D(IUM)
Unit mm
PACKAGE MECHANICAL DATA TO-251
A b b1 C D1 D2 E E1 e F L Q1 a1 a2 a3
2.20-2.40 0.55-0.65 0.70-0.90 0.45-0.55 1.40-1.60 5.40-5.60 6.40-6.60 5.20-5.40 2.25-2.35 0.45-0.55 7.60-7.80 1.15-1.25 4 O -6 O 4 O -6 O 4 O -6 O
PACKAGE MECHANICAL DATA TO-252
A b b1 C D1 D2 E E1 e F L L1 L2 L3 Q1
Unit mm
2.20-2.40 0.55-0.65 0.70-0.90 0.45-0.55 1.40-1.60 5.40-5.60 6.40-6.60 5.20-5.40 2.25-2.35 0.45-0.55 2.60-2.80 0.90-1.10 1.70-1.90 0.70-0.90 1.15-1.25
200910E
4/6
R
3DD4223D(IUM)
Unit mm
PACKAGE MECHANICAL DATA TO-126
A B c D E e L F
]
2.50-2.90 0.60-0.90 0.30-0.70 10.50-11.10 7.10-8.10 2.19-2.39 14.0-17.0 1.07-1.47 4O 3O 2.90-3.30
Z Z1 P
200910E
5/6
R
3DD4223D(IUM)
NOTE
1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent, thus, for customers, when ordering , please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice.
1. 2.
3. 4.
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 Date 2009-5-11 2009-10-29 Last Rev. 200902C 200904D
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel 86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533 Description of Changes
AppendixRevision History
New Rev. 200904D 200910E
200910E
6/6


▲Up To Search▲   

 
Price & Availability of 3DD4223DI-O-I-N-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X