Part Number Hot Search : 
ICL8018A D8049PC BD350006 OV7735 BC485A 2SC3993 7806A R5326X
Product Description
Full Text Search
 

To Download 2SC4205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4205
DESCRIPTION *With TO-220C package *High voltage ;high speed APPLICATIONS *For use in high voltage and power switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 400 400 7 5 40 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4205
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=10mA; IB=0 IC=1mA; IE=0 IE=1mA; IC=0 IC=5A; IB=1A VCB=400V ; IE=0 VCE=7V ; IB=0 IC=3A ; VCE=5V IC=0.5A ; VCE=10V 16 15 MIN 400 400 7 1.0 10 10 50 MHz TYP. MAX UNIT V V V V A A
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCE(sat) ICBO IEBO hFE fT
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4205
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC4205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X