Part Number Hot Search : 
61089A SD403C BX3006 GP1U273X ADP224 10200 RLPBF 54HC1
Product Description
Full Text Search
 

To Download 2N7225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Website: http: //www.microsemi.com
N-CHANNEL MOSFET
Qualified per MIL-PRF-19500/592 DEVICES LEVELS
2N7225
2N7225U
JAN JANTX JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25C unless otherwise noted) Parameters / Test Conditions Drain - Source Voltage Gate - Source Voltage Continuous Drain Current TC = +25C Continuous Drain Current TC = +100C Max. Power Dissipation TC = +25C Drain to Source On State Resistance Operating & Storage Temperature Note: (1) Derated Linearly by 1.2 W/C for TC > +25C (2) VGS = 10Vdc, ID = 17A ELECTRICAL CHARACTERISTICS (TA = +25C, unless otherwise noted) Parameters / Test Conditions Drain-Source Breakdown Voltage VGS = 0V, ID = 1mAdc Gate-Source Voltage (Threshold) VDS VGS, ID = 0.25mA VDS VGS, ID = 0.25mA, Tj = +125C VDS VGS, ID = 0.25mA, Tj = -55C Gate Current VGS = 20V, VDS = 0V VGS = 20V, VDS = 0V, Tj = +125C Drain Current VGS = 0V, VDS = 160V VGS = 0V, VDS = 160V, Tj = +125C Static Drain-Source On-State Resistance VGS = 10V, ID = 17A pulsed VGS = 10V, ID = 27.4A pulsed Tj = +125C VGS = 10V, ID = 17A pulsed Diode Forward Voltage VGS = 0V, ID = 27.4A pulsed Symbol V(BR)DSS VGS(th)1 VGS(th)2 VGS(th)3 IGSS1 IGSS2 IDSS1 IDSS2 rDS(on)1 rDS(on)2 rDS(on)3 VSD Min. 200 Max. Unit Vdc Symbol VDS VGS ID1 ID2 Ptl Rds(on) Top, Tstg Value 200 20 27.4 17 150 (1) 0.1 (2) -55 to +150 Unit Vdc Vdc Adc Adc W C
TO-254AA
2.0 1.0
4.0 5.0 100 200 25 0.25 0.100 0.105 0.17 1.9
Vdc
nAdc
U-PKG (U3) TO-276AB
Adc mAdc Vdc
T4-LDS-0048 Rev. 1 (072806)
Page 1 of 2
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Website: http: //www.microsemi.com
N-CHANNEL MOSFET
Qualified per MIL-PRF-19500/592 DYNAMIC CHARACTERISTICS Parameters / Test Conditions Gate Charge: On-State Gate Charge Gate to Source Charge Gate to Drain Charge SWITCHING CHARACTERISTICS Parameters / Test Conditions Switching time tests: Turn-on delay time Rinse time Turn-off delay time Fall time Diode Reverse Recovery Time ID = 27.4A, VGS = 10Vdc, Gate drive impedance = 7.5, VDD = 100Vdc di/dt 100A/s, VDD 30V, IF = 27.4A Symbol td(on) tr td(off) tf trr Min. Max. 35 190 170 130 950 Unit Symbol Qg(on) Qgs Qgd Min. Max. 115 22 60 Unit nC
VGS = 10V, ID = 27.4A VDS = 50V
ns
ns
T4-LDS-0048 Rev. 1 (072806)
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N7225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X