|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Certificate TH97/10561QM Certificate TW00/17276EM 1.5KE SERIES - L VBR : 6.8 - 440 Volts PPK : 1500 Watts FEATURES : * 1500W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to V BR(min.) * Typical I R less then 1A above 10V * Pb / RoHS Free TRANSIENT VOLTAGE SUPPRESSOR DO-201AD 0.21 (5.33) 0.19 (4.83) 1.00 (25.4) MIN. 0.375 (9.53) 0.285 (7.24) MECHANICAL DATA * Case : DO-201AD Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Mounting position : Any * Weight : 1.21 grams 0.052 (1.32) 0.048 (1.22) 1.00 (25.4) MIN. Dimensions in inches and (millimeters) DEVICES FOR BIPOLAR APPLICATIONS For Bi-directional use CL or CAL Suffix Electrical characteristics apply in both directions MAXIMUM RATINGS Rating at 25 C ambient temperature unless otherwise specified Rating Peak Power Dissipation at Ta = 25 C, Tp = 1ms (Note1) Steady State Power Dissipation at TL = 75 C Lead Lengths 0.375", (9.5mm) (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) (Note 3) Operating and Storage Temperature Range Symbol PPK PD Value Minimum 1500 5.0 Unit W W IFSM 200 A TJ, TSTG - 65 to + 175 C Notes : (1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 C per Fig. 1 (2) Mounted on Copper Leaf area of 0.79 in2 (20mm2). (3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum. Page 1 of 4 Rev. 05 : May 2, 2006 Certificate TH97/10561QM Certificate TW00/17276EM ELECTRICAL CHARACTERISTICS Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It Working Peak ( Note 1 ) Reverse Voltage TYPE VRWM VBR (V) It Min. Max. (mA) (V) 1.5KE6.8L 1.5KE6.8AL 1.5KE7.5L 1.5KE7.5AL 1.5KE8.2L 1.5KE8.2AL 1.5KE9.1L 1.5KE9.1AL 1.5KE10L 1.5KE10AL 1.5KE11L 1.5KE11AL 1.5KE12L 1.5KE12AL 1.5KE13L 1.5KE13AL 1.5KE15L 1.5KE15AL 1.5KE16L 1.5KE16AL 1.5KE18L 1.5KE18AL 1.5KE20L 1.5KE20AL 1.5KE22L 1.5KE22AL 1.5KE24L 1.5KE24AL 1.5KE27L 1.5KE27AL 1.5KE30L 1.5KE30AL 1.5KE33L 1.5KE33AL 1.5KE36L 1.5KE36AL 1.5KE39L 1.5KE39AL 1.5KE43L 1.5KE43AL 1.5KE47L 1.5KE47AL 1.5KE51L 1.5KE51AL 1.5KE56L 1.5KE56AL 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 Maximum Reverse Leakage @ VRWM IR (A) 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 139 143 128 132 120 124 109 112 100 103 93.0 96.0 87.0 90.0 79.0 82.0 68.0 71.0 64.0 67.0 56.5 59.5 51.5 54.0 47.0 49.0 43.0 45.0 38.5 40.0 34.5 36.0 31.5 33.0 29.0 30.0 26.5 28.0 24.0 25.3 22.2 23.2 20.4 21.4 18.6 19.5 Maximum Clamping Voltage @ IRSM VRSM (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 Maximum Temperature Co-efficient of VBR (% / C) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 Page 2 of 4 Rev. 05 : May 2, 2006 Certificate TH97/10561QM Certificate TW00/17276EM ELECTRICAL CHARACTERISTICS Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It Working Peak ( Note 1 ) Reverse Voltage TYPE VRWM VBR (V) It Min. Max. (mA) (V) 1.5KE62L 1.5KE62AL 1.5KE68L 1.5KE68AL 1.5KE75L 1.5KE75AL 1.5KE82L 1.5KE82AL 1.5KE91L 1.5KE91AL 1.5KE100L 1.5KE100AL 1.5KE110L 1.5KE110AL 1.5KE120L 1.5KE120AL 1.5KE130L 1.5KE130AL 1.5KE150L 1.5KE150AL 1.5KE160L 1.5KE160AL 1.5KE170L 1.5KE170AL 1.5KE180L 1.5KE180AL 1.5KE200L 1.5KE200AL 1.5KE220L 1.5KE220AL 1.5KE250L 1.5KE250AL 1.5KE300L 1.5KE300AL 1.5KE350L 1.5KE350AL 1.5KE400L 1.5KE400AL 1.5KE440L 1.5KE440AL 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 315 332 360 380 396 418 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 330 315 385 368 440 420 484 462 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342 356 376 Maximum Reverse Leakage @ VRWM IR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.7 9.1 8.0 8.4 7.0 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5 4.3 4.6 4.2 4.4 3.5 3.6 3.0 3.1 2.6 2.7 2.4 2.5 Maximum Clamping Voltage @ IRSM VRSM (V) 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 602 Maximum Temperature Co-efficient of VBR (% / C) 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 Notes: (1) VBR measured after It applied for 300 s., It = square wave pulse or equivale (2) VF = 3.5 Vmax., I F = 100 Amps. ( 6.8 Volts thru 91 Volts ) VF = 5.0 Vmax., I F = 100 Amps. ( 100 Volts thru 440 Volts ) per 1/2 square or equivalent sine wave PW = 8.3 ms, duty cycle = 4 pulses per minute maximum (3) "1.5" will be omitted in marking on the diode. Page 3 of 4 Rev. 05 : May 2, 2006 Certificate TH97/10561QM Certificate TW00/17276EM RATING AND CHARACTERISTIC CURVES ( 1.5KE SERIES - L ) FIG.1 - PULSE DERATING CURVE FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 240 PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT 120 100 PEAK FORWARD SURGE CURRENT, AMPERES 200 80 160 60 120 40 80 20 0 0 25 50 75 100 125 150 175 40 0 1 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 2 4 6 10 20 40 60 100 Ta, AMBIENT TEMPERATURE, ( C) NUMBER OF CYCLES AT 60Hz FIG.3 - STEADY STATE POWER DERATING PD, STEADY STATE POWER DISSIPATION (WATTS) 5.00 FIG.4 - PULSE RATING CURVE 100 3.75 Pp,PEAK POWER (kW) Single Phase Half Wave 60 Hz Resistive or Inductive load 10 2.50 1.0 1.25 0.1 0.1s 125 150 175 200 1.0s 10s 100s 1.0ms 10ms 0 0 25 50 75 100 tp, PULSE WIDTH TL, LEAD TEMPERATURE (C) FIG.5 - PULSE WAVEFORM PEAK PULSE CURRENT - % IRMS Tr = 10s 100 Peak Value IRMS TJ=25 C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM 50 Half Value - IRMS 2 10X1000 Waveform as defined by R.E.A. tp 0 0 1.0 2.0 3.0 4.0 T, TIME(ms) Page 4 of 4 Rev. 05 : May 2, 2006 |
Price & Availability of 15KE27L |