Part Number Hot Search : 
KF5N50FS C2SC2 MSM832 2SK2846 24AA014H CMX661D4 LT3032 CMX661D4
Product Description
Full Text Search
 

To Download 1545-R3BK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0003096021 Active
standard_093 2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, With Pre-bent Mountin Ears, With Ramps, Black
Documents: 3D Model Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-02-09 (PDF) Product Specification PS-43660-9999 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Overview Product Name Crimp Housings 1545 Polarized to Mating Part, 17.0A max. can be achieved when housing is used with 42477 or 42478 terminals standard_093 Standard .093"
Physical
Breakaway Circuits (maximum) Circuits Detail Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating No 2 1x2 Natural 94V-2 Male No None Yes Nylon 1 Bag Yes 0.248 In 6.30 mm No -40C to +105C
Search Parts in this Series 1545Series Mates With Use With 1189 Crimp Terminals, 1190 Crimp Terminals, 1376 Male PC Tail Terminals, 1377 Female PC Tail Terminals, 1380 Male Crimp Terminals, 1381 Female Crimp Terminals, 1433 Crimp Terminals, 1434 Male Crimp Terminals, 2151 Male Crimp Terminal
Electrical
Current - Maximum per Contact 14A
Material Info
Old Part Number 1545R3BK
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-1545-001 PS-02-09, PS-43660-9999 SD-1545-*
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 1545-R3BK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X