Part Number Hot Search : 
DMF5005N PM6FF ONDUC 243R3 2252A EC100 BC547 PM6FF
Product Description
Full Text Search
 

To Download 0906350401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0906350401 Active
qf50 1.27mm (.050") Pitch QF-50TM, Single Beam, Female Housing, Gold (Au) Flash, 40 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0015 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Component Type Glow-Wire Compliant Overview Product Name Ribbon Cable / Wire Trap Connectors 90635 Housing No qf50 QF-50TM
Physical
Circuits (Loaded) Color - Resin Entry Angle Flammability Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire/Cable Type 40 Black 90 Angle 94V-0 None Phosphor Bronze Gold Tin Polyester 2 None Tube 0.050 In 1.27 mm 1 0.02 39 1 No Fully No -25C to +85C IDT or Pierce 1.14mm (.045") max. 26, 28 Ribbon Cable
Search Parts in this Series 90635Series Mates With 90663 Use With 90170
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 250V AC/DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing
PK-90635-001 PS-99020-0015 SDA-90635
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0906350401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X