Part Number Hot Search : 
RM601 2M324VP DL4740A M63P4 MTP88W LM9848 00BACEM TS274ACN
Product Description
Full Text Search
 

To Download 0873401695 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0873401695 Active
2.00mm (.079") Pitch Milli-GridTM Receptacle, Surface Mount (Very Low Profile), Top Entry, with Locating Pegs, with Pick-and-Place Cap, 0.38m (15") Gold (Au) Plating, 16 Circuits, Lead-free, Tube
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Product Literature Order No Product Name PCB Receptacles 87340 Board-to-Board
  • With Cap 987650-1991 Milli-GridTM
    Physical
    Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 16 Black 25 94V-0 No Yes Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical Yes None 0.80 mm Tube 0.079 In 2.00 mm 15 0.38 76 1.9 No No N/A -55C to +105C Surface Mount
    Search Parts in this Series 87340Series Mates With 87759 Vertical, Surface Mount, Stackable PCB Headers, 87760 Right Angle, Through Hole, Stackable PCB Headers, 87758 Vertical, Through Hole, Stackable PCB Headers
    Electrical
    Current - Maximum per Contact Voltage - Maximum 1A 125V
    Solder Process Data
    Duration at Max. Process Temperature (seconds) 14
    Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C
    Reflow Capable (SMT only) 1 265
    Material Info Reference - Drawing Numbers
    Sales Drawing SD-87340-**92
    This document was generated on 05/03/2010
    PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION

  • ▲Up To Search▲   

     
    Price & Availability of 0873401695

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X