Part Number Hot Search : 
01210 10400 4AA08 AN4233 IRFP153R DH0165D HT82323 KA78L24A
Product Description
Full Text Search
 

To Download 0873401685 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0873401685 Active
2.00mm (.079") Pitch Milli-GridTM Receptacle, Surface Mount (Very Low Profile), Top Entry, without Locating Pegs, with Pick-and-Place Cap, 0.76m (30") Gold (Au) Plating, 16 Circuits, Lead-free, Tube
Documents: 3D Model Drawing (PDF)
Product Specification PS-87340 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Receptacles 87340 Board-to-Board 987650-1991 Milli-GridTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Literature Order No Product Name
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Robotic Placement Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 16 Black 25 No Yes Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical No None Tube 0.079 In 2.00 mm 30 0.76 75 1.90 No No Pick and Place Cap N/A -55C to +105C Surface Mount
Search Parts in this Series 87340Series Mates With 87759 Vertical, Surface Mount, Stackable PCB Headers, 87760 Right Angle, Through Hole, Stackable PCB Headers, 87758 Vertical, Through Hole, Stackable PCB Headers
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 125V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 14 Reflow Capable (SMT only) 1 265
Material Info
Reference - Drawing Numbers
Product Specification Sales Drawing PS-87340 SD-87340-**74
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0873401685

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X