Part Number Hot Search : 
FFIV1 24010 MA2Z357 54100MA KA5L0165 DM74AL P0432T YRT187M
Product Description
Full Text Search
 

To Download 0873401623 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0873401623 Active
2.00mm (.079") Pitch Milli-GridTM Receptacle, Surface Mount (Very Low Profile), Top Entry, with Locating Pegs, 0.76m (30") Gold (Au) Plating, 16 Circuits, Lead-free, Tube
Documents: 3D Model Drawing (PDF)
Product Specification PS-87340 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Product Literature Order No Product Name PCB Receptacles 87340 Board-to-Board 987650-1991 Milli-GridTM
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 16 Black 25 94V-0 No Yes Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical Yes None 0.80 mm Tube 0.079 In 2.00 mm 30 0.76 76 1.9 No No N/A -55C to +105C Surface Mount
Search Parts in this Series 87340Series Mates With 87759 Vertical, Surface Mount, Stackable PCB Headers, 87760 Right Angle, Through Hole, Stackable PCB Headers, 87758 Vertical, Through Hole, Stackable PCB Headers
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 125V
Solder Process Data
Lead-free Process Capability Process Temperature max. C Reflow Capable (SMT only) 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-87340 SD-87340-**01
This document was generated on 05/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0873401623

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X