Part Number Hot Search : 
NJM2199V 001SMB 01901 2N295505 MC14163 2SK101 2SC29 001SMB
Product Description
Full Text Search
 

To Download 0441700005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0441700005 Active
modular_plugs_jacks Modular Jack, Right Angle, Shielded, Lightpipes, Stacked, 8/8, 12 Ports
Documents: 3D Model Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-44050-003 (PDF) RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E107635
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 44170 High Speed|Multi-Port PCB Jack No modular_plugs_jacks 5 N/A RJ45
Physical
Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type Black, Clear 500 94V-0 Yes Lightpipes Brass, Phosphor Bronze Gold Tin Polycarbonate, Polyester Right Angle (Side Entry) Yes 0.062 In 1.60 mm Tray 50 1.25 100 2.5 12 8/8 No -40C to +80C Through Hole N/A
Search Parts in this Series 44170Series Mates With FCC 68 Plugs
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 1.5A Yes 125V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C
5 Wave Capable (TH only) 1 260
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing Test Summary AS-43860-001 PK-44170-003 PS-44050-003 SD-44170-001 TS-44050-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0441700005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X