|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0438600009 Active modular_plugs_jacks Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/4 Documents: 3D Model Application Specification (PDF) Drawing (PDF) Product Specification PS-43860-003 (PDF) RoHS Certificate of Compliance (PDF) Series Agency Certification CSA UL LR19980 E107635 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 43860 PCB Jack No modular_plugs_jacks 3 N/A RJ11 Physical Boot Color Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire/Cable Type N/A Black, Clear 500 94V-0 Yes Lightpipes Phosphor Bronze Gold Tin High Temperature Thermoplastic, Polycarbonate Right Angle (Side Entry) Yes Yes 0.062 In 1.60 mm Tube With Flange 50 1.25 100 2.5 1 6/4 No -40C to +85C Through Hole No N/A Search Parts in this Series 43860Series Mates With FCC 68 Plugs Electrical Current - Maximum per Contact 1.5A Grounding to PCB Shielded Voltage - Maximum No No 150V AC (RMS) Solder Process Data Lead-free Process Capability Wave Capable (TH only) Material Info Reference - Drawing Numbers Application Specification Packaging Specification Product Specification Sales Drawing Test Summary AS-43860-001 PK-43860-004 PS-43860-003, RPS-43860-004, RPS-43860-007, RPS-43860-008, RPS-43860-013 SD-43860-001 TS-43860-001 This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0438600009 |