Part Number Hot Search : 
CD4121 MIW5041 UCN58 FAN7529M E002514 SLD235VL APT55 150B1
Product Description
Full Text Search
 

To Download 0430252200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0430252200 Active
microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0TM Receptacle Housing, Dual Row, 22 Circuits
Product Specification PS-43045 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 R72081037 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Comments Overview Product Literature Order No Product Name Crimp Housings 43025 Polarized to Mating Part microfit_30 USA-106 Micro-Fit 3.0TM
Physical
Circuits (maximum) Circuits Detail Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 22 22 Black 94V-0 Female No None Yes Polyester 2 Bag No 0.118 In 3.00 mm Yes No -40C to +105C
Search Parts in this Series 43025Series Mates With Micro-Fit 3.0TM Plug Housing 43020. MicroFit 3.0TM Header 43045. Micro-Fit 3.0TM Test Plug 44242 Use With Micro-Fit 3.0TM Crimp Terminal 43030
Electrical
Current - Maximum per Contact 5A
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-43025-001 PS-43045, RPS-43045-003, RPS-43045-004 SDA-43025-**** TS-43045-001
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0430252200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X