Part Number Hot Search : 
34111 DA7375 SSB302 DA7375 MM1027 MST5150C BXA40 K9F5608U
Product Description
Full Text Search
 

To Download 0395381012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0395381012 Active
5.08mm (.200") Pitch EurostyleTM Horizontal Dual Level PCB Header, Closed Ends, 12 Circuits
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39538 Wire-to-Board PCB Header USA-355 ESE, EurostyleTMPluggable Euro Block
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Size AWG 12 N/A Yes 2 Horizontal 0.138 In 3.50 mm 0.120 In 3.00 mm No 0.200 In 5.08 mm Yes Closed Ends No N/A -40C to +105C N/A
Search Parts in this Series 39538Series Mates With 39530 Horizontal Plug, 39533 Vertical Plug, Most 5.08mm (.200") Pitch Industry Standard Plugs
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Material Info Reference - Drawing Numbers
Sales Drawing SD-39538-002
This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black Circuit size 100% Tin 395381004 395381006 395381008 395381010 395381012 395381014 395381016 395381018 395381020 395381022 395381024 395381026 395381028 395381030 395381032 395381034 395381036 395381038 395381040 395381042 395381044 395381046 395381048 30 u" Gold 395381504 395381506 395381508 395381510 395381512 395381514 395381516 395381518 395381520 395381522 395381524 395381526 395381528 395381530 395381532 395381534 395381536 395381538 395381540 395381542 395381544 395381546 395381548 100% Tin 395386004 395386006 395386008 395386010 395386012 395386014 395386016 395386018 395386020 395386022 395386024 395386026 395386028 395386030 395386032 395386034 395386036 395386038 395386040 395386042 395386044 395386046 395386048 Green 30 u" Gold 395386504 395386506 395386508 395386510 395386512 395386514 395386516 395386518 395386520 395386522 395386524 395386526 395386528 395386530 395386532 395386534 395386536 395386538 395386540 395386542 395386544 395386546 395386548
Dimensional Information Dim. A mm 12.16 17.24 22.32 27.40 32.48 37.56 42.64 47.72 52.80 57.88 62.96 68.04 73.12 78.20 83.28 88.36 93.44 98.52 103.60 108.68 113.76 118.84 123.92 inch 0.479 0.679 0.879 1.079 1.279 1.479 1.679 1.879 2.079 2.279 2.479 2.679 2.879 3.079 3.279 3.479 3.679 3.879 4.079 4.279 4.479 4.679 4.879 Dim B mm 5.08 10.16 15.24 20.32 25.40 30.48 35.56 40.64 45.72 50.80 55.88 60.96 66.04 71.12 76.20 81.28 86.36 91.44 96.52 101.60 106.68 111.76 116.84 inch 0.200 0.400 0.600 0.800 1.000 1.200 1.400 1.600 1.800 2.000 2.200 2.400 2.600 2.800 3.000 3.200 3.400 3.600 3.800 4.000 4.200 4.400 4.600
4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48


▲Up To Search▲   

 
Price & Availability of 0395381012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X