Part Number Hot Search : 
1N4737A 7939R ECG2900 70010 GFMQ1012 82C55A FRF506G 82C55A
Product Description
Full Text Search
 

To Download 00341736 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Non resettable fuses
FSF 6.3x32
www.schurter.com/pg0_2
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 250 VAC
250 VAC * Quick-Acting F
Standards
-IEC60127-2/4
Applications References Weblinks
-Industrialelectronic GeneralProductInformation Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check, Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage RatedCurrent BreakingCapacity Characteristic Mounting AdmissibleAmbientAirTemp. ClimaticCategory Material:Tube Material:Endcaps UnitWeight StorageConditions ProductMarking 250VAC 0.1-10A 35A-100A Quick-ActingF Fuseholder/Clip -40Cto85C 40/085/21acc.toIEC60068-1 Glass Nickel-PlatedCopperAlloy 1.85g 0Cto60C,max.70%r.h. ,Current,Voltage,Characteristic, Approvals 32mm ResistancetoVibration acc.toIEC60068-2-6,testFc
Dimensions
o 6.35 0.5
31.81
Pre-Arcing Time
Rated Current In 0.1A 0.125A-10A .5 x In min. 60min 60min 2.0 x In max. 20s 20s 2.75 x In min. 2ms 20ms 2.75 x In max. 200ms 1.5s 4.0 x In min. 4.0 x In max. 1ms 8ms 30ms 400ms 0.0 x In max. 5ms 80ms
Fuses
FSF 6.3x32
www.schurter.com/pg0_2 Variants
Rated Current [A] Rated Voltage [VAC] Breaking Capacity Voltage Drop .0 In max. [mV] 6000 5500 5000 4000 3500 3000 2500 2000 1800 1500 500 400 400 300 250 250 250 200 200 200 200 Voltage Drop .0 In typ. [mV] 4200 3600 1700 3500 2300 2000 1700 1700 1400 1300 370 350 350 280 240 230 230 180 140 200 180 Power Dissipation .5 In typ. [mW] 600 600 600 1000 900 900 900 1400 1500 1500 500 600 600 1000 900 1900 1400 2000 1400 2700 3100 Melting It 0.0 Intyp. [As] Order Number
Non resettable fuses
0.1 0.125 0.16 0.2 0.25 0.315 0.4 0.5 0.63 0.8 1 1.25 1.6 2 2.5 3.15 4 5 6.3 8 10
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 2) 2) 2) 2) 2)
0.03 0.05 0.03 0.006 0.001 0.002 0.08 0.005 3.4 0.7 1.8 3.1 4.5 9.7 6.6 30.6 45 80 90 160
0034.1736 0034.1737 0034.1738 0034.1739 0034.1740 0034.1741 0034.1742 0034.1743 0034.1744 0034.1745 0034.1746 0034.1747 0034.1748 0034.1749 0034.1750 0034.1751 0034.1752 0034.1753 0034.1754 0034.1755 0034.1756
1)IEC:L=35A@250VAC 2)IEC:L=10In@250VAC
Packaging Unit
SmallBoxPack(10pcs.)
Time-Current-Curves
100000 0.1 A > _ 0.125 A
10000
1000
100
TimeinSeconds
10
1
0.1
0.01
0.001 1
10
MultipleofRatedCurrentIn
2
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Fuses currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 00341736

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X