|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 03/29/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0010897520 Active 2.54mm (.100") Pitch C-Grid(R) Breakaway Header, Dual Row, Vertical, High Temperature, 52 Circuits, 0.76m (30") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail Documents: 3D Model Drawing (PDF) Product Specification PS-70280 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Application Product Name PCB Headers 70280 Board-to-Board, Wire-to-Board C-Grid(R) Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Yes 52 52 Black 50 No 94V-0 No No None None Copper Alloy Gold Tin High Temperature Thermoplastic 2 Vertical 0.110 In 2.79 mm No None 0.062 In 1.60 mm Bag 0.100 In 2.54 mm 30 0.75 75 1.875 No No No Yes -40C to +105C Search Parts in this Series 70280Series Termination Interface: Style Through Hole Electrical Current - Maximum per Contact Voltage - Maximum 3A 250V Solder Process Data Lead-free Process Capability Process Temperature max. C SMC & Wave Capable (TH only) 260 Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-70280 SDA-70280-0001-4000 This document was generated on 03/29/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0010897520 |