Part Number Hot Search : 
BT101 16V554 PHN1013 2N3724A S28JB B06N03 CHM634 X55C18
Product Description
Full Text Search
 

To Download ZM4728 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZM4728 thru ZM4764
SILICON PLANAR POWER ZENER DIODES
DO-213AB / MELF
SOLDERABLE ENDS
D1= 0.105(2.67) 0.095(2.41)
CATHODE BAND
D2
0.022(0.559) 0.016(0.406) 0.205(5.20) 0.185(4.70)
D2=D1 +0 -0.008(0.20)
Dimension in inches (millimeters )
FEATURES
For use in stabilizing and clipping circuits with high power Rating. Standard Zener Voltage tolerance is 10%. Add suffix A for 5% tolerance and suffix B for 2% tolerance. Other tolerances available are upon request.
MECHANICAL DATA
These diodes are also available in do-41 case with the type Designation 1N4728...1N4767 These diodes are delivered taped. Details see Taping
Absolute Maximum Ratings (TA=25 C)
SYMBOL Zener Current see Table Characteristics Power Dissipation Junction Temperature Storage Temperature range 1)Valid provided that electrodes are kept at ambient temperature Ptot TJ TS 1
1)
o
VALUE
UNITS
W
0
175
C C
-65 to +175
0
Characteristics at Tamb=25 C
SYMBOL Thermal Resistance Junction to Ambient Air Forward Voltage at IF=200mA RthA VF Min Typ Max 170
1)
O
UNITS
K/W V
1.2
1) Valid provided that electrodes are kept at ambient temperature
www.paceleader.tw
1
ZM4728 thru ZM4764
SILICON PLANAR POWER ZENER DIODES
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
o
Nominal Zener Type Voltage at lZT VZV ZM4728 ZM4729 ZM4730 ZM4731 ZM4732 ZM4733 ZM4734 ZM4735 ZM4736 ZM4737 ZM4738 ZM4739 ZM4740 ZM4741 ZM4742 ZM4743 ZM4744 ZM4745 ZM4746 ZM4747 ZM4748 ZM4749 ZM4750 ZM4751 ZM4752 ZM4753 ZM4754 ZM4755 ZM4756 ZM4757 ZM4758 ZM4759 ZM4760 ZM4761 ZM4762 ZM4763 ZM4764 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100
3)
Test Current
Maximum Zener lmpedance at lZT Vz 10 10 9 9 8 7 5 2 3.5 4.0 4.5 5.0 7 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350
1)
Maximum Reverse Leakage Current
Surge Current At TA=250C IR mA 1375 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45
Maximum Regulator Current
2)
lZT mA 76 79 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5
VzK 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000
at lZK mA 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR
A
at VR V 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76
LZM mA 275 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 134 12 11 10 9
150 100 100 50 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
1) The Zener lmpedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (lZT or lZK) is superimposed on lZT or lZK. Zener lmpedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. 2) Valid provided that electrodes are kept at ambient temperature. 3) Measured under thermal equilibrium and DC test conditions.
www.paceleader.tw
2
ZM4728 thru ZM4764
SILICON PLANAR POWER ZENER DIODES
RATING AND CHARACTERISTICS CURVES ZM4728 THRU ZM4764
Admissible power dissipation versus ambient temperature
Valid provided that electrodes are kept at ambient temperature
W 1.0
ZM4728...
Ptot
0.8
0.6
0.4
0.2
0
0
100
200 C
o
Tamb
www.paceleader.tw
3


▲Up To Search▲   

 
Price & Availability of ZM4728

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X