Part Number Hot Search : 
CSB800 PSKH132 PR3006 XS202 RA101 0N03L 1209D SMC130C
Product Description
Full Text Search
 

To Download UF1004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UF1000 thru UF1008
ULTRAFAST SWITCHING RECTIFIERS
CHENG- YI
ELECTRONIC
VOLTAGE RANGE -50 TO 800 VOLTS CURRENT -10.0 Amperes
TO-220AC
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. Exceeds environmental standards of MILS-19500/228. Low power loss, high efficiency. Low forward voltage, high current capability. High surge capacity. Ultra fast recovery times, high voltage.
MECHANICAL DATA
Case: TO-220AC molded plastic Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: As marked. Mounting position: Any Weight: 0.08 ounces, 2.24 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, reistive or inductive load. For capacitive load, derate current by 20%.
TYPY NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) lead length @ TC=100 C
0
UF1000 UF1001 UF1002 UF1003 UF1004 UF1006 UF1008
50 35 50 100 70 100 200 140 200 300 210 300 10.0 400 280 400 600 420 600 800 560 800
UNITS
V V V A
Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 10.0A Maximum D.C Reverse Current at Rated D.C Blocking Voltage
@ TA= 25 C @ TA=1250C
0
150
A
1.0
1.3 10 500 50 80 15 -50 to +150
1.7
V
A
A 100 50
0
Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Junction Resistance (Note 3) R JA Operating and Storage Temperature Range Tj, TSTG
Ns pF C/W
0
C
Notes : 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHZ and applied reverse voltage of 4.0V D.C. 3. Thermal resistance from junction to ambient and from junction to lead length 0.375" (9.5mm) P .C.B. mounted.
UF1000 thru UF1008
ULTRAFAST SWITCHING RECTIFIERS
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES UF1000 THRU UF1008
Fig. 1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 Noninductive 10 Noninductive
trr
+0.5A
() PULSE GENERATOR NOTE 2
(+) 25 Vdc (approx) ()
D.U.T.
0 -0.25
1 NONInductive
OSCILLOSCOPE NOTE 1
(+)
NOTES:1. Rise Time=7ns max. Input Impedance=1 megohm. 22pF 2. Rise Time=10ns max. Source Impedance=50 Ohms.
-1.0 SET TIME BASE FOR 10ns/cm 1cm
Fig. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
20
Fig. 2 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS RECTIFIED CURRENT, MICROAMPERES.
1000
PEAK FORWARD CURRENT, AMPERES
16 12 8 4 0
100
TJ=1250C
0
50
100
o
150
10
CASE TEMPERATURE, C
0 TJ=25C
Fig. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD CURRENT. AMPERES
125 100 75 50 25
1.0
TJ=25 C 8.3ms Single Half Since-Wave JEDEC Method
0
0.1
20
40
60
80
100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE
1
2
5
10
20
50
100
Munber of cycles at 60 HZ
Fig. 5 - TYPICAL FORWARD CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, (A)
80 40 20 10 3.0 1.0 0.3 0.1 0.03 0.01
Fig. 4 - TYPICL JUNCTION CAPACITANCE
210
UF1000
CAPACITANCE. (pF)
200 160 120 80
UF1008
UF1000
40 0 1 2 5 10 20 50 100 200 500
UF1008
0.4 0.6 0.8 1.0 1.2 1.4 1.8
REVERSE VOLT AGE, VOLTS
FORWARD VOLT AGE, VOLTS


▲Up To Search▲   

 
Price & Availability of UF1004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X