Part Number Hot Search : 
LB8632V 2SA1170 1G86A NSPG520S APT100 S20C35CE BGA61208 M3H11FAD
Product Description
Full Text Search
 

To Download SW-214-PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SW-214-PIN
GaAs SPST Switch, DC - 3 GHz
Features
* * * * * Fast Switching Speed: 6 nS Typical Ultra Low DC Power Consumption Terminated 50 Ohm Nominal Impedance MIL-STD-883 screening available Rev. V3
Functional Block Diagram
Description
Ordering Information
Part Number
SW-214-PIN
Package
FP-13
Truth Table
Control Input Condition of Switch RF1 to RF2
On Off
Note: Reference Application Note M513 for reel size information. Note: Die quantity varies.
A
Hi Lo
B
Lo Hi
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-214-PIN
GaAs SPST Switch, DC - 3 GHz
Electrical Specifications: TA = 25C 1,2,3
Parameter Test Conditions Frequency Units Min Typ Max
Rev. V3
Insertion Loss
--
DC - 3 GHz DC - 2 GHz DC - 1 GHz DC - 0.5 GHz DC - 3 GHz DC - 2 GHz DC - 1 GHz DC - 0.5 GHz DC - 3 GHz DC - 2 GHz DC - 1 GHz DC - 0.5 GHz -- -- -- 0.5 - 3 GHz 0.05 GHz 0.5 - 3 GHz 0.05 GHz 0.5 - 3 GHz 0.05 GHz 0.5 - 3 GHz 0.05 GHz -- --
dB dB dB dB dB dB dB dB Ratio Ratio Ratio Ratio nS nS mV dBm dBm dBm dBm dBm dBm dBm dBm -- --
-- -- -- -- 25 38 45 50 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
-- -- -- -- -- -- -- -- -- -- -- -- 3 6 30 +27 +21 +33 +26 +68 +62 +46 +40 -- --
1.3 1.2 0.9 0.9 -- -- -- -- 2.0:1 1.7:1 1.3:1 1.3:1 -- -- -- -- -- -- -- -- -- -- -- 20 A 300 A
Isolation
--
VSWR
--
Trise, Tfall Ton, Toff Transients 1 dB Compression
50% CTL to 90/10% RF In-Band Control Voltage 0/-5 VDC Control Voltage 0/-8 VDC
IP2
For two-tone Input power up to +13 dBm
IP3
For two-tone Input power up to +13 dBm
Control Voltages
VIN Low: 0 to -0.2V VIN High: -5V @ 50 A Typ to -8V
1. All specifications apply with 50 ohm impedance connected to all RF ports with 0 and -5 VDC control voltages. 2. Faster switching speed can be achieved with enhanced driver waveform.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
SW-214-PIN
GaAs SPST Switch, DC - 3 GHz
Typical Performance Curves
Insertion Loss Isolation
Rev. V3
2.0
2.0 1.8
Insertion Loss (dB)
1.5
Isolation (dB)
1.6 1.4 1.2 1.0
1.0 0.5 0.0 0.0 1.0 2.0 3.0
0.0
1.0
2.0
3.0
F requency (M H z)
F requency (M H z)
Pin Configuration
VSWR
Top View
80 70 60
Pin Orientation Mark P1 A RF1 B P3
VSWR
50 40 30 20 0.0 1.0 2.0 3.0
50
F requency (M H z)
P6 RF2 GND GND
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SW-214-PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X