Part Number Hot Search : 
6024878 EPR1548 74LVC2G0 223M100 HT2269 11506 LTC1624 L8721P
Product Description
Full Text Search
 

To Download SM5391 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM5391 thru SM5399
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
DO-213AB / MELF
SOLDERABLE ENDS
D1= 0.105(2.67) 0.095(2.41)
CATHODE BAND
D2
0.022(0.559) 0.016(0.406) 0.205(5.20) 0.185(4.70)
D2=D1 +0 -0.008(0.20)
Dimension in inches (millimeters )
FEATURES
Ldeal for surface mounted applications Low leakage current Glass passivated chips Easy pick and place 250oC/10 seconds/.375 , (9.5mm) lead lengths High temperature soldering guaranteed 250oC/10 seconds/.375 , (9.5mm) lead lengths
MECHANICAL DATA
Molded plastic use UL94V-0 recoqnized flame retardant epoxy Terminals Plated terminals, solderable per MIL-STD-202, Method208 Polarity Red Color band on body denotes cathode Mounting position Any Weight 0.036grams Case
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified Single phase, half sine wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
SYMBOL Maximum Current Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TT=550C Peak Forward Surge Current Single Sine-Wave on Rated Load (JEDEC Method) Maximum Instantaneous Forward Voltage Drop at 1.5A DC Maximum DC Reverse Current @TA=25 C at Rated DC Blocking Voltage @TA=1250C Typical Thermal Rseistance Typical Junction capacitance Operating Junction And Storage Temperature Range R R
0
SM5391 SM5392 SM5393 SM5394 SM5395 SM5396 SM5397 SM5398 SM5399
UNITS
Volts Volts Volts Amps Amps Volts A
VRRM VRMS VDC I(AV) IFSM VF IR
JA JL
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400 1.5 50 1.1 5.0 100
500 350 500
600 420 600
800 1000 560 700
800 1000
75 30 12 -55 to +150
0
C/W pF
0
CJ TJ TSTG
C
www.paceleader.com.tw
1
SM5391 thru SM5399
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
RATINGS AND CHARACTERISTIC CURVES SM5391 THRU SM5399
125 125
www.paceleader.com.tw
2


▲Up To Search▲   

 
Price & Availability of SM5391

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X