Part Number Hot Search : 
7289NSC 1X392K SMA6J60A 01061 LD7513A FES2A SMB33C IN4746A
Product Description
Full Text Search
 

To Download SD8150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD820CT~SD8150CT
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 8 Amperes CURRENT VOLTAGE 20 to 150 Volts
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O * For surface mounted applications * Low profile package * Built-in strain relief * Low power loss, High efficiency * High surge capacity * For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
.307(7.8) .283(7.2) .225(5.7) .209(5.3) .063(1.6) .047(1.2)
.216(5.5) .200(5.1) .264(6.7) .248(6.3) .098(2.5) .082(2.1) .024(0.6) .016(0.4)
TO-251AB
Unit : inch (mm)
MECHANICALDATA
Case: D PAK/TO-251AB molded plastic Terminals: Solder plated, solderable per MIL-STD-202G,Method 208 Polarity: As marking Standard packaging: 16mm tape (EIA-481) Weight: 0.015 ounces, 0.4grams.
.071(1.8) .051(1.3) .032(0.8) .012(0.3) .09 .09 (2.3) (2.3)
.02(0.5)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PAR AME T E R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t T c = 8 5 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 4 . 0 A ( N o t e 1 ) M a x i m u m D C R e v e r s e C u r r e n t Tc = 2 5 O C a t R a t e d D C B l o c k i n g V o l t a g e Tc = 1 0 0 O C Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g S t o r a g e Te m p e r a t u r e R a n g
S YM B OL VRRM VRMS VDC IAV IFSM VF
SD820CT 20 14 20
SD830CT 30 21 30
SD840CT SD850CT SD860CT SD880CT SD8100CT SD8150CT 40 28 40 50 35 50 8 85 60 42 60 80 56 80 100 70 100 150 105 150
U N IT S V V V A A
0 .5 5
0 .7 5 0 .2 20 80 -5 0 to +1 2 5 -5 0 to +1 5 0
0 .8 5
0.92
V
IR
mA
RJ C TJ TJ , T STG
O
C/W
O
C C
O
Notes : 1. Thermal Resistance Junction to Ambient.
REV.0-MAR.8.2005
PAGE . 1
RATING AND CHARACTERISTIC CURVES
INSTNTANEOUS FORWARD CURRENT AMPERES AVERAGE FORWARD CURRENT, AMPERES
50 20- 40V 10 50- 60V 80- 100 V
10.0 8.0 6.0 4.0
RESISTTIVE OR INDUCTIVE LOAD
1.0
TJ=25 C f=1.0mHz Visg=5mVp-p
O
2.0 0 20 40 60 80 100 120
O
140
0.1
.2
.3
.4
.5.6
.7
.8.91.0
1.1
CASE TEMPERATURE, C Fig.1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
10000
INSTANTANEOUS REVERSE CURRENT, MILAMPERES
100
CAPACITANCE, pF
10
T J =100 C
O
1000
T J = 75 OC
1.0
TJ=25 OC f=1.0mHz Visg=5mVp-p
100
T J = 25 OC
0.1
.01
10 0.1 0 20 40 60 80 100 120 140
PERCENT OF RATEP PEAK REVERSE VOLTAGE %
1.0
10
100
REVERSE VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PEAK FORWARD SURGE CURRENT, AMPERES
Fig.4- TYPICAL JUNCTION CAPACITANCE
120 100 80 60 40 20 0 1 10
NO. OF CYCLES AT 60Hz
100
Fig.5- MAXIMUM NON-REPETITIVE SURGE CURRENT
REV.0-MAR.8.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SD8150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X