Part Number Hot Search : 
85N3L 2MBI150 PRF80 SM5102 85N3L DH71016 TDE17670 PRF80
Product Description
Full Text Search
 

To Download SB22009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB220~SB260
SCHOTTKY BARRIER RECTIFIERS CURRENT VOLTAGE 20 to 60 Volts
FEATURES
* Plastic package has Underwriters Laboratory
1.0(25.4)MIN.
2.0 Amperes
DO-15
Unit: inch(mm)
.034(.86) .028(.71)
Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * For use in low voltage,high frequency inverters ,free wheeling , and polarity protection applications. * In compliance with EU RoHS 2002/95/EC directives
.300(7.6)
MECHANICALDATA
* Case: DO-15 Molded plastic * Polarity: Color band denotes cathode * Mounting Position: Any * Weight: 0.015 ounces, 0.4grams * Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
.230(5.8)
.140(3.6)
1.0(25.4)MIN.
.104(2.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d R e c t i f i e d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h ( S e e F i g ur e 1 ) P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 2 . 0 A M a xi m um D C R e ve r s e C ur r e nt a t T J = 2 5 OC R a t e d D C B l o c k i ng V o l t a g e T J = 1 0 0 OC Ty p i c a l T h e r m a l R e s i s t a n c e ( N o t e 2 ) O p e r a t i n g J u n c t i o n a n d S t o r a g Te m p e r a t u r e R a n g
S YM B O L VRRM VRMS VD C IF ( A V ) IF S M VF IR R J A TJ , TS T G
SB220 20 14 20
SB230 30 21 30
SB240 40 28 40 2 .0 50
SB250 50 35 50
SB260 60 42 60
U N IT S V V V A A
0 .5 0 0 .2 20 35 -5 5 to +1 2 5
0 .7 0 0 .1 20
O
V
mA
C/W
O
-5 5 to +1 5 0
C
NOTES: 1.Pulse Test :300sec pulse with, 1% Duty Cycle. 2.Thermal resistance junction to lead P.C. B mounted 0.375"(9.5mm) lead length.
STAD-MAR.12.2009 1
PAGE . 1
SB220~SB260
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
2.5
=20-30V =40-60V
60 50 40 30 20 10 0 1 10
NO. OF CYCLE AT 60HZ
2.0 1.5 1.0
.375" 9.5mmLEADLENGHTS RESISTIVEORINDUCTIVELOAD
0.5 0
0
20
40
60
80
100
120
140
160
100
LEAD TEMPERATURE, OC
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON-REPETITIVEPEAKFORWARD SURGE CURRENT
10 5
10
REVERSE CURRENTm ,m A
FORWARD CURRENT , AMPERES
10
4
20-40V
10
3
50-60V
T J =125 C
O
1.0
10
2
T J =75 C 10
1
O
0.1
T A = 25 C
O
10
0
T J =25 C
O
10
-1
10
-2
0.01
20 40 60 80 100
0
0.2
0.4
0.6
0.8
1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE ,%
FORWARD VOLTAGE , VOLTS
Fig.3-TYPICAL REVERSE CHARACTERISTIC
Fig.4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
STAD-MAR.12.2009 1
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB22009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X