Part Number Hot Search : 
NCP1217A 5561K9F MAX15 08852 8710A K2698B P60P03 XXXGX
Product Description
Full Text Search
 

To Download RX11401206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Power PCB Relay RX1
I I I I I
1 pole 12 or 16 A, 1 CO or 1 NO DC- or AC-coil Reinforced insulation Transparent cover optional RoHS compliant (Directive 2002/95/EC) as per product date code 0413
Applications Domestic appliances, heating control, emergency lighting, automatic doors
S0271-A
Approvals
V REG.-Nr.ofA651, Zon request E214025 Technical data approved types
Contact data
Contact configuration 1 CO or 1 NO Contact set single contact Type of interruption micro disconnection Rated current 12 A 16 A Rated voltage / max.switching voltage AC 240/400 VAC Maximum breaking capacity AC 3000 VA 4000 VA Limiting making capacity, max 4 s, duty factor 10% 25 A Contact material AgNi 90/10 Mechanical endurance DC coil > 5 x 106 cycles AC coil > 1 x 106 cycles Rated frequency of operation with / without load 6 / 600 min-1 Contact Type RX1 RX1 RX3 RX3 ratings Load 12 A, 250 VAC, 12 A, 250 VAC, 16 A, 250 VAC, 16 A, 250 VAC,
DC coil, NO contact, 85C, EN61810-1 AC coil, NO contact, 70C, EN61810-1 NO contact, 70C, DF 50%, EN61810-1 NO contact, 85C, DF 10%, UL508
Cycles 1x105 1x105 5x104 5x104
Coil data
Rated coil voltage range DC coil AC coil Coil power DC coil AC coil Operative range Coil insulation system according UL1446 5...110 VDC 24...230 VAC 520 mW typ 0,75 VA 2 class F
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 005 5 3.5 0.5 50+10% 500 006 6 4.2 0.6 68+10% 529 012 12 8.4 1.2 274+10% 526 024 24 16.8 2.4 1095+10% 526 048 48 33.6 4.8 4380+10% 526 060 60 42.0 6.0 6845+10% 526 110 110 77.0 11.0 23010+10% 526 All figures are given for coil without preenergization, at ambient temperature +23C
1
Datasheet Rev. FG1 Issued 2006/07 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Power PCB Relay RX1 (Continued)
Coil versions, AC-coil 50Hz Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power 50 Hz 50 Hz 50 Hz VAC VAC VAC Ohm VA 524 24 18.0 3.6 350+10% 0.76 615 115 86.3 17.3 8100+15% 0.76 730 230 172.5 34.5 32500+15% 0.74 All figures are given for coil without preenergization, at ambient temperature +23C
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree 12 A version 16 A version Rated voltage system Overvoltage category 4000 Vrms 1000 Vrms W 8 / 8 mm W IIIa PTI 250 V reinforced functional 250 V 3 3 240 V III 3 2 400 V
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0413 Flammability class according to UL94 V-0 Ambient temperature range DC coil -40...85C 1) AC coil -40...70C Operate- / release time DC coil typ 7 / 2 ms Bounce time DC coil, NO / NC contact typ 1 / 3 ms Vibration resistance (function) NO / NC contact 20 / 4 g, 10 ... 150 Hz Shock resistance (destruction) 100 g Category of protection RTII - flux proof Mounting standard version (white cover) pcb or on socket transparent version pcb Mounting distance 2,5 mm Resistance to soldering heat flux-proof version 270 C / 10 s Relay weight 14 g Packaging unit 500 pcs 1) Version with transparent cover: -40...+70C
Accessories
For standard version (white cover), details see datasheet accessories RT
2
Datasheet Rev. FG1 Issued 2006/07 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Power PCB Relay RX1 (Continued)
Dimensions
S0272-BB
PCB layout / terminal assignment
Bottom view on solder pins
*) With the recommended PCB hole sizes a grid pattern from 2.5 mm to 2.54 mm can be used.
12 A, pinning 3.5 mm
12 A, pinning 5 mm
16 A, pinning 5 mm
S0418-CB
S0418-CN
S0418-CA
1 CO contact
1 CO contact
1 CO contact
S0163-BG
S0163-BC
S0163-BE
1 NO contact
1 NO contact
1 NO contact
S0163-BH
S0163-BD
S0163-BF
Product key Type Version 1 12 A, pinning 3.5 mm, flux proof 3 16 A, pinning 5 mm, flux proof Contact configuration 1 1 CO contact 3 1 NO contact Contact material 4 AgNi 90/10 Coil Coil code: please refer to coil versions table Cover Blank standard cover (white) C transparent cover (clear)
RX
4
3
Datasheet Rev. FG1 Issued 2006/07 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Power PCB Relay RX1 (Continued)
Product key RX114012 RX114012C RX114024 RX114024C RX114730 RX114730C RX134012 RX134024 RX314012 RX314012C RX314024 RX314024C RX314730 RX314730C RX334012 RX334024
Version 12 A pinning 3.5mm flux proof
Contacts 1 CO contact
Cont. material AgNi 90/10
Coil 12 VDC 24 VDC 230 VAC
1 NO contact 16 A pinning 5mm flux proof 1 CO contact
12 VDC 24 VDC 12 VDC 24 VDC 230 VAC
Cover white transparent white transparent white transparent white transparent white transparent white transparent white
1 NO contact
12 VDC 24 VDC
Part number 6-1415502-1 1-1415503-1 7-1415502-1 2-1415503-1 8-1415502-1 5-1415503-1 9-1415502-1 1415503-1 1-1415502-1 3-1415503-1 2-1415502-1 4-1415503-1 3-1415502-1 6-1415503-1 4-1415502-1 5-1415502-1
4
Datasheet Rev. FG1 Issued 2006/07 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of RX11401206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X