Part Number Hot Search : 
5M250 MAX5913 2SK16 E330M 87C196 29F64G08 STYN225S MIC94084
Product Description
Full Text Search
 

To Download RL252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RL251 thru RL257
PLASTIC SILICON RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 50 TO 1000 Volts CURRENT 2.5 Amperes
MIN 3A
FEATURE
Low forward voltage High current capability Low leakage current High surge capability Low cost
1.0(25.4) MIN.
.042 .040
(1.07) (1.01) DIA.
.160(4.1) MAX. .160(4.1) MAX. DIA. 1.0(25.4) MIN.
MECHANICAL DATA
Case:Mold plastic use UL 94V-0 recognized flame retardant epoxy Terminals:Axial leads, solderable per MIL-STD-202, method 208 Polarity:Color band denotes cathode Mounting Position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Signle phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RL251
RL252
100 70 100
RL253
200 140 200
RL254
400 280 400 2.5 150 1.2 5.0
RL255
600 420 600
RL256
800 560 800
RL257
1000 700 1000
UNITS
V V V A A V
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, .375", (9.5mm) Lead Length at TA =60 C
0
50 35 50
Peak Forward Surge Current 8.3 ms single half sine-wave Maximum Forward Voltage at 6.0A Peak Maximum Reverse Current, TA =25 C at Rated DC Blocking Voltage
0
Maximum Full Load Reverse Current, Full Cycle Average, .5", (12.5mm) Lead Length TA =105 C
0
500 35 -65 to +175 -65 to +170
A pF
0
Typical Junction Capacitance (Note 1) Storage Temperature Range TA Operating Tempeature Range TA Notes : 1. Measurd at 1MHz and applied reverse voltage of 4.0 Volts * JEDEC Registered Value.
C C
0
RL251 thru RL257
PLASTIC SILICON RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES RL251 THRU RL257
Fig. 1 - TYPICAL FORWARD CHARACTERISTICS Fig. 2 - PEAK FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
PEAK FORWARD SURGE CURRENT AMPERES
250
200
0 TJ=25C
1.0
150
100
0.1
TJ = 25 C
0
50
.01 .4 .6 .8 1.0 1.2 1.4 1.6
0
1
10
100
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLT AGE, VOLTS
Fig. 3 - FORWARD CURRENT DERATING CURVE Fig. 4 - TYPICAL JUNCTION CAPACITANCE
3.0
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
100
2.5
1.5 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INOUCTIVE LOAD .375" LEAD LENGTH
CAPACITANCE-pF
2.0
TJ=25C
10
0
1.0
0.5 0 25
50
75
100
125
150
175
1 1 10 100
AMBIENT TEMPERATURE, 0C
REVERSE VOLTAGE. VOLTS


▲Up To Search▲   

 
Price & Availability of RL252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X