Part Number Hot Search : 
H15S2 ATA5423 RX301 TKD12A S2305 CSA1013 BU508DW 90BAI
Product Description
Full Text Search
 

To Download RL252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
RL251 THRU RL257
2.5 Amp Silicon Rectifier 50 to 1000 Volts
R-3
Features
* * * * Low Cost Low Leakage Low Forward Voltage Drop High Current Capability
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Typical Thermal Resistance (R JA) 35C/W Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
D
Catalog Number RL251 RL252 RL253 RL254 RL255 RL256 RL257
---------------
A
Cathode Mark
B
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 2.5 A TA = 75C Current Peak Forward Surge IFSM 150A 8.3ms, half sine Current IFM = 2.5A; Maximum 1.0V Instantaneous VF TA = 25C Forward Voltage Maximum DC Reverse Current At IR 5.0A TA = 25C Rated DC Blocking 50A TA = 100C Voltage Typical Junction CJ 35pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
C
DIMENSIONS INCHES MIN ----.040 1.000 MM MIN ----1.01 25.40
DIM A B C D
MAX .160 .160 .042 ---
MAX 4.10 4.10 1.07 ---
NOTE
www.cnelectr.com
RL251 thru RL257
Figure 1 Typical Forward Characteristics 20 10 6 4 2.5 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts .8 1.0 1.2 0 .5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Amps 1.0 2.0 3.0 Figure 2 Forward Derating Curve
1.5
Figure 3 Junction Capacitance
100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pFversus Reverse Voltage - Volts
www.cnelectr.com
RL251 thru RL257
Figure 4 Typical Reverse Characteristics 10 6 4 120 2 TJ=100C 1 .6 .4 .2 Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 80 Volts Instantaneous Reverse Current - Ampsversus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TJ=25C Amps 90 60 30 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 180 150 Figure 5 Peak Forward Surge Current
2
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of RL252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X