Part Number Hot Search : 
28F01 MPS911 A25L020 22041 2108M00 LM8V33 2SD1664 X55C39
Product Description
Full Text Search
 

To Download QP-200-3A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
200W Quad Output with PFC Function
QP-200
series
Features :
Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections:Short circuit/Over load/Over voltage/Over temperature Forced air cooling by built-in DC fan CH1,2 can be adjustable from -5~+10% With power good and fail signal output(Optional) Built-in remote sense function for CH1,2 100% full load burn-in test CH4 can set to positive after consult us before delivery Fixed switching frequency at PFC:67KHz PWM:134KHz(Optional) 3 years warranty
..
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER PEAK CURRENT OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE QP-200D CH1 5V 15A 3 ~ 20A 203.4W
Note.4 20A
QP-200F CH2 12V 4A 0 ~ 6A 7A CH3 24V 3A 0.4 ~ 5A 6A CH4 -12V 0.7A 0 ~ 1A 1A CH1 5V 15A 3 ~ 20A 202.5W 20A 6A 6A 1A CH2 15V 3A 0 ~ 5A CH3 24V 3A 0.4 ~ 5A CH4 -15V 0.7A 0 ~ 1A
QP-200-3A CH1 5V 15A 3 ~ 20A 200W 20A 20A 8A 1A CH2 3.3V 15A 0 ~ 20A CH3 12V 6A 0.5 ~ 8A CH4 -5V 0.7A 0 ~ 1A
RIPPLE & NOISE (max.) Note.2 100mVp-p 150mVp-p 150mVp-p 150mVp-p 100mVp-p 150mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 150mVp-p 150mVp-p CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 11.4 ~ 13.2V +10,-6% 2.0% 6.0% 6.0% 1.0% 2.0% CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 14.25 ~ 16.5V CH1: 4.75 ~ 5.5V +10,-6% 2.0% 6.0% 6.0% 1.0% 2.0% 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V +8,-10% 2.0% 6.0% 6.0% 1.0% 2.0%
800ms, 50ms at full load 24ms at full load
Note.6 90 ~ 264VAC
127 ~ 370VDC PF>0.98/115VAC at full load 75% 72%
47 ~ 63Hz PF>0.95/230VAC 75% 3.5A/115VAC 2A/230VAC COLD START 30A <2mA / 240VAC 105 ~ 150% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed CH1:5.75 ~ 6.75V CH2:13.8 ~ 16.2V CH1: 5.75 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover 95 5 (TSW1) Detect on heatsink of Q1,Q2 power transistor CH2:17.25 ~ 20.25V CH1:5.75 ~ 6.75V CH2:3.8 ~ 4.4V
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down FUNCTION POWER GOOD / POWER FAIL(OPTIONAL) 10ms/1ms -10 ~ +60 (Refer to output load derating curve) WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0~50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC SAFETY & ISOLATION RESISTANCE EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B EMC (Note 5) HARMONIC CURRENT Compliance to EN61000-3-2,-3 EMS IMMUNITY Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A MTBF OTHERS
NOTE
160.6K hrs min.
MIL-HDBK-217F (25
)
DIMENSION PACKING
230*115*50mm (L*W*H) 1.2Kg; 12pcs/15.4Kg/0.92CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. 33.3% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power. 5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 6. Derating may be needed under low input voltages. Please check the derating curve for more details.
File Name:QP-200-SPEC 2005-09-13
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
200W Quad Output with PFC Function
QP-200
series
Features :
Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections:Short circuit/Over load/Over voltage/Over temperature Forced air cooling by built-in DC fan CH1,2 can be adjustable from -5~+10% With power good and fail signal output(Optional) Built-in remote sense function for CH1,2 100% full load burn-in test CH4 can set to positive after consult us before delivery Fixed switching frequency at PFC:67KHz PWM:134KHz(Optional) 3 years warranty
..
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER PEAK CURRENT OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE QP-200-3B CH1 5V 15A 3 ~ 20A 204.9W
Note.4 20A
QP-200-3C CH3 12V 6A 0.5 ~ 8A 8A CH4 -12V 0.7A 0 ~ 1A 1A CH1 5V 15A 3 ~ 20A 210W 20A CH2 3.3V 15A 0 ~ 20A 20A CH3 15V 5A 0.5 ~ 6A 7A CH4 -15V 0.7A 0 ~ 1A 1A
QP-200-3D CH1 5V 10A 3 ~ 15A 203.9W 20A 20A 6A 1A CH2 3.3V 15A 0 ~ 20A CH3 24V 4A 0.4 ~ 5A CH4 -12V 0.7A 0 ~ 1A
CH2 3.3V 15A 0 ~ 20A 20A
RIPPLE & NOISE (max.) Note.2 100mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 150mVp-p 150mVp-p CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V +8,-10% 2.0% 6.0% 6.0% 1.0% 2.0% CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V +10,-6% 2.0% 6.0% 6.0% 1.0% 2.0% CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V +10,-6% 2.0% 6.0% 6.0% 1.0% 2.0%
800ms, 50ms at full load 24ms at full load
Note.6 90 ~ 264VAC
127 ~ 370VDC PF>0.98/115VAC at full load 72% 74%
47 ~ 63Hz PF>0.95/230VAC 72% 3.5A/115VAC 2A/230VAC COLD START 30A <2mA / 240VAC 105 ~ 150% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed CH1:5.75 ~ 6.75V CH2:3.8 ~ 4.4V Protection type : Shut down o/p voltage, re-power on to recover
95 5 (TSW1) Detect on heatsink of Q1,Q2 power transistor Protection type : Shut down o/p voltage, recovers automatically after temperature goes down FUNCTION POWER GOOD / POWER FAIL(OPTIONAL) 10ms/1ms -10 ~ +60 (Refer to output load derating curve) WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0~50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC SAFETY & ISOLATION RESISTANCE EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B EMC (Note 4) HARMONIC CURRENT Compliance to EN61000-3-2,-3 EMS IMMUNITY Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A MTBF OTHERS
NOTE
160.6K hrs min.
MIL-HDBK-217F (25
)
DIMENSION PACKING
230*115*50mm (L*W*H) 1.2Kg; 12pcs/15.4Kg/0.92CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. 33.3% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power. 5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 6. Derating may be needed under low input voltages. Please check the derating curve for more details.
File Name:QP-200-SPEC 2005-09-13
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
200W Quad Output with PFC Function
QP-200
series
Features :
Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections:Short circuit/Over load/Over voltage/Over temperature Forced air cooling by built-in DC fan CH1,2 can be adjustable from -5~+10% With power good and fail signal output(Optional) Built-in remote sense function for CH1,2 100% full load burn-in test CH4 can set to positive after consult us before delivery Fixed switching frequency at PFC:67KHz PWM:134KHz(Optional) 3 years warranty
..
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER PEAK CURRENT OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE QP-200-3E CH1 5V 10A 3 ~ 15A 206W
Note.4 20A
CH2 3.3V 15A 0 ~ 20A 20A 100mVp-p CH2: 3.14 ~ 3.63V 3.0% 1.0% 2.0%
CH3 24V 4A 0.4 ~ 5A 6A 150mVp-p +10,-6% 2.0% 6.0%
CH4 -15V 0.7A 0 ~ 1A 1A 150mVp-p 6.0% 1.0% 2.0%
RIPPLE & NOISE (max.) Note.2 100mVp-p CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 800ms, 50ms at full load 24ms at full load
Note.6 90 ~ 264VAC
127 ~ 370VDC PF>0.98/115VAC at full load 2A/230VAC
47 ~ 63Hz PF>0.95/230VAC 74% 3.5A/115VAC COLD START 30A <2mA / 240VAC
105 ~ 150% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed CH1:5.75 ~ 6.75V CH2:3.8 ~ 4.4V Protection type : Shut down o/p voltage, re-power on to recover
95 5 (TSW1) Detect on heatsink of Q1,Q2 power transistor Protection type : Shut down o/p voltage, recovers automatically after temperature goes down FUNCTION POWER GOOD / POWER FAIL(OPTIONAL) 10ms/1ms -10 ~ +60 (Refer to output load derating curve) WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0~50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC SAFETY & ISOLATION RESISTANCE EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B EMC (Note 5) HARMONIC CURRENT Compliance to EN61000-3-2,-3 EMS IMMUNITY Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A MTBF OTHERS
NOTE
160.6K hrs min.
MIL-HDBK-217F (25
)
DIMENSION PACKING
230*115*50mm (L*W*H) 1.2Kg; 12pcs/15.4Kg/0.92CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. 33.3% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power. 5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 6. Derating may be needed under low input voltages. Please check the derating curve for more details.
File Name:QP-200-SPEC 2005-09-13
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
200W Quad Output with PFC Function
Mechanical Specification
117.5 32.5 27.5 150 177.5
QP-200
Case No. 912B
series
Unit:mm
LED 6 1 9 8 7 135 9.5 6 5 4 3 32.5 2 1 16 8 5-M3 L=3mm 10 4-M4 L=5mm 47.5 50.5 215 32.5 150 Air flow direction 4-M4 L=6mm 115 51.5 95 15
25
36.5
CN2
V2 V1 ADJ.
Terminal pin number assignment :
Pin No. 1 2 3 Assignment AC/L AC/N FG Pin No. Assignment Pin No. Assignment 4 DC OUTPUT V4 7,8 DC OUTPUT COM 5 DC OUTPUT V3 9 DC OUTPUT V2 6 DC OUTPUT V1
DC Output Connector (CN2) : JST S6B-XH-A-1 or equivalent
Pin No. Assignment Pin No. Assignment 1 V1(+S) 4 V2(-S) 2 V1(-S) 5 PF/PG 3 V2(+S) 6 G Mating Housing JST XHP or equivalent Terminal JST SXH-001T-P0.6 or equivalent
Derating Curve
Output Derating VS Input Voltage
100
100 90
80 70 60
QP-200-3A
80 70
LOAD (%)
40
LOAD(%)
60 50 40
20
-10 -10
0 0
10
20
30
40
50
60
(HORIZONTAL)
90
100
115
135
50
C L
50
155
230 264
AMBIENT TEMPERATURE (
)
INPUT VOLTAGE (VAC) 60Hz
File Name:QP-200-SPEC 2005-09-13


▲Up To Search▲   

 
Price & Availability of QP-200-3A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X