Part Number Hot Search : 
P1300 SHM80F AD16312 MSR126R A25L05P 7K025 MV8412 MLC241B
Product Description
Full Text Search
 

To Download QP-200-3A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 200W Quad Output with PFC Function
Features :
Universal AC input / Full range
QP-200
series
Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage / Over temperature Forced air cooling by built-in DC fan CH1,2 can be adjustable from -5~+10% With power good and fail signal output(Optional) Built-in remote sense function for CH1,2 100% full load burn-in test CH4 can set to positive after consult us before delivery(Optional) Fixed switching frequency at PFC:67KHz PWM:134KHz 3 years warranty
..
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER PEAK CURRENT OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE QP-200D CH1 5V 15A 3 ~ 20A 203.4W
Note.4 20A
QP-200F CH2 12V 4A 0 ~ 6A 7A CH3 24V 3A 0.4 ~ 5A 6A CH4 -12V 0.7A 0 ~ 1A 1A CH1 5V 15A 3 ~ 20A 202.5W 20A 6A 6A 1A CH2 15V 3A 0 ~ 5A CH3 24V 3A 0.4 ~ 5A CH4 -15V 0.7A 0 ~ 1A
QP-200-3A CH1 5V 15A 3 ~ 20A 200W 20A 20A 8A 1A CH2 3.3V 15A 0 ~ 20A CH3 12V 6A 0.5 ~ 8A CH4 -5V 0.7A 0 ~ 1A
RIPPLE & NOISE (max.) Note.2 100mVp-p 150mVp-p 150mVp-p 150mVp-p 100mVp-p 150mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 150mVp-p 150mVp-p CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 11.4 ~ 13.2V +10,-6% 2.0% 6.0% 6.0% 1.0% 2.0% CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 14.25 ~ 16.5V CH1: 4.75 ~ 5.5V +10,-6% 2.0% 6.0% 6.0% 1.0% 2.0% 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V +8,-10% 2.0% 6.0% 6.0% 1.0% 2.0%
800ms, 50ms at full load 24ms at full load
Note.6 90 ~ 264VAC
127 ~ 370VDC PF>0.98/115VAC at full load 75% 72%
47 ~ 63Hz PF>0.95/230VAC 75% 3.5A/115VAC 2A/230VAC COLD START 30A <2mA / 240VAC 105 ~ 150% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed CH1:5.75 ~ 6.75V CH2:13.8 ~ 16.2V CH1: 5.75 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover 95 5 (TSW1) detect on heatsink of Q1,Q2 power transistor CH2:17.25 ~ 20.25V CH1:5.75 ~ 6.75V CH2:3.8 ~ 4.4V
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down FUNCTION POWER GOOD / POWER FAIL(OPTIONAL) 10ms/1ms -10 ~ +60 (Refer to output load derating curve) WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC EMI CONDUCTION & RADIATION
(Note 5)
20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0~50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC Compliance to EN55022 (CISPR22) Class B Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 160.6K hrs min. MIL-HDBK-217F (25 ) 215*115*50mm (L*W*H) 1.2Kg; 12pcs/15.4Kg/0.92CUFT
HARMONIC CURRENT EMS IMMUNITY MTBF OTHERS
NOTE
DIMENSION PACKING
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. 33.3% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power. 5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 6. Derating may be needed under low input voltages. Please check the derating curve for more details.
File Name:QP-200-SPEC 2008-07-08
200W Quad Output with PFC Function
Features :
Universal AC input / Full range
QP-200
series
Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage / Over temperature Forced air cooling by built-in DC fan CH1,2 can be adjustable from -5~+10% With power good and fail signal output(Optional) Built-in remote sense function for CH1,2 100% full load burn-in test CH4 can set to positive after consult us before delivery(Optional) Fixed switching frequency at PFC:67KHz PWM:134KHz 3 years warranty
..
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER PEAK CURRENT OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE QP-200-3B CH1 5V 15A 3 ~ 20A 204.9W
Note.4 20A
QP-200-3C CH3 12V 6A 0.5 ~ 8A 8A CH4 -12V 0.7A 0 ~ 1A 1A CH1 5V 15A 3 ~ 20A 210W 20A CH2 3.3V 15A 0 ~ 20A 20A CH3 15V 5A 0.5 ~ 6A 7A CH4 -15V 0.7A 0 ~ 1A 1A
QP-200-3D CH1 5V 10A 3 ~ 15A 203.9W 20A 20A 6A 1A CH2 3.3V 15A 0 ~ 20A CH3 24V 4A 0.4 ~ 5A CH4 -12V 0.7A 0 ~ 1A
CH2 3.3V 15A 0 ~ 20A 20A
RIPPLE & NOISE (max.) Note.2 100mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 150mVp-p 150mVp-p CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V +8,-10% 2.0% 6.0% 6.0% 1.0% 2.0% CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V +10,-6% 2.0% 6.0% 6.0% 1.0% 2.0% CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 3.0% 1.0% 2.0% CH2: 3.14 ~ 3.63V +10,-6% 2.0% 6.0% 6.0% 1.0% 2.0%
800ms, 50ms at full load 24ms at full load
Note.6 90 ~ 264VAC
127 ~ 370VDC PF>0.98/115VAC at full load 72% 74%
47 ~ 63Hz PF>0.95/230VAC 72% 3.5A/115VAC 2A/230VAC COLD START 30A <2mA / 240VAC 105 ~ 150% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed CH1:5.75 ~ 6.75V CH2:3.8 ~ 4.4V Protection type : Shut down o/p voltage, re-power on to recover
95 5 (TSW1) detect on heatsink of Q1,Q2 power transistor Protection type : Shut down o/p voltage, recovers automatically after temperature goes down FUNCTION POWER GOOD / POWER FAIL(OPTIONAL) 10ms/1ms -10 ~ +60 (Refer to output load derating curve) WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & EMC
(Note 4)
20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0~50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
ISOLATION RESISTANCE HARMONIC CURRENT EMS IMMUNITY MTBF
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 160.6K hrs min. MIL-HDBK-217F (25 ) 215*115*50mm (L*W*H) 1.2Kg; 12pcs/15.4Kg/0.92CUFT
OTHERS
NOTE
DIMENSION PACKING
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. 33.3% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power. 5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 6. Derating may be needed under low input voltages. Please check the derating curve for more details.
File Name:QP-200-SPEC 2008-07-08
200W Quad Output with PFC Function
Features :
Universal AC input / Full range
QP-200
series
Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage / Over temperature Forced air cooling by built-in DC fan CH1,2 can be adjustable from -5~+10% With power good and fail signal output(Optional) Built-in remote sense function for CH1,2 100% full load burn-in test CH4 can set to positive after consult us before delivery(Optional) Fixed switching frequency at PFC:67KHz PWM:134KHz 3 years warranty
..
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER PEAK CURRENT OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE QP-200-3E CH1 5V 10A 3 ~ 15A 206W
Note.4 20A
CH2 3.3V 15A 0 ~ 20A 20A 100mVp-p CH2: 3.14 ~ 3.63V 3.0% 1.0% 2.0%
CH3 24V 4A 0.4 ~ 5A 6A 150mVp-p +10,-6% 2.0% 6.0%
CH4 -15V 0.7A 0 ~ 1A 1A 150mVp-p 6.0% 1.0% 2.0%
RIPPLE & NOISE (max.) Note.2 100mVp-p CH1: 4.75 ~ 5.5V 3.0% 1.0% 2.0% 800ms, 50ms at full load 24ms at full load
Note.6 90 ~ 264VAC
127 ~ 370VDC PF>0.98/115VAC at full load 2A/230VAC
47 ~ 63Hz PF>0.95/230VAC 74% 3.5A/115VAC COLD START 30A <2mA / 240VAC
105 ~ 150% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed CH1:5.75 ~ 6.75V CH2:3.8 ~ 4.4V Protection type : Shut down o/p voltage, re-power on to recover
95 5 (TSW1) detect on heatsink of Q1,Q2 power transistor Protection type : Shut down o/p voltage, recovers automatically after temperature goes down FUNCTION POWER GOOD / POWER FAIL(OPTIONAL) 10ms/1ms -10 ~ +60 (Refer to output load derating curve) WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0~50 ) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC SAFETY & ISOLATION RESISTANCE EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B EMC
(Note 5)
HARMONIC CURRENT EMS IMMUNITY MTBF
Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A 160.6K hrs min. MIL-HDBK-217F (25 ) 215*115*50mm (L*W*H) 1.2Kg; 12pcs/15.4Kg/0.92CUFT
OTHERS
NOTE
DIMENSION PACKING
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. 33.3% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power. 5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 6. Derating may be needed under low input voltages. Please check the derating curve for more details.
File Name:QP-200-SPEC 2008-07-08
200W Quad Output with PFC Function
Mechanical Specification
117.5 32.5 27.5 LED CN2 150 177.5
QP-200
Case No. 912B
series
Unit:mm
1
16
10
9 8 7 6 5 4 3 2 1
36.5
6
V2 V1 ADJ.
135
9.5
4-M4 L=5mm 47.5
32.5
8
5-M3 L=3mm
50.5
115
95 50
Terminal Pin No. Assignment
Pin No. Assignment Pin No. 1 5 AC/L AC/N 2 6 3 FG 7,8 DC OUTPUT V4 4 9
51.5 50
15 215 32.5 13 max. 150
Air flow direction
Assignment DC OUTPUT V3 DC OUTPUT V1 DC OUTPUT COM DC OUTPUT V2
25
C L
DC Output Connector (CN2) : JST S6B-XH-A-1 or equivalent
Terminal Pin No. Assignment Pin No. Assignment Mating Housing V1(+S) V2(-S) 1 4 JST SXH-001T-P0.6 JST XHP V1(-S) PF/PG 2 5 or equivalent or equivalent V2(+S) GND 3 6
6-M4 L=6mm
Block Diagram
I/P EMI FILTER & RECTIFIERS PFC CIRCUIT POWER SWITCHING
RECTIFIERS & FILTER RECTIFIERS & FILTER MA & CONTROL RECTIFIERS & FILTER
PFC fosc : 67KHz PWM fosc : 134KHz
REGULATOR FAN V3 RECTIFIERS & FILTER V4
V2 +5V COM
FG
PWM & PFC CONTROL
COSTANT CURRENT & DETECTION CIRCUT
O.V.P.
Derating Curve
Output Derating VS Input Voltage
100
100 90
80 70 60
QP-200-3A
80 70
LOAD (%)
40
LOAD(%)
0 0 10 20 30 40 50 60 (HORIZONTAL)
60 50 40
20
-10 -10
90
100
115
135
155
230 264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (VAC) 60Hz
File Name:QP-200-SPEC 2008-07-08


▲Up To Search▲   

 
Price & Availability of QP-200-3A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X