Part Number Hot Search : 
ADA4350 BFG17 PJ120A BA80JC5T 2C10LI30 BA6409F 10040 BAV99
Product Description
Full Text Search
 

To Download PCH-109D2-WG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Miniature Power PCB Relay PCH
I I I I I
1pole 5 A, 1CO or 1NO contact Sensitive 200 mW coil available Version PCH-WG with tracking resistance PTI 250 on relay base and cover WG version: Product in accordance to IEC60335-1 RoHS compliant (Directive 2002/95/EC) as per product date code 0424
Applications Domestic appliances, heating control, building control, measurement&control
F-PCH
Approvals
PCH / PCH-WG:
Technical data of approved types on request
V
119568
Z
E82292
Contact data
PCH
PCH-WG
Contact configuration 1 CO or 1 NO Contact set single contact Type of interruption micro-disconn. Rated current 5A Rated voltage / max.switching voltage AC 250/400 VAC Maximum breaking capacity AC 1250 VA Contact material AgSnO 6 Mechanical endurance 1.5x10 cycles 10x106 cycles Rated frequency of operation with / without load 6/600 min-1
Contact ratings Type PCH-XXXX2M-WG PCH-XXXX2-WG PCH-XXXD2M PCH-XXXL2M PCH-XXXD2
Load N/O, 5 A, 250VAC, 85C, resistive, EN61810-1 C/O (N/O tested): 5 A, 250VAC, 85C, res. EN61810-1 N/O, 5 A, 250VAC, 70C, resistive, EN61810-1 N/O, 5 A, 250VAC, 70C, resistive, EN61810-1 C/O, 3 A, 250VAC, 40C, resistive, EN61810-1
Cycles 100x103 100x103 100x103 30x103 30x103
Coil data
Rated coil voltage range DC coil Coil power DC coil Operative range Coil insulation system according UL1446
standard
5...48 VDC typ. 400 mW 1 class F
sensitiv
5...24 VDC typ. 200 mW
Coil versions, DC-coil - standard Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 05 5 3.75 0.5 62.5+10% 400 06 6 4.5 0.6 80+10% 400 09 9 6.3 0.9 202.5+10% 400 12 12 8.4 1.2 360+10% 400 24 24 16.8 2.4 1440+10% 400 48 48 33.6 4.8 5760+10% 400 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Miniature Power PCB Relay PCH (Continued)
Coil versions, DC-coil - sensitive Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 05 5 3.75 0.5 125+10% 200 06 6 4.5 0.6 180+10% 200 09 9 6.75 0.9 400+10% 200 12 12 9.0 1.2 720+10% 200 24 24 18.0 2.4 2800+10% 200 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
PCB layout / terminal assignment
Bottom view on solder pins
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit N/O: C/O: Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category
PCH
4000 Vrms 1000 Vrms 5.5 / 9 mm 4.5 / 9 mm IIIa PTI 175 basic functional 250 V 2 250 V III
PCH-WG
S0550-AA
PTI 250
S0550-AB
3
Other data
PCH
PCH-WG
S0550-AC
RoHS - Directive 2002/95/EC compliant as per product date code 0424 For WG version: GWFI to IEC 60695-2-12 960C GWIT to IEC 60695-2-13 775C Flammability class according to UL94 V0 Ambient temperature range all WG-versions: -40...85C Standard N/O: -30...70C Standard C/O: -30...40C Operate- / release time typ. 10/5 ms Bounce time N/O / N/C contact typ. 1 / 3 ms Vibration resistance (function) NO / NC contact >14 / 8 g, 30...400 Hz Shock resistance (destruction) 100 g Category of protection RTII - flux proof RTIII - wash tight Mounting PCB Resistance to soldering heat flux-proof version 270C / 10 s wash-tight version 260C / 5 s Relay weight 7g Packaging unit 25/1000 pcs
Dimensions
S0551A
2
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Miniature Power PCB Relay PCH (Continued)
Product key Type Version 1 1 pole Coil 05 5 VDC 06 6 VDC 09 9 VDC Coil power D standard 400 mW Contact material 2 AgSnO2 Contact configuration Blank 1 CO contact Enclosure Blank flux proof Version Blank standard version Other types on request
PCH-1
2
-
12 24 48 L
12 VDC 24 VDC 48 VDC sensitive 200 mW (for NO contact only)
M H WG
1 NO contact wash tight Product in accordance with IEC 60335-1 (domestic appliances)
Product Key PCH-105D2M PCH-106D2M PCH-109D2M PCH-112D2M PCH-124D2M PCH-148D2M PCH-105D2 PCH-106D2 PCH-109D2 PCH-112D2 PCH-124D2 PCH-148D2 PCH-105L2M PCH-106L2M PCH-109L2M PCH-112L2M PCH-124L2M PCH-105D2M-WG PCH-106D2M-WG PCH-109D2M-WG PCH-112D2M-WG PCH-124D2M-WG PCH-148D2M-WG PCH-105D2-WG PCH-106D2-WG PCH-109D2-WG PCH-112D2-WG PCH-124D2-WG PCH-148D2-WG PCH-105L2M-WG PCH-106L2M-WG PCH-109L2M-WG PCH-112L2M-WG PCH-124L2M-WG
Version flux proof standard
Contact material AgSnO2
Contacts 1 NO contact
1 CO contact
flux proof sensitive
1 NO contact
flux proof standard materials according IEC 60335-1 1 CO contact
flux proof sensitive materials according IEC 60335-1
1 NO contact
Coil 5 VDC 6 VDC 9 VDC 12 VDC 24 VDC 48 VDC 5 VDC 6 VDC 9 VDC 12 VDC 24 VDC 48 VDC 5 VDC 6 VDC 9 VDC 12 VDC 24 VDC 5 VDC 6 VDC 9 VDC 12 VDC 24 VDC 48 VDC 5 VDC 6 VDC 9 VDC 12 VDC 24 VDC 48 VDC 5 VDC 6 VDC 9 VDC 12 VDC 24 VDC
Part number 1461350-2 1461350-3 1461350-4 1461350-5 1461350-6 1461350-7 9-1440003-7 9-1440003-8 9-1440003-9 1440004-0 1440004-1 1461410-2 1461352-2 1461352-3 1461352-4 1461352-5 1461352-6 1721767-2 1721767-3 1721767-4 1721767-5 1721767-6 1721767-7 1721766-2 1721766-3 1721766-4 1721766-5 1721766-6 1721766-7 1721768-2 1721768-3 1721768-4 1721768-5 1721768-6
3
Datasheet Rev. HC1 Issued 2008/03 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of PCH-109D2-WG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X