Part Number Hot Search : 
AF428 SN260 ESD05 XN121M 1N4124 36510 3EZ39 21013
Product Description
Full Text Search
 

To Download NJU7392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJU7392
2ch Pushbutton Interface EVR with eala Stereo Expander
GENERAL DESCRIPTION
The NJU7392 is a 2-channel electronic volume which include a Volume control, 2-in stereo input selector (with 1 x Differential input), eala Stereo Expander control (Stereo enhancement for narrow speakers), Bass boost control with ALC feature and a Stand-by function (Power-saving mode). The NJU7392 has also built-in push button interface for its volume, Bass Boost and eala Stereo Expander controls - making application possible without the use of micro-controller. The NJU7392 is suitable for low power application and also for application with narrow speaker such as mobile audio player and cradle speaker for mobile game.
PACKAGE OUTLINE
FEATURES * Operating Voltage * Low operating current
+2.7 to +5.5V 5mA typ. (Active mode) 1A typ. (stand-by mode) * Low output noise 20Vrms typ. (eala Stereo Expander : ON) * Input Selector 2ch (single-end / quasi-differential) * Sound Space adjustment for narrow speaker * Pushbutton interface EVR 0 to -68dB, MUTE * Bass Boost with ALC * CMOS Technology * Package Outline SSOP32
BLOCK DIAGRAM
V+ V+ Power Button Power Indicator V+ Expander Indicator V+ Bass Indicator
Input 1L Diff Input 1R Output L
Input 2L
Input Selector
eala Stereo Expander
P-VOL
Bass Boost with Limitter
Output R
Input 2R
V+ V+ Expander Button Input1/Input2
V+ Down
V+ Up Bass Button
V+
for palmtop
for laptop
NJU7392 Ver.1.5 E_DS
-1-
NJU7392
ABSOLUTE MAXIMUM RATING (Ta=25C)
PARAMETER
Power Supply Voltage Power Dissipation Maximum Input Voltage Operating Temperature Range Storage Temperature Range
*
1)
SYMBOL
V
+
RATING
+7 950*
1)
UNIT
V mW V
o o
PD VIMAX Topr Tstg
0~V *
+ 2)
-40 ~ +85 -40 ~ +125
C C
EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 2layer, FR-4) mounting 2) * Don't apply the input voltage that exceeds supply voltage.
ELECTRICAL RECOMMENDED OPERATING CONDITION (Ta=25C)
PARAMETER
Operating Voltage
SYMBOL
V
+
TEST CONDITION
-
MIN.
2.7
TYP.
3.3
MAX.
5.5
UNIT
V
ELECTRICAL CHARACTERISTICS DC CHARACTERISTICS (Ta=25C, V+=3.3V, unless otherwise specified)
PARAMETER
Operating Current Reference Voltage
SYMBOL
IDD1 IDD2 VREF
TEST CONDITION
No Signal, Active No Signal, Standby No signal
MIN.
1.5
TYP.
5.0 0.1 1.65
MAX.
8.0 1.0 1.8
UNIT
mA A V
AC CHARACTERISTICS
(Ta=25C, V =3.3V, VIN=500mVrms, f=1kHz, Expander: OFF, Treble:0dB, Bass Boost: OFF, VOL:0dB, unless otherwise specified)
+
TEST CONDITION PARAMETER SYMBOL
L Maximum Input Voltage 1 Maximum Input Voltage 2 Maximum Input Voltage 3 VIM1 VIM2 VIM3
THD=1% BW=400Hz-30kHz Expander: Palmtop THD=1%, BW=400Hz-30kHz Expander: Palmtop Bass: ON, f=1kHz THD=1%, BW=400Hz-30kHz Rg=0, A-weighted
IN R VIN 0 VIN VIN VIN 0 0 0 0 0 0 0 0 VIN 0 VIN 0 VIN VIN VIN 0 VIN VIN 0 0
Rg=0, A-weighted VOL=-68dB Expander: Palmtop Rg=0, A-weighted Expander: Palmtop Bass: ON, Rg=0, A-weighted BW=400Hz-30kHz Expander: Palmtop BW=400Hz-30kHz Expander: Palmtop Bass: ON BW=400Hz-30kHz
OUT L R L R L R L R L R L R L R L R L R L R
MIN.
TYP.
MAX.
UNIT
550 550 550
580 580 580 -100 (10) -100 (10) -90 (32) -90 (32) 0.05 0.1 0.1
-94 (20) -94 (20) -80 (100) -80 (100) 0.1 0.5 0.5
mVrms mVrms mVrms dBV (Vrms) dBV (Vrms) dBV (Vrms) dBV (Vrms) % % %
Output Noise Voltage 1 Output Noise Voltage 2 Output Noise Voltage 3 Output Noise Voltage 4 Total Harmonic Distortion 1 Total Harmonic Distortion 2 Total Harmonic Distortion 3
VNO1 VNO2 VNO3 VNO4 THD+N1 THD+N3 THD+N3
-
0 0 0 0 0 0 VIN VIN 0 VIN 0
-2-
NJU7392 Ver.1.5_E_DS
NJU7392
TEST CONDITION PARAMETER SYMBOL
L Bypass Gain Treble Gain Expander Gain 1 Expander Gain 2 Expander Gain 3 Expander Gain 4 Bass Gain Maximum Attenuate level Mute Level Channel Balance Bass Limit Level Cross Talk Channel Separation GVBYP GVTRE GVEXP1 GVEXP2 GVEXP3 GVEXP4 GVBASS GVVOL-68 Mute GCB
Bass: ON Treble=0dB
IN R VIN VIN VIN VIN VIN VIN 0 VIN 0 VIN VIN VIN VIN VIN VIN VIN VIN VIN VIN 0 VIN VIN VIN VIN VIN VIN VIN 0 VIN 0 VIN VIN VIN VIN VIN VIN=0.7Vrms
f=100Hz Selected Input: No Signal, Rg=0 BW=400Hz-30kHz Rg=0 BW=400Hz-30kHz
OUT L R L R L R L R L R L R L R L R L R L R L R L R L R
MIN.
TYP.
MAX.
UNIT
-1.0 2.0 1.7 3.0 2.1 3.3 4.0 -70 -1.0 0.75 70 70
0.0 3.0 3.7 5.0 4.1 5.3 6.0 -68 -90 0.0 1.0 80 80
1.0 4.0 5.7 7.0 6.1 7.3 8.0 -66 -86 1.0 1.25 -
dB dB dB dB dB dB dB dB dB dB Vrms dB dB
f=10kHz Expander: Laptop f=10kHz Expander: Palmtop f=10kHz Expander: Laptop
Expander: Palmtop Bass: ON VIN=100mVrms f=100Hz VOL=-68dB BW=400Hz-30kHz VOL=Mute BW=400Hz-30kHz
VLIM CT CS
VIN VIN VIN 0 VIN
Indicator Output Block (Ta=25C, V+=3.3V, unless otherwise specified)
PARAMETER
High Input Voltage Low Input Voltage
SYMBOL
VOH VOL
TEST CONDITION
ISOURCE=1mA (pin 17, pin 18, pin 19) ISINK=1mA (pin 17, pin 18, pin 19)
MIN.
V *0.8 0
+
TYP.
-
MAX.
V
+ +
UNIT
V V
V *0.2
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
NJU7392 Ver.1.5_E_DS
-3-


▲Up To Search▲   

 
Price & Availability of NJU7392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X