Part Number Hot Search : 
M6015 2SJ508 XFTPR 74LVX373 4040D MB96F P6SMB6 EM4123
Product Description
Full Text Search
 

To Download MSP3402C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSP 3402C
Short Information MSP 3402C Sound Processor for Korea
(68-Pin PLCC Package, 64-pin PSDIP Package, or 52-pin PSDIP Package) The MSP 3402C is designed as a single-chip sound processor for applications in analog and digital TV sets, satellite receivers, video recorders, and PC-cards for Korea. The MSP 3402C increases function integration in a spectacular way. The chips are produced in submicron CMOS technology and will offer a wide range of interesting features combined with high performance digital signal processing. The complete TV-sound-processing, starting at the Sound-IF domain, will be performed by one single IC. The IC's input signal consists of analog audio signals in baseband and at intercarrier position. The MSP 3402C covers the sound processing of the TV-standard M. The MSP 3402C is fully backwards compatible to the MSP 3410B/D, which include NICAM sound decoding. The MSP 3402C offers the following advantages: - two selectable analog inputs - Automatic Gain Control (AGC) for analog input: input range: 0.14 - 3 Vpp - Sound-IF frequency 4.5 MHz and 4.7242 MHz - integrated A/D converter - all demodulation and filtering is performed on chip and is individually programmable - no external filter hardware is required - only one crystal clock (18.432 MHz) is necessary - FM carrier mute function - flexible selection of audio sources - digital input and output interfaces via S-Bus for D2MAC, and via I2S-Bus for external DSP-Processors featuring Surround Sound etc. - digitally performed FM-identification decoding and dematrixing for Korea 2-tone system - digital baseband processing: volume, bass/treble or 5 band graphic equalizer, pseudostereo and basewidth enlargement - simplified controlling of volume, bass, treble etc. - increased audio bandwidth for FM-Audio-signals (20 Hz - 15 kHz, 1 dB)
Sept/96
1
MSP 3402C
Short Information
S_DA_IN S_CL S_ID I2S_DA_OUT I2S_CL I2S_WS I2S_DA_IN_1/2
SBUS
I2S Interface
S1..4 I2S1/2L/R I2SL/R LOUDSPEAKER L LOUDSPEAKER R
Sound IF
ANA_IN1+ ANA_IN2+
Demodulator
FM1 / AM FM2
D/A D/A
DACM_L
Loudspeaker
DACM_R
DFP
Mono
MONO_IN
IDENT
IDENT HEADPHONE L HEADPHONE R SCART_L
D/A D/A
DACA_L
Headphone
DACA_R
SC1_IN_L
SCART1
SC1_IN_R
A/D A/D
SC2_IN_L
SCART2
SC2_IN_R
SCART_R
SCART_L SCART_R
D/A D/A
SC1_OUT_L
SCART 1
SC1_OUT_R SC2_OUT_L
SC3_IN_L
SCART3
SC3_IN_R
SCART Switching Facilities
SCART 2
SC2_OUT_R
Architecture of the MSP 3402C
33 34 39 MHz 5 9 MHz
SAW Filter Tuner Sound IF Mixer
Sound IF Filter Loudspeaker
Vision Demodulator SCART Inputs
AM Sound
2 2 2
MSP 3402C
2 2
Headphone
SCART1 Composite Video SCART2 SCART3
SCART1 SCART2
SCART Outputs
According to the mixing characteristics of the Sound-IF mixer, the Sound-IF filter may be omitted.
I 2S optional Feature Processor
I 2S
SBUS AMU and DMA
Typical MSP 3402C application
INTERMETALL Hans-Bunte-Strasse 19 D-79108 Freiburg (Germany) P.O. Box 840 D-79008 Freiburg (Germany) Tel. +49-761-517-0 Fax +49-761-517-2174 E-mail: docservice@intermetall.de Internet: http://www.intermetall.de
All information in this short information is without any commitment, is not to be considered as an offer for conclusion of a contract nor shall it be construed as to create any liability. Product availability and delivery dates are exclusively subject to our order confirmation. By this publication, INTERMETALL does not assume responsibility for infringements of patents or other rights of third parties, which may result from its use or the use of the product. Our prior written consent must be obtained for reprinting. Edition: Sept. 13, 1996 Order No. 6251-426-1SI
2
INTERMETALL Sept/96
End of Data Sheet
Multimedia ICs
MICRONAS
Back to Summary Back to Data Sheets


▲Up To Search▲   

 
Price & Availability of MSP3402C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X