Part Number Hot Search : 
AT120 C1302 DP311 2H16S2K2 S72N42SF 52300 G121S C1302
Product Description
Full Text Search
 

To Download MMBT4401T2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT4401T
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * Epitaxial Planar Die Construction Complementary PNP Type Available (MMBT4403T) Lead Free/RoHS Compliant (Note 2) "Green" Device (Note 3 and 4)
A C TOP VIEW B G H K N M E BC
SOT-523 Dim A B C D G H J
D L
Min 0.15 0.75 1.45 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50
Mechanical Data
* * * * * * * * * Case: SOT-523 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking Information: 2X, See Page 4 Ordering & Date Code Information: See Page 4 Weight: 0.002 grams (approximate)
J
K L M N
C
B
E
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous Power Dissipation
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO (Note 1) (Note 1) (Note 1) IC Pd RJA Tj, TSTG Value 60 40 6.0 600 150 833 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead 3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30272 Rev. 8 - 2
1 of 4 www.diodes.com
MMBT4401T
(c) Diodes Incorporated
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 5) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Base Cutoff Current ON CHARACTERISTICS (Note 5)
@TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICEX IBL Min 60 40 6.0 20 40 80 100 40 0.75 1.0 0.1 40 1.0 250 Max 100 100 300 0.40 0.75 0.95 1.2 6.5 30 15 8.0 500 30 15 20 225 30 Unit V V V nA nA Test Condition IC = 100A, IE = 0 IC = 1.0mA, IB = 0 IE = 100A, IC = 0 VCE = 35V, VEB(OFF) = 0.4V VCE = 35V, VEB(OFF) = 0.4V IC = 100A, VCE = 1.0V IC = 1.0mA, VCE = 1.0V IC = 10mA, VCE = 1.0V IC = 150mA, VCE = 1.0V IC = 500mA, VCE = 2.0V IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA VCB = 5.0V, f = 1.0MHz, IE = 0 VEB = 0.5V, f = 1.0MHz, IC = 0
-4
DC Current Gain
hFE
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Input Impedance Voltage Feedback Ratio Small Signal Current Gain Output Admittance Current Gain-Bandwidth Product SWITCHING CHARACTERISTICS Delay Time Rise Time Storage Time Fall Time
Notes: 5. Short duration pulse test used to minimize self-heating effect.
VCE(SAT) VBE(SAT)
V V
Cobo Cibo hie hre hfe hoe fT td tr ts tf
pF pF k x 10 S MHz
VCE = 10V, IC = 1.0mA, f = 1.0kHz VCE = 10V, IC = 20mA, f = 100MHz VCC = 30V, IC = 150mA, VBE(off) = 2.0V, IB1 = 15mA VCC = 30V, IC = 150mA, IB1 = IB2 = 15mA
ns ns ns ns
250
1,000
Pd, POWER DISSIPATION (mW)
hFE, DC CURRENT GAIN
200
TA = 125C
150
100
TA = -25C TA = 25C
100
10
50
VCE = 1.0V
0
0
40 80 120 160 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
200
1 0.1
1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 2 Typical DC Current Gain vs. Collector Current
1,000
DS30272 Rev. 8 - 2
2 of 4 www.diodes.com
MMBT4401T
(c) Diodes Incorporated
100
2.0 VCE, COLLECTOR-EMITTER VOLTAGE (V)
1.0 10 VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance 50
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001 0.1 10 100 1 IB, BASE CURRENT (mA) Fig. 4 Typical Collector Saturation Region 0.01
30 CAPACITANCE (pF) 20 10 5.0
1.0 0.1
0.5
1.0 VBE(ON), BASE-EMITTER VOLTAGE (V)
IC IB = 10
VCE(SAT), COLLECTOR-EMITTER SATURATION VOLTAGE (V)
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
VCE = 5V
0.4
TA = 25C
0.3
T A = 150C
TA = -50C
TA = 25C
0.2
0.1
TA = -50C
T A = 150C
0
1
1,000 10 100 IC, COLLECTOR CURRENT (mA) Fig. 5 Typical Collector Emitter Saturation Voltage vs. Collector Current
1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 6 Typical Base-Emitter Voltage vs. Collector Current
1,000 fT, GAIN-BANDWIDTH PRODUCT (MHz)
100
10
100 10 IC, COLLECTOR CURRENT (mA) Fig. 7 Typical Gain-Bandwidth Product vs. Collector Current
1 1
DS30272 Rev. 8 - 2
3 of 4 www.diodes.com
MMBT4401T
(c) Diodes Incorporated
Ordering Information (Note 6)
Device MMBT4401T-7-F
Notes:
Packaging SOT-523
Shipping 3000/Tape & Reel
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
2XYM
2X = Product Type Marking Code YM = Date Code Marking Y = Year (ex: T = 2006) M = Month (ex: 9 = September)
Date Code Key Year Code Month Code
2002 N Jan 1
2003 P Feb 2
2004 R Mar 3
2005 S Apr 4
2006 T May 5 Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30272 Rev. 8 - 2
4 of 4 www.diodes.com
MMBT4401T
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MMBT4401T2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X