Part Number Hot Search : 
CS101 ALC10 H2N6426 SI1125HD BE100 FDD6690A MK3805 H3130H
Product Description
Full Text Search
 

To Download MM60-EZH039-B5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMPONENTS PRODUCT INFORMATION
NEW
Compatible with PCI Express Mini Card
CONNECTOR MB-0147-3 February 2008
MM60 Series
RoHSCompliant
The MM60 series is a module socket compatible with specifications standardized by the PCI-SIG.
Features
Compatible with the PCI Express Mini Card Electromechanical spec and can be used for connecting with modules with PCI Express and USB transmission. Retention latch part available to fix module to connector. Latch has mechanisms on both sides for module ejection. Two types of module mounting heights are developed. Stand-off product allows components of under 1.8mm height to be placed below the module. Connector andlatch are compatible with automatic mounting. Packing form is embossed tape.
General Specifications
*No. of contacts: 52 pos. *Contact resistance: 55m ohm max. (initial) *Dielectric withstanding voltage: AC 300Vr.m.s (per minute) *Operating temperature: -40 to+80 Deg. C *Rated Current: 0.5A per pin *Life time: 50 times *Insertion loss: -1dB min.(1.25Ghz max.)/-5dB min.(3.75Ghz max.) *Return loss: -12dBmax.(1.3GHz max.)/-7dB max.(2Ghz max.)/-4dB(3.75GHz max.) *Cross talk(near end): -32dB max.(1.25Ghz max.)/-26dBmax.(3.75Ghz max.)
1/6
JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd.
MB-0147-3
Materials and Finishes
Components Materials/ Finishes Connector Copper alloy/ contact area: Au plating over Ni terminal area: Au flash over Ni Heat resistant material (UL94V-0) Copper alloy/ Sn plating Latch Contact Insulator Stainless steel/ Sn plating Heat resistant material (UL94V-0)
Contact Insulator Hold down
Ordering Information
Connector
MM60 - 52B 1 - E 1
Series No. of contacts Socket type Contact finish 1: Au plating (0.1um) Height, Modification code Key type
Latch
MM60 - EZH059 - B 5
Series Latch type Applicable connector height 5: Sn plating With boss
Combination
Connector Height 1 Height 2 MM60-52B1-B1 MM60-52B1-E1
Latch MM60-EZH039-B5 MM60-EZH059-B5
2/6
JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd.
MB-0147-3
Connector side: MM60-52B1-B1 (SJ105215)
Embossed Tape Product: MM60-52B1-B1-R850 (SJ105216)
Latch side: MM60-EZH039-B5 (SJ105217)
Embossed Tape Product: MM60-EZH039-B5-R850 (SJ105218)
JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd.
3/6
MB-0147-3
Connector side: MM60-52B1-E1 (SJ105219)
Embossed Tape Product: MM60-52B1-E*-R650 (SJ105220)
Latch side: MM60-EZH059-B5 (SJ105221)
Embossed Tape Product: MM60-EZH059-B5-R650 (SJ105222)
JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd.
4/6
MB-0147-3
Applicable Module Dimensions (for reference)
JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd.
5/6
MB-0147-3
Applicable dimensions of board (for reference)
Notice: Products shown in this leaflet are
made for the applications listed below. However, if the above-mentioned products are to be used in aerospace devices, marine cable-connection devices, atomic power control systems, medical equipment for life-support systems, or any other specific application requiring extremely high reliability, please contact JAE for further information. Japan Aviation Electronics Industry, Limited Recommended applications: Computers, Office machines, Measuring devices, Product Marketing Division Telecommunication devices (Terminals, Mobile Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539 devices), AV devices, Household applications, FA Phone: +81-3-3780-2787 FAX: +81-3-3780-2946 devices, etc.
**Please refer to SJ drawing when considering this product
* The specifications in this brochure are subject to change without notice. Please contact JAE for information. JAE PMK Div. Proprietary. Copyright (c)2008Japan Aviation Electronics Industry, Ltd.
6/6


▲Up To Search▲   

 
Price & Availability of MM60-EZH039-B5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X