Part Number Hot Search : 
21045 D74HC3 239002 P6KE10 WRB2405 P6KE10 TMP95C STBS026
Product Description
Full Text Search
 

To Download MAT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA MAD MADD MAT

TO-5 HIGH-PERFORMANCE RELAYS
MA
STANDARD TO-5 HIGH-PERFORMANCE RELAY
MAD
STANDARD TO-5 DIODE SUPPRESSED HIGH-PERFORMANCE RELAY
MADD
STANDARD TO-5 DIODE SUPPRESSED/PROTECTED HIGH-PERFORMANCE RELAY
MAT
STANDARD TO-5 DIODE SUPPRESSED/TRANSISTOR DRIVEN HIGH-PERFORMANCE RELAY
QUALIFIED TO MIL-R-39016/9
QUALIFIED TO MIL-R-39016/15
QUALIFIED TO MIL-R-39016/20
QUALIFIED TO MIL-R-28776/1
- X1 A2 A1 A3 B3 X2 B2 B1 A2 A1 A3 X2
+ X1 B2 B1 B3 A2 A1
- X2
+ X1 B2 B1 X2 A2 A1 A3
- XB
+ X1 B2 B1 B3
A3
B3
TERMINAL VIEW
TERMINAL VIEW
TERMINAL VIEW
TERMINAL VIEW
FEATURES
FEATURES
FEATURES
FEATURES
Hermetically sealed High shock & vibration ratings Spreader pads Excellent RF switching
Suppression diode Hermetically sealed High shock & vibration ratings Spreader pads Excellent RF switching
Suppression & protection diodes Hermetically sealed High shock & vibration ratings Spreader pads Excellent RF switching
CONTACT RATINGS
Transistor driver & suppression diode Hermetically sealed High shock & vibration ratings Spreader pads Excellent RF switching
ELECTRICAL CHARACTERISTICS
CONTACT ARRANGEMENT
2 Form C (DPDT)
CONTACT MATERIAL
CONTACT LOAD
TYPE
OPERATIONS MIN.
Stationary: Gold/platinum/palladium/silver alloy (gold plated) Moveable: Gold/platinum/palladium/silver alloy (gold plated)
CONTACT RESISTANCE
1.0 A @ 28 Vdc 250 mA @ 115 Vac, 60 Hz & 400 Hz 100 mA @ 115 Vac, 60 Hz & 400 Hz 0.2 A @ 28 Vdc 0.1 A @ 28 Vdc 30 A @ 50 mVdc 0.1 A @ 28 Vdc
.335 (8.51) DIA MAX
Resistive 100,000 Resistive (case not grounded) 100,000 Resistive 100,000 Inductive (0.32 Henry) 100,000 Lamp 100,000 Low Level 1,000,000 Intermediate Current 50,000
.370 (9.40) DIA MAX .031 .003 (0.79) .035 (0.89)
Before Life: 100 milliohms max. (measured @ 10 mA @ 6 Vdc) After Life: 200 milliohms max. (measured @ 1 A @ 28 Vdc)
MECHANICAL LIFE EXPECTANCY
.280 (7.11) MAX
1 million operations
COIL VOLTAGE
TRANSISTOR BASE CONNECTION (MAT ONLY)
TERMINALS W 1.500 MIN (38.1) 36 3 C .500 MIN (12.7) P .187.010 (4.75.25) (Length excludes mounting pad)
5 to 30 Vdc
COIL POWER
675 mW max. @ 25C
DUTY CYCLE
.200 (5.08) DIA GROUND PIN (OPTIONAL)
Continuous
PICK-UP VOLTAGE
OPTIONAL PINS .370 (9.40) DIA MAX
.017+.002 (0.43) DIA
-.001
ApproxiMATely 50% of nominal coil voltage
PICK-UP SENSITIVITY
ENCLOSURE
HEADER
130 mW max. @ 25C
8
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. (c)2003 by Tyco Electronics Corporation CII Products, 1396 Charlotte Hwy. P.O. Box 520 Fairview, NC 28730 (828) 628-1711 Fax(828) 628-1439
OPERATING CHARACTERISTICS
TIMING
ENVIRONMENTAL CHARACTERISTICS
TEMPERATURE RANGE
SEMICONDUCTOR CHARACTERISTICS
DIODE
OperateTime: 2.0 ms max. ReleaseTime: MA: 1.5 ms max. MAD/MADD: 4.0 ms max. (suppression diode, suppression/steering diodes) MAT: 7.5 ms max. (transistor driven)
CONTACT BOUNCE
-65C to +125C
WEIGHT
100 Vdc peak inverse voltage (PIV) 1.0 Vdc max. transient voltage
TRANSISTOR
0.09 oz. (2.55 gms) 0.10 oz. (2.80 gms) with spreader pad attached
VIBRATION RESISTANCE
TO-5 HIGH-PERFORMANCE RELAYS
30 G's, 10 to 3,000 Hz
SHOCK RESISTANCE
75 G's, 6 1 ms max.
QPL APPROVAL
0.3 Vdc min. base turn off voltage 6.0 Vdc min. emitter-base breakdown voltage (BVEBO) @ 25C 80.0 Vdc min. collector-base breakdown voltage (BVCBO) @ 25C & IC=100 A
1.5 ms max
DIELECTRIC WITHSTANDING VOLTAGE
Between Open Contacts: 500 Vrms 60 Hz Between Adjacent Contacts: 500 Vrms 60 Hz Between Contacts & Coil: 500 Vrms 60 Hz
INSULATION RESISTANCE
MIL-R-39016/9 (JMA) MIL-R-39016/15 (JMAD) MIL-R-39016/20 (JMADD) MIL-R-28776/1 (JMAT)
.103 (2.62)
.156 (3.96) .014.003 (0.36)
.370 (9.40) SQ MAX .100 (2.54)
.395 (10.03) SQ MAX .150 (3.81)
0.47 (1.19) DIA
10,000 megohms min. @ 500 Vdc 1,000 megohms @ 500 Vdc (coil to case @ +125C)
.100 (2.54)
.100 (2.54)
.140 - .175 DIA (3.56 - 4.45)
S
S2 SPREADER & MOUNTING PADS
W
COIL DATA
NOM. COIL VOLTAGE (Vdc) COIL RESISTANCE IN OHMS 10% @ 25C (Note 1) COIL CIRCUIT CURRENT mA (MAX.) (Note 1&2) COIL CIRCUIT CURRENT mA (MIN.) (Note 1&2) PICKUP VOLTAGE Vdc (MAX.) @ 25C (Note 2) BASE TURN ON CURRENT mA (MAX.) @ 25C PICKUP VOLTAGE Vdc (MAX.) @ 125C (Note 2) BASE TURN ON CURRENT mA (MAX.) @ 125C DROP-OUT VOLTAGE Vdc (MIN.) @ 25C (Note 2) DROP-OUT VOLTAGE Vdc (MIN.) @ -65C (Note 2) NOM. COIL POWER (mW) @ 25C MAX. COIL VOLTAGE COIL DESIG.
MA/MAD 5.0 6.0 9.0 12.0 18.0 26.5 30.0 MADD 5.0 6.0 9.0 12.0 18.0 26.5 MAT 5.0 6.0 9.0 12.0 18.0 26.5
50 98 220 390 880 1,560 2,500 39 78 220 390 880 1,560 50 98 220 390 880 1,560
n/a n/a n/a n/a n/a n/a n/a 128.2 78.3 42.9 32.8 22.1 18.5 112.1 69.9 47.4 35.8 24.0 19.8
n/a n/a n/a n/a n/a n/a n/a 93.2 58.3 33.0 25.6 17.5 14.8 82.2 52.9 35.3 26.6 17.9 14.7
2.7 3.5 5.3 7.0 10.5 14.2 17.7 3.2 4.0 6.3 8.0 11.5 15.2 2.7 3.5 5.3 7.0 10.5 14.2
n/a n/a n/a n/a n/a n/a n/a n/a n/a n/a n/a n/a n/a 0.75 0.55 0.36 0.27 0.16 0.13
3.5 4.5 6.8 9.0 13.5 18.0 22.0 4.0 5.0 7.8 10.0 14.5 19.0 3.5 4.5 6.8 9.0 13.5 18.0
n/a n/a n/a n/a n/a n/a n/a n/a n/a n/a n/a n/a n/a 3.00 2.04 1.36 1.03 0.68 0.50
0.22 0.28 0.54 0.63 0.91 1.37 1.50 0.6 0.7 0.9 1.1 1.4 1.8 0.22 0.28 0.54 0.63 0.91 1.37
0.14 0.18 0.35 0.41 0.59 0.89 1.00 0.6 0.7 0.8 0.9 1.1 1.4 0.14 0.18 0.35 0.41 0.59 0.89
500 367 368 369 368 450 360 641 462 368 369 368 450 500 367 368 369 368 450
5.8 8.0 12.0 16.0 24.0 32.0 36.0 5.8 8.0 12.0 16.0 24.0 32.0 5.8 8.0 12.0 16.0 24.0 32.0
5 6 9 12 18 26 30 5 6 9 12 18 26 5 6 9 12 18 26
Note 1: Coil resistance not directly measurable. Coil current should be within limits shown when tested at nominal voltage at 25C for 5 seconds max. Note 2: Set base current at 3 mA to 15 mA during measurements.
SPECIFYING A PART NUMBER EXAMPLE:
TYPE
TERMINALS
DIODES TRANSISTOR
GROUND PINS
COILS
SPREADER/MOUNTING PADS
MA
C
D
G
-26
S
9
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. (c)2003 by Tyco Electronics Corporation


▲Up To Search▲   

 
Price & Availability of MAT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X