Part Number Hot Search : 
D54ACT T3906 VDZ24B 00190 D54ACT 330M1 D54ACT RT8058
Product Description
Full Text Search
 

To Download MA4AGSW8-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA4AGSW8-2
SP8T AlGaAs PIN Diode Switch
Rev. V2
FEATURES
* * * * * * * * * * Specified Performance : 50 MHz to 40 GHz Operational Performance: 50 MHz to 50 GHz 2.0 dB Typical Insertion Loss at 40 GHz 30 dB Typical Isolation at 40 GHz thru 3 Diodes 22 dB Typical Isolation at 40 GHz thru 2 Diodes Low Current Consumption * 10 mA for low loss state * 0 Volts for Isolation state M/A-COM's Patented AlGaAs Hetero-Junction Anode Technology. Silicon Nitride Passivation BCB Impact Protection RoHS Compliant
CHIP LAYOUT
DESCRIPTION
M/A-COM's MA4AGSW8-2 is an Aluminum-GalliumArsenide (AlGaAs) anode enhanced, SP8T, PIN diode series switch. Operation is accomplished with 10 mA applied to the low loss port and 0V for the isolated ports. M/A-COM's Technology Solutions AlGaAs process utilizes a patented hetero-junction technology which produces lower insertion loss than conventional GaAs devices. These devices are fabricated on an OMCVD epitaxial wafer using a process designed for high device uniformity and extremely low parasitics. The diodes used have low series resistance, (3 ) , low capacitance (20 fF) , and fast switching speed (20 nS). The MA4AGSW8-2 device is fully passivated with silicon nitride, and has an extra layer of polyamide for added scratch and impact protection. This protective coating prevents damage to the diode junction and anode air bridges during handling and assembly. External RF to DC bias networks which are optimized for the particular operating band of interest are required.
Absolute Maximum Ratings TAMB = +25C (Unless Otherwise Noted) 1
Parameter Absolute Maximum
APPLICATIONS
The low capacitance of the internal PIN diodes makes this switch ideal for use in many microwave multi-throw switch designs. The low series resistance of the diodes reduces the insertion loss at microwave millimeter-wave frequencies. These AlGaAs PIN switches can be used as switching arrays on radar systems, optical switching networks, instrumentation, and other wideband multi-throw switch assemblies.
1
D.C. Reverse Voltage Operating Temperature Storage Temperature Bias Current
25V -55C to +125C -65C to +150C 30mA
Note:
1. Operation of this device above any one of these parameters may cause permanent damage.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4AGSW8-2
SP8T AlGaAs PIN Diode Switch
Rev. V2
R.F. Specifications @ TAMB = +25C, -15 mA bias current, and 0 Volts
( On-wafer measurements ) MIN 40 35 30 10 13 17 PARAMETER FREQUENCY BAND .05 - 18 GHz 18 - 26 GHz 26 - 40 GHz .05 - 18 GHz 18 - 26 GHz 26 - 40 GHz .05 - 18 GHz 18 - 26 GHz 26 - 40 GHz 10 GHz TYP 1.5 1.8 2.0 45 42 35 15 15 20 20 MAX 2.0 2.1 2.3 UNITS dB dB dB dB dB dB dB dB dB nS
Insertion Loss
Isolation
Input/Output Return Loss Switching Speed 2
Notes: 1. Isolation is measured through (3) diodes from common port ( Input ) to selected output port with (1) opposite port in low loss. Isolation for (2) diodes from common port ( input ) to selected output with (1) adjacent port in low loss = 22 dB Typical. 2. Typical switching speed is measured from 10% to 90% of the detected RF voltage driven by a 5V TTL compatible driver. Driver output parallel RC network uses a capacitor between 390 pF - 560 pF and a resistor between 150 - 220 Ohms to achieve 20 ns rise and fall times.
D.C. Bias to RF Truth Table
Input Port Output Ports @ J2 @ J3 @ J4 @ J5 @ J6 @ J7 @ J8 @ J9
J1 J1 J1 J1 J1 J1 J1 J1 Notes:
Low Loss Isolation Isolation Isolation Isolation Isolation Isolation Isolation
Isolation Low Loss Isolation Isolation Isolation Isolation Isolation Isolation
Isolation Isolation Low Loss Isolation Isolation Isolation Isolation Isolation
Isolation Isolation Isolation Low Loss Isolation Isolation Isolation Isolation
Isolation Isolation Isolation Isolation Low Loss Isolation Isolation Isolation
Isolation Isolation Isolation Isolation Isolation Low Loss Isolation Isolation
Isolation Isolation Isolation Isolation Isolation Isolation Low Loss Isolation
Isolation Isolation Isolation Isolation Isolation Isolation Isolation Low Loss
1. Low Loss = -15 mA applied at the specified output port. A DC ground return at port J1 must be provided 2. Isolation = 0 volts applied at the specified output ports.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4AGSW8-2
SP8T AlGaAs PIN Diode Switch
Rev. V2
Typical RF Performance @ TAMB = +25C
Insertion Loss
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4AGSW8-2
SP8T AlGaAs PIN Diode Switch
Rev. V2
MA4AGSW8-2 OUTLINE
mils min max 64.4 65.6 A 39.2 40.4 B 30.9 31.7 C 3.8 4.2 D 11.7 12.0 E 19.5 19.9 F 27.4 27.8 G 3.7 4.3 Thickness Bonding Pads (shown in yellow) Dimension
100um X 100um X 5um (thick gold)
4
mm min max
1.64 1.00 0.78 0.10 0.30 0.50 0.70 0.09
1.67 1.03 0.80 0.11 0.31 0.51 0.71 0.11
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4AGSW8-2
SP8T AlGaAs PIN Diode Switch
Rev. V2
OPERATION OF THE MA4AGSW8-2
The MA4AGSW8-2 switch is designed to operate in systems where lower D.C. current consumption and D.C. operating voltages are required. The application of either +10 mA or -10 mA DC bias current to the selected port will provide the low insertion loss state. Typically this low loss, " ON " bias voltage through (3) series diodes is | 4.5 Volts | maximum. All Isolated Ports can be set to 0V at 0 mA, or the application of | 5 V | back bias at 0 mA will improve the isolation and switching speed. RF to DC bias networks, ( such as the MA4BN18-40 ) are required on all RF Ports. A simple single supply, +5V, PIN Diode TTL Gate Driver can be used to supply current for loss or 0V back bias for isolation to switch the individual RF Ports. In this bias scheme, +5 V through a current limiting resistor would be applied at the common port and each RF port would be connected to a TTL Gate. Low loss would occur when the Selected Gate Voltage is 0.5 V @ + 10 mA , " TTL 0 " and Isolation would occur when the Selected Gate Voltage is +5V @ 0mA ( 0 V Back Bias ), " TTL 1 ". For faster switching speeds ( < 20 nS ) , a +/- 5V , PIN Diode TTL Driver should be employed to help remove the diode stored charge with back bias. In this case, the common port is connected to D.C. Ground. Insertion Loss is achieved with -10 mA @ - 4.5 V and Isolation is accomplished by applying +5V @ 0mA to the selected RF ports respectively.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MA4AGSW8-2
SP8T AlGaAs PIN Diode Switch
Rev. V2
HANDLING
CLEANLINESS
These chips should be handled in a clean environment.
STATIC SENSITIVITY
These Devices are considered ESD Class 1A, HBM. Proper ESD techniques should be used when handling these devices.
GENERAL HANDLING
The protective polymer coating on the active areas of the die provides scratch and impact protection, particularly for the metal air bridge, which contacts the diode's anode. Die should primarily be handled with vacuum pickup tools, or alternatively with plastic tweezers.
ASSEMBLY TECHNIQUES
The MA4AGSW8-2, AlGaAs switch is designed to be mounted with electrically conductive silver epoxy or with a low temperature solder perform, which does not have a rich tin content.
SOLDER DIE ATTACH
Only low temperature solders which do not scavenge gold, such as Indalloy #2, are recommended. Do not expose die to temperatures greater than 300C for more than 10 seconds.
ELECTRICAL CONDUCTIVE EPOXY DIE ATTACH
Use a controlled thickness of approximately 2 mils for best electrical conductivity and lowest thermal resistance. Cure epoxy per manufacturer's schedule. Typically 150C for 1 hour.
RIBBON/WIRE BONDING
Thermo-compression wedge or ball bonding may be used to attach ribbons or wire to the gold bonding pads. A 1/4 x 3 mil gold ribbon is recommended on all RF ports and should be kept as short as possible for the lowest inductance and best microwave performance. For more detailed handling and assembly instructions, see Application Note M541, "Bonding and Handling Procedures for Chip Diode Devices" at www.macomtech.com.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MA4AGSW8-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X