Part Number Hot Search : 
ISD2564 3MC060 CLL4122 100MB 5932B 5932B 2SC184 12250
Product Description
Full Text Search
 

To Download LTC2192CUKGPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
n n n n n n n n n n n n
LTC2192 LTC2191/LTC2190 16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs DESCRIPTION
Electrical Specifications Subject to Change
2-Channel Simultaneous Sampling ADC Serial LVDS Outputs: 1, 2 or 4 Bits per Channel 77dB SNR 90dB SFDR Low Power: 198mW/146mW/104mW Total 99mW/73mW/52mW per Channel Single 1.8V Supply Selectable Input Ranges: 1VP-P to 2VP-P 550MHz Full-Power Bandwidth S/H Shutdown and Nap Modes Serial SPI Port for Configuration 52-Pin (7mm x 8mm) QFN Package
The LTC(R)2192/LTC2191/LTC2190 are 2-channel, simultaneous sampling 16-bit A/D converters designed for digitizing high frequency, wide dynamic range signals. They are perfect for demanding communications applications with AC performance that includes 77dB SNR and 90dB spurious free dynamic range (SFDR). Ultralow jitter of 0.07psRMS allows undersampling of IF frequencies with excellent noise performance. DC specs include 2LSB INL (typ), 0.5LSB DNL (typ) and no missing codes over temperature. The transition noise is 3.3LSBRMS. To minimize the number of data lines the digital outputs are serial LVDS. Each channel outputs one bit, two bits or four bits at a time. The LVDS drivers have optional internal termination and adjustable output levels to ensure clean signal integrity. The ENC+ and ENC- inputs may be driven differentially or single ended with a sine wave, PECL, LVDS, TTL or CMOS inputs. An internal clock duty cycle stabilizer allows high performance at full speed for a wide range of clock duty cycles.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners.
APPLICATIONS
n n n n n n
Communications Cellular Base Stations Software-Defined Radios Portable Medical Imaging Multi-Channel Data Acquisition Nondestructive Testing
TYPICAL APPLICATION
2-Tone FFT, fIN = 70MHz and 69MHz
1.8V VDD CH1 ANALOG INPUT CH2 ANALOG INPUT ENCODE INPUT S/H 16-BIT ADC CORE 16-BIT ADC CORE 1.8V OVDD OUT1A OUT1B OUT1C OUT1D OUT2A OUT2B OUT2C OUT2D DATA CLOCK OUT FRAME 0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80
S/H
DATA SERIALIZER
SERIALIZED LVDS OUTPUTS
PLL
-90 -100 -110 -120
GND
OGND
219210 TA01a
0
20 10 FREQUENCY (MHz)
30
219210 G07
219210p
1
LTC2192 LTC2191/LTC2190 ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)
PIN CONFIGURATION
TOP VIEW OUT1A+ OUT1A- OUT1B+ OUT2C- OUT1B- 40 OUT1C+ 39 OUT1C- 38 OUT1D+ 37 OUT1D- 36 DCO+ 35 DCO- 53 GND 34 OVDD 33 OGND 32 FR+ 31 FR- 30 OUT2A+ 29 OUT2A- 28 OUT2B+ 27 OUT2B- 15 16 17 18 19 20 21 22 23 24 25 26 VDD VDD CS SCK ENC+ ENC- SDI GND OUT2D- OUT2D+ OUT2C+ SENSE VREF GND GND GND SDO VDD VCM1 1 GND 2 AIN1+ 3 AIN1- 4 GND 5 REFH 6 REFL 7 REFH 8 REFL 9 PAR/SER 10 AIN2+ 11 AIN2- 12 GND 13 VCM2 14 VDD
Supply Voltages VDD, OVDD................................................ -0.3V to 2V Analog Input Voltage AIN+, AIN-, PAR/SER, SENSE (Note 3) ....................................-0.3V to (VDD + 0.2V) Digital Input Voltage ENC+, ENC-, CS, SDI, SCK (Note 4) ...... -0.3V to 3.9V SDO (Note 4) ............................................ -0.3V to 3.9V Digital Output Voltage ................ -0.3V to (OVDD + 0.3V) Operating Temperature Range LTC2192C, LTC2191C, LTC2190C............. 0C to 70C LTC2192I, LTC2191I, LTC2190I ............ -40C to 85C Storage Temperature Range................... -65C to 150C
52 51 50 49 48 47 46 45 44 43 42 41
UKG PACKAGE 52-LEAD (7mm x 8mm) PLASTIC QFN TJMAX = 150C, JA = 29C/W EXPOSED PAD (PIN 53) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH LTC2192CUKG#PBF LTC2192IUKG#PBF LTC2191CUKG#PBF LTC2191IUKG#PBF LTC2190CUKG#PBF LTC2190IUKG#PBF TAPE AND REEL LTC2192CUKG#TRPBF LTC2192IUKG#TRPBF LTC2191CUKG#TRPBF LTC2191IUKG#TRPBF LTC2190CUKG#TRPBF LTC2190IUKG#TRPBF PART MARKING* LTC2192UKG LTC2192UKG LTC2191UKG LTC2191UKG LTC2190UKG LTC2190UKG PACKAGE DESCRIPTION 52-Lead (7mm x 8mm) Plastic QFN 52-Lead (7mm x 8mm) Plastic QFN 52-Lead (7mm x 8mm) Plastic QFN 52-Lead (7mm x 8mm) Plastic QFN 52-Lead (7mm x 8mm) Plastic QFN 52-Lead (7mm x 8mm) Plastic QFN TEMPERATURE RANGE 0C to 70C -40C to 85C 0C to 70C -40C to 85C 0C to 70C -40C to 85C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
219210p
2
LTC2192 LTC2191/LTC2190 CONVERTER CHARACTERISTICS
PARAMETER Resolution (No Missing Codes) Integral Linearity Error Differential Linearity Error Offset Error Gain Error Offset Drift Full-Scale Drift Gain Matching Offset Matching Transition Noise Internal Reference External Reference Differential Analog Input (Note 6) Differential Analog Input (Note 7) Internal Reference External Reference CONDITIONS
l l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
MIN 16 tbd -1 -9 -2.1 2 0.5 1.5 1.5 -0.6 10 30 10 0.3 1.5 3.3 tbd 1 9 0.9 LTC2192 TYP MAX MIN 16 tbd -1 -9 -2.1 2 0.5 1.5 1.5 -0.6 10 30 10 0.3 1.5 3.3 tbd 1 9 0.9 LTC2191 TYP MAX MIN 16 tbd -1 -9 -2.1 2 0.5 1.5 1.5 -0.6 10 30 10 0.3 1.5 3.2 tbd 1 9 0.9 LTC2190 TYP MAX UNITS Bits LSB LSB mV %FS %FS V/C ppm/C ppm/C %FS mV LSBRMS
ANALOG INPUT
SYMBOL VIN VIN(CM) VSENSE IINCM IIN1 IIN2 IIN3 tAP tJITTER CMRR BW-3B PARAMETER
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
CONDITIONS 1.7V < VDD < 1.9V Differential Analog Input (Note 8) External Reference Mode Per Pin, 65Msps Per Pin, 40Msps Per Pin, 25Msps 0 < AIN+, AIN- < VDD 0 < PAR/SER < VDD 0.625V < SENSE < 1.3V Single-Ended Encode Differential Encode Figure 6 Test Circuit
l l l l l l
MIN 0.7 0.625
TYP 1 to 2 VCM 1.250 104 64 40
MAX 1.25 1.300
UNITS VP-P V V A A A
Analog Input Range (AIN+ - AIN-) Analog Input Common Mode (AIN+ + AIN-)/2 External Voltage Reference Applied to SENSE Analog Input Common Mode Current
Analog Input Leakage Current (No Encode) PAR/SER Input Leakage Current SENSE Input Leakage Current Sample-and-Hold Acquisition Delay Time Sample-and-Hold Acquisition Delay Jitter Analog Input Common Mode Rejection Ratio Full-Power Bandwidth
-1 -3 -6 0 0.07 0.09 80 550
1 3 6
A A A ns psRMS psRMS dB MHz
219210p
3
LTC2192 LTC2191/LTC2190 DYNAMIC ACCURACY
SYMBOL SNR PARAMETER Signal-to-Noise Ratio
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. AIN = -1dBFS. (Note 5)
CONDITIONS 5MHz Input 30MHz Input 70MHz Input 140MHz Input
l
MIN tbd
LTC2192 TYP MAX 77 76.9 76.8 76.3 90 90 89 84 95 95 95 95 76.8 76.7 76.4 76.3 -110
MIN tbd
LTC2191 TYP MAX 76.9 76.8 76.7 76.2 90 90 89 84 95 95 95 95 76.7 76.6 76.3 75.2 -110
MIN tbd
LTC2190 TYP MAX 77.1 77 76.9 76.4 90 90 89 84 95 95 95 95 76.9 76.8 76.5 76.4 -110
UNITS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBc
SFDR
Spurious Free Dynamic Range 5MHz Input 2nd or 3rd Harmonic 30MHz Input 70MHz Input 140MHz Input Spurious Free Dynamic Range 5MHz Input 4th Harmonic or Higher 30MHz Input 70MHz Input 140MHz Input
l
tbd
tbd
tbd
l
tbd
tbd
tbd
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
5MHz Input 30MHz Input 70MHz Input 140MHz Input 10MHz Input
l
tbd
tbd
tbd
Crosstalk
INTERNAL REFERENCE CHARACTERISTICS
PARAMETER VCM Output Voltage VCM Output Temperature Drift VCM Output Resistance VREF Output Voltage VREF Output Temperature Drift VREF Output Resistance VREF Line Regulation -400A < IOUT < 1mA 1.7V < VDD < 1.9V -600A < IOUT < 1mA IOUT = 0 1.225 CONDITIONS IOUT = 0 MIN
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
TYP 0.5 * VDD 25 4 1.250 25 7 0.6 1.275 MAX 0.5 * VDD + 25mV UNITS V ppm/C V ppm/C mV/V 0.5 * VDD - 25mV
DIGITAL INPUTS AND OUTPUTS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25C. (Note 5)
PARAMETER CONDITIONS SYMBOL MIN TYP MAX UNITS ENCODE INPUTS (ENC+, ENC-) Differential Encode Mode (ENC- Not Tied to GND) VID VICM VIN RIN CIN VIH VIL Differential Input Voltage Common Mode Input Voltage Input Voltage Range Input Resistance Input Capacitance High Level Input Voltage Low Level Input Voltage (Note 8) Internally Set Externally Set (Note 8) ENC+, ENC- to GND See Figure 10 (Note 8) VDD =1.8V VDD =1.8V
l l l l l
0.2 1.1 0.2 10 3.5 1.2 0.6 1.2 1.6 3.6
V V V V k pF V V
219210p
Single-Ended Encode Mode (ENC- Tied to GND)
4
LTC2192 LTC2191/LTC2190 DIGITAL INPUTS AND OUTPUTS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25C. (Note 5)
PARAMETER Input Voltage Range Input Resistance Input Capacitance High Level Input Voltage Low Level Input Voltage Input Current Input Capacitance Logic Low Output Resistance to GND Logic High Output Leakage Current Output Capacitance Differential Output Voltage Common Mode Output Voltage On-Chip Termination Resistance CONDITIONS ENC+ to GND See Figure 11 (Note 8) VDD =1.8V VDD =1.8V VIN = 0V to 3.6V (Note 8) VDD =1.8V, SDO = 0V SDO = 0V to 3.6V (Note 8) 100 Differential Load, 3.5mA Mode 100 Differential Load, 1.75mA Mode 100 Differential Load, 3.5mA Mode 100 Differential Load, 1.75mA Mode Termination Enabled, OVDD = 1.8V
l l l l l l l l l
SYMBOL VIN RIN CIN VIH VIL IIN CIN ROL IOH COUT VOD VOS RTERM
MIN 0
TYP 30 3.5
MAX 3.6
UNITS V k pF V
DIGITAL INPUTS (CS, SDI, SCK in Serial or Parallel Programming Mode. SDO in Parallel Programming Mode) 1.3 0.6 -10 3 200 -10 3 247 125 1.125 1.125 350 175 1.250 1.250 100 454 250 1.375 1.375 10 10 V A pF A pF mV mV V V
SDO OUTPUT (Serial Programming Mode. Open-Drain Output. Requires 2k Pull-Up Resistor if SDO is Used)
DIGITAL DATA OUTPUTS
POWER REQUIREMENTS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25C. (Note 9)
PARAMETER Analog Supply Voltage Output Supply Voltage Analog Supply Current Digital Supply Current CONDITIONS (Note 10) (Note 10) Sine Wave Input 1-Lane Mode, 1.75mA Mode 1-Lane Mode, 3.5mA Mode 2-Lane Mode, 1.75mA Mode 2-Lane Mode, 3.5mA Mode 4-Lane Mode, 1.75mA Mode 4-Lane Mode, 3.5mA Mode 1-Lane Mode, 1.75mA Mode 1-Lane Mode, 3.5mA Mode 2-Lane Mode, 1.75mA Mode 2-Lane Mode, 3.5mA Mode 4-Lane Mode, 1.75mA Mode 4-Lane Mode, 3.5mA Mode
l l l
SYMBOL VDD OVDD IVDD IOVDD
MIN 1.7 1.7
LTC2192 TYP MAX 1.8 1.8 99 10.2 17.6 13.6 24.7 21.1 39.6 198 211 203 223 217 250 1 50 20 1.9 1.9 tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd
MIN 1.7 1.7
LTC2191 TYP MAX 1.8 1.8 72 9.2 16.6 12.8 23.9 20.3 38.8 146 159 152 172 166 199 1 50 20 1.9 1.9 tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd
MIN 1.7 1.7
LTC2190 TYP MAX 1.8 1.8 49 8.7 16.1 12.3 23.4 19.9 38.4 104 118 111 131 124 158 1 50 20 1.9 1.9 tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd tbd
UNITS V V mA mA mA mA mA mA mA mW mW mW mW mW mW mW mW mW
l l l l
PDISS
Power Dissipation
l l l l
PSLEEP PNAP PDIFFCLK
Sleep Mode Power Nap Mode Power Power Increase with Diffential Encode Mode Enabled (No Increase for Sleep Mode)
219210p
5
LTC2192 LTC2191/LTC2190 TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25C. (Note 5)
PARAMETER Sampling Frequency CONDITIONS (Notes 10, 11)
l l l l l
SYMBOL fS tENCL tENCH tAP SYMBOL tSER tFRAME tDATA tPD tr tf
MIN 5 7.3 2 7.3 2
LTC2192 TYP MAX 65 7.69 7.69 7.69 7.69 0 100 100 100 100
MIN 5 11.88 2 11.88 2
LTC2191 TYP MAX 40 12.5 12.5 12.5 12.5 0 TYP 1/(4 * fS) 1/(8 * fS) 1/(16 * fS) 100 100 100 100
MIN 5 19 2 19 2
LTC2190 TYP MAX 25 20 20 20 20 0 MAX 100 100 100 100
UNITS MHz ns ns ns ns ns UNITS Sec
ENC Low Time (Note 8) Duty Cycle Stabilizer Off Duty Cycle Stabilizer On ENC High Time (Note 8) Duty Cycle Stabilizer Off Duty Cycle Stabilizer On Sample-and-Hold Acquistion Delay Time PARAMETER Serial Data Bit Period CONDITIONS 4-Lane Output Mode 2-Lane Output Mode 1-Lane Output Mode (Note 8) (Note 8) (Note 8) Data, DCO, FR, 20% to 80% Data, DCO, FR, 20% to 80% tSER = 1ns
MIN
Digital Data Outputs (RTERM = 100 Differential, CL = 2pF to GND On Each Output)
FR to DCO Delay Data to DCO Delay Propagation Delay Output Rise Time Output Fall Time DCO Cycle-Cycle Jitter Pipeline Latency
l l l
0.35 * tSER 0.35 * tSER 0.7n + 2 * tSER
0.5 * tSER 0.5 * tSER 1.1n + 2 * tSER 0.17 0.17 60 7
0.65 * tSER 0.65 * tSER 1.5n + 2 * tSER
Sec Sec Sec ns ns psP-P Cycles ns ns ns ns ns ns
SPI Port Timing (Note 8) tSCK tS tH tDS tDH tDO SCK Period Write Mode Readback Mode, CSDO = 20pF RPULLUP = 2k ,
l l l l l l
40 250 5 5 5 5 125
CS-to-CLK Setup Time SCK-to-CS Setup Time SDI Setup Time SDI Hold Time SCK Falling to SDO Valid Readback Mode, CSDO = 20pF RPULLUP = 2k ,
l
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: All voltage values are with respect to GND with GND and OGND shorted (unless otherwise noted). Note 3: When these pin voltages are taken below GND or above VDD, they will be clamped by internal diodes. This product can handle input currents of greater than 100mA below GND or above VDD without latchup. Note 4: When these pin voltages are taken below GND they will be clamped by internal diodes. When these pin voltages are taken above VDD they will not be clamped by internal diodes. This product can handle input currents of greater than 100mA below GND without latchup. Note 5: VDD = OVDD = 1.8V, fSAMPLE = 65MHz (LTC2192), 40MHz (LTC2191), or 25MHz (LTC2190), 2-lane output mode, differential ENC+/ENC- = 2VP-P sine wave, input range = 2VP-P with differential drive, unless otherwise noted.
Note 6: Integral nonlinearity is defined as the deviation of a code from a best fit straight line to the transfer curve. The deviation is measured from the center of the quantization band. Note 7: Offset error is the offset voltage measured from -0.5LSB when the output code flickers between 0000 0000 0000 0000 and 1111 1111 1111 1111 in 2's complement output mode. Note 8: Guaranteed by design, not subject to test. Note 9: VDD = OVDD=1.8V, fSAMPLE = 65MHz (LTC2192), 40MHz (LTC2191), or 25MHz (LTC2190), 2-lane output mode, ENC+ = single-ended 1.8V square wave, ENC- = 0V, input range = 2VP-P with differential drive, unless otherwise noted. The supply current and power dissipation specifications are totals for the entire IC, not per channel. Note 10: Recommended operating conditions. Note 11: The maximum sampling frequency depends on the speed grade of the part and also which serialization mode is used. The maximum serial data rate is 1000Mbps, so tSER must be greater than or equal to 1ns.
219210p
6
LTC2192 LTC2191/LTC2190 TIMING DIAGRAMS
4-Lane Output Mode
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR+ FR- OUT#A- OUT#A+ OUT#B- OUT#B+ OUT#C- OUT#C+ OUT#D- OUT#D+ tFRAME N tENCH tENCL N+1
tDATA
tSER
tSER
tPD D15 D13 D11 D9 D15 D13 D11
tSER D9 D15
D14
D12
D10
D8
D14
D12
D10
D8
D14
D7
D5
D3
D1
D7
D5
D3
D1
D7
D6
D4
D2
D0
D6 SAMPLE N-6
D4
D2
D0
D6 SAMPLE N-5
219210 TD01
SAMPLE N-7
2-Lane Output Mode
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ OUT#B- OUT#B+ D6 D4 D2 D0 D14 D12 D10 D8 D6 D4 D2 D0 D14 D12 D10 D7 D5 N tENCH tENCL N+1
tSER
tFRAME
tDATA
tSER
tPD D3 D1 D15 D13 D11 D9 D7 D5
tSER D3 D1 D15 D13 D11
SAMPLE N-7
SAMPLE N-6
SAMPLE N-5
219210 TD02
OUT#C+, OUT#C-, OUT#D+, OUT#D- ARE DISABLED
219210p
7
LTC2192 LTC2191/LTC2190 TIMING DIAGRAMS
1-Lane Output Mode
ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ D3 D2 tFRAME tDATA tSER tSER tAP N tENCH tENCL N+1
tPD D1 D0 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6
tSER D5 D4 D3 D2 D1 D0 D15 D14 D13 D12
219210 TD03
SAMPLE N-7
SAMPLE N-6
SAMPLE N-5
OUT#B+, OUT#B-, OUT#C+, OUT#C-, OUT#D+, OUT#D- ARE DISABLED
SPI Port Timing (Readback Mode)
tS CS SCK tDO SDI SDO R/W A6 A5 A4 A3 A2 A1 A0 XX D7 XX D6 XX D5 XX D4 XX D3 XX D2 XX D1 XX D0 tDS tDH tSCK tH
HIGH IMPEDANCE
SPI Port Timing (Write Mode)
CS SCK
SDI SDO
R/W
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
HIGH IMPEDANCE
219210 TD04
219210p
8
LTC2192 LTC2191/LTC2190 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2192: Integral Nonlinearity (INL)
4.0 3.0 2.0 DNL ERROR (LSB) INL ERROR (LSB) 1.0 0 -1.0 -2.0 -3.0 -4.0 0 16384 32768 49152 OUTPUT CODE 65536
219210 G01
LTC2192: Differential Nonlinearity (DNL)
1.0 0.8 0.6 AMPLITUDE (dBFS) 0 16384 32768 49152 OUTPUT CODE 65536
219210 G02
0 -10 -20 -30 -40 -50 -60 -70 -80
LTC2192: 64k Point FFT, fIN = 5MHz, -1dBFS, 65Msps
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
-90 -100 -110 -120
0
20 10 FREQUENCY (MHz)
30
219210 G03
LTC2192: 64k Point FFT, fIN = 30MHz, -1dBFS, 65Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80 AMPLITUDE (dBFS) 0 -10 -20 -30
LTC2192: 64k Point FFT, fIN = 70MHz, -1dBFS, 65Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80
LTC2192: 64k Point FFT, fIN = 140MHz, -1dBFS, 65Msps
-40 -50 -60 -70 -80
-90 -100 -110 -120
-90 -100 -110 -120
-90 -100 -110 -120
0
20 10 FREQUENCY (MHz)
30
219210 G04
0
20 10 FREQUENCY (MHz)
30
219210 G05
0
20 10 FREQUENCY (MHz)
30
219210 G06
LTC2192: 64k Point 2-Tone FFT, fIN = 69MHz, 70MHz, -7dBFS, 65Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 COUNT -50 -60 -70 -80 10000 9000 8000 7000
LTC2192: Shorted Input Histogram
78 77 76 SNR (dBFS) 75 74 73 72 71 32837 32843 32849 OUTPUT CODE 32855
219210 G08
LTC2192: SNR vs Input Frequency, -1dBFS, 65Msps, 2V Range
SINGLE-ENDED ENCODE
6000 5000 4000 3000 2000 1000
DIFFERENTIAL ENCODE
-90 -100 -110 -120
0
20 10 FREQUENCY (MHz)
30
219210 G07
0 32831
70
0
50
100 150 200 250 INPUT FREQUENCY (MHz)
300
219210 G09
219210p
9
LTC2192 LTC2191/LTC2190 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2192: 2nd, 3rd Harmonic vs Input Frequency, -1dBFS, 65Msps, 2V Range
100 2ND AND 3RD HARMONIC (dBFS) 2ND AND 3RD HARMONIC (dBFS) 95 90 85 80 75 70 65 0 50 100 150 200 250 INPUT FREQUENCY (MHz) 300 2ND 3RD 100 95 SFDR (dBc AND dBFS) 90 85 80 75 70 65 0 50 100 150 200 250 INPUT FREQUENCY (MHz) 300 3RD
LTC2192: 2nd, 3rd Harmonic vs Input Frequency, -1dBFS, 65Msps, 1V Range
130 120 110 100 90 80 70 60 50 40 30
LTC2192: SFDR vs Input Level, fIN = 70MHz, 65Msps, 2V Range
dBFS
dBc
2ND
20 -80 -70 -60 -50 -40 -30 -20 -10 INPUT LEVEL (dBFS)
0
219210 G10
219210 G11
219210 G12
LTC2192: IVDD vs Sample Rate, 5MHz, -1dBFS Sine Wave on Each Channel
110 45
LTC2192: IOVDD vs Sample Rate, 5MHz, -1dBFS Sine Wave on Each Input
78 4 LANE, 3.5mA 77 76 SNR (dBFS) 75 74 73 72 71 70
LTC2192: SNR vs SENSE, fIN = 5MHz, -1dBFS
100
35 IOVDD (mA)
IVDD (mA)
90
25
2 LANE, 3.5mA 4 LANE, 1.75mA 1 LANE, 3.5mA
80
70 60
15
2 LANE, 1.75mA 1 LANE, 1.75mA
0
10
50 20 30 40 SAMPLE RATE (Msps)
60
219210 G13
5
0
20 40 60 SAMPLE RATE (Msps)
219210 G14
0.6
0.7
0.8
0.9 1 1.1 SENSE PIN (V)
1.2
1.3
219210 G15
LTC2191: Integral Nonlinearity (INL)
4.0 3.0 2.0 DNL ERROR (LSB) INL ERROR (LSB) 1.0 0 -1.0 -2.0 -3.0 -4.0 0 16384 32768 49152 OUTPUT CODE 65536
219210 G16
LTC2191: Differential Nonlinearity (DNL)
1.0 0.8 0.6 AMPLITUDE (dBFS) 0 16384 32768 49152 OUTPUT CODE 65536
219210 G17
LTC2191: 64k Point FFT, fIN = 5MHz, -1dBFS, 40Msps
0 -10 -20 -30 -40 -50 -60 -70 -80
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
-90 -100 -110 -120
0
5
10 15 FREQUENCY (MHz)
20
219210 G18
219210p
10
LTC2192 LTC2191/LTC2190 TYPICAL PERFORMANCE CHARACTERISTICS
0 -10 -20 -30 AMPLITUDE (dBFS) AMPLITUDE (dBFS) -40 -50 -60 -70 -80
LTC2191: 64k Point FFT, fIN = 30MHz, -1dBFS, 40Msps
0 -10 -20 -30 -40 -50 -60 -70 -80
LTC2191: 64k Point FFT, fIN = 70MHz, -1dBFS, 40Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80
LTC2191: 64k Point FFT, fIN = 140MHz, -1dBFS, 40Msps
-90 -100 -110 -120
-90 -100 -110 -120
-90 -100 -110 -120
0
5
10 15 FREQUENCY (MHz)
20
219210 G19
0
5
10 15 FREQUENCY (MHz)
20
219210 G20
0
5
10 15 FREQUENCY (MHz)
20
219210 G21
LTC2191: 64k Point 2-Tone FFT, fIN = 69MHz, 70MHz, -7dBFS, 40Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 COUNT -50 -60 -70 -80 10000 9000 8000 7000
LTC2191: Shorted Input Histogram
78 77 76 SNR (dBFS) 75 74 73 72 71 32829 32835 32841 OUTPUT CODE 32847
219210 G23
LTC2191: SNR vs Input Frequency, -1dBFS, 40Msps, 2V Range
SINGLE-ENDED ENCODE
6000 5000 4000 3000 2000 1000
DIFFERENTIAL ENCODE
-90 -100 -110 -120
0
5
10 15 FREQUENCY (MHz)
20
219210 G22
0 32823
70
0
50
100 150 200 250 INPUT FREQUENCY (MHz)
300
219210 G24
LTC2191: 2nd, 3rd Harmonic vs Input Frequency, -1dBFS, 40Msps, 2V Range
100 2ND AND 3RD HARMONIC (dBFS) 2ND AND 3RD HARMONIC (dBFS) 95 90 85 80 75 70 65 0 50 100 150 200 250 INPUT FREQUENCY (MHz) 300 2ND 3RD 100 95
LTC2191: 2nd, 3rd Harmonic vs Input Frequency, -1dBFS, 40Msps, 1V Range
130 120 3RD 110 SFDR (dBc AND dBFS) 100 90 80 70 60 50 40 30 0 50 100 150 200 250 INPUT FREQUENCY (MHz) 300
LTC2191: SFDR vs Input Level, fIN = 70MHz, 40Msps, 2V Range
dBFS
90 85 80 75 70 65
dBc
2ND
20 -80 -70 -60 -50 -40 -30 -20 -10 INPUT LEVEL (dBFS)
0
219210 G25
219210 G26
219210 G27
219210p
11
LTC2192 LTC2191/LTC2190 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2191: IVDD vs Sample Rate, 5MHz, -1dBFS Sine Wave Input on Each Channel
80 75 35 70 65 60 15 55 50 5 25 2 LANE, 3.5mA 4 LANE, 1.75mA 1 LANE, 3.5mA 2 LANE, 1.75mA 1 LANE, 1.75mA 0 10 20 30 SAMPLE RATE (Msps) 40
219210 G28
LTC2191: IOVDD vs Sample Rate, 5MHz, -1dBFS Sine Wave on Each Input
45 4 LANE, 3.5mA 78 77 76 SNR (dBFS) 75 74 73 72 71 40
219210 G29
LTC2191: SNR vs SENSE, fIN = 5MHz, -1dBFS
IOVDD (mA)
IVDD (mA)
0
20 30 10 SAMPLE RATE (Msps)
70
0.6
0.7
0.8
0.9 1 1.1 SENSE PIN (V)
1.2
1.3
219210 G30
LTC2190: Integral Nonlinearity (INL)
4.0 3.0 2.0 DNL ERROR (LSB) INL ERROR (LSB) 1.0 0 -1.0 -2.0 -3.0 -4.0 0 16384 32768 49152 OUTPUT CODE 65536
219210 G31
LTC2190: Differential Nonlinearity (DNL)
1.0 0.8 0.6 AMPLITUDE (dBFS) 0 16384 32768 49152 OUTPUT CODE 65536
219210 G32
LTC2190: 64k Point FFT, fIN = 5MHz, -1dBFS, 25Msps
0 -10 -20 -30 -40 -50 -60 -70 -80
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
-90 -100 -110 -120
0
5 FREQUENCY (MHz)
10
219210 G33
LTC2190: 64k Point FFT, fIN = 30MHz, -1dBFS, 25Msps
0 -10 -20 -30 AMPLITUDE (dBFS) AMPLITUDE (dBFS) -40 -50 -60 -70 -80 0 -10 -20 -30 -40 -50 -60 -70 -80
LTC2190: 64k Point FFT, fIN = 70MHz, -1dBFS, 25Msps
0 -10 -20 -30 AMPLITUDE (dBFS) 0 5 FREQUENCY (MHz) 10
219210 G35
LTC2190: 64k Point FFT, fIN = 140MHz, -1dBFS, 25Msps
-40 -50 -60 -70 -80
-90 -100 -110 -120
-90 -100 -110 -120
219210 G34
-90 -100 -110 -120
0
5 FREQUENCY (MHz)
10
0
5 FREQUENCY (MHz)
10
219210 G36
219210p
12
LTC2192 LTC2191/LTC2190 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2190: 64k Point, 2-Tone FFT, fIN = 69MHz, 70MHz, -7dBFS, 25Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 COUNT -50 -60 -70 -80 10000 9000 8000 7000 SNR (dBFS) 6000 5000 4000 3000 2000 1000 0 5 FREQUENCY (MHz) 10
219210 G37
LTC2190: Shorted Input Histogram
78 77 76 75 74 73 72 71 32842 32848 32854 OUTPUT CODE 32860
219210 G38
LTC2190: SNR vs Input Frequency, -1dBFS, 25Msps, 2V Range
SINGLE-ENDED ENCODE
DIFFERENTIAL ENCODE
-90 -100 -110 -120
0 32836
70
0
50
100 150 200 250 INPUT FREQUENCY (MHz)
300
219210 G39
LTC2190: 2nd, 3rd Harmonic vs Input Frequency, -1dBFS, 25Msps, 2V Range
100 2ND AND 3RD HARMONIC (dBFS) 2ND AND 3RD HARMONIC (dBFS) 95 90 85 80 75 70 65 0 50 100 150 200 250 INPUT FREQUENCY (MHz) 300 2ND 3RD 100 95
LTC2190: 2nd, 3rd Harmonic vs Input Frequency, -1dBFS, 25Msps, 1V Range
130 120 3RD 110 SFDR (dBc AND dBFS) 100 90 80 70 60 50 40 30 0 50 100 150 200 250 INPUT FREQUENCY (MHz) 300
LTC2190: SFDR vs Input Level, fIN = 70MHz, 25Msps, 2V Range
90 85 80 75 70 65
dBFS
2ND
dBc
20 -80 -70 -60 -50 -40 -30 -20 -10 INPUT LEVEL (dBFS)
0
219210 G40
219210 G41
219210 G42
LTC2190: IVDD vs Sample Rate, 5MHz, -1dBFS Sine Wave Input on Each Channel
55 45
LTC2190: IOVDD vs Sample Rate, 5MHz, -1dBFS Sine Wave on Each Input
78 4 LANE, 3.5mA 77 76 SNR (dBFS) 75 74 73 72 71 25
219210 G44
LTC2190: SNR vs SENSE, fIN = 5MHz, -1dBFS
50 I0VDD (mA) IVDD (mA)
40
45
35
2 LANE, 3.5mA 4 LANE, 1.75mA 1 LANE, 3.5mA 2 LANE, 1.75mA 1 LANE, 1.75mA
40
20
35
0
5
15 20 10 SAMPLE RATE (Msps)
25
219210 G43
15
0
5
15 20 10 SAMPLE RATE (Msps)
70
0.6
0.7
0.8
0.9 1 1.1 SENSE PIN (V)
1.2
1.3
219210 G45
219210p
13
LTC2192 LTC2191/LTC2190 PIN FUNCTIONS
VCM1 (Pin 1): Common Mode Bias Output, Nominally Equal to VDD/2. VCM1 should be used to bias the common mode of the analog inputs of channel 1. Bypass to ground with a 0.1F ceramic capacitor. GND (Pins 2, 5, 13, 22, 45, 47, 49, Exposed Pad Pin 65): ADC Power Ground. The exposed pad must be soldered to the PCB ground. AIN1+ (Pin 3): Channel 1 Positive Differential Analog Input. AIN1- (Pin 4): Channel 1 Negative Differential Analog Input. REFH (Pins 6, 8): ADC High Reference. See the Reference section in the Applications Information for recommended bypassing cIrcuits for REFH and REFL. REFL (Pins 7, 9): ADC Low Reference. See the Reference section in the Applications Information for recommended bypassing cIrcuits for REFH and REFL. PAR/SER (Pin 10): Programming Mode Selection Pin. Connect to ground to enable the serial programming mode. CS, SCK, SDI, SDO become a serial interface that control the A/D operating modes. Connect to VDD to enable the parallel programming mode where CS, SCK, SDI, SDO become parallel logic inputs that control a reduced set of the A/D operating modes. PAR/SER should be connected directly to ground or the VDD of the part and not be driven by a logic signal. AIN2+ (Pin 11): Channel 2 Positive Differential Analog Input. AIN2- (Pin 12): Channel 2 Negative Differential Analog Input. VCM2 (Pin 14): Common Mode Bias Output, Nominally Equal to VDD/2. VCM2 should be used to bias the common mode of the analog inputs of channel 2. Bypass to ground with a 0.1F ceramic capacitor. VDD (Pins 15, 16, 51, 52): Analog Power Supply, 1.7V to 1.9V. Bypass to ground with 0.1F ceramic capacitors. Adjacent pins can share a bypass capacitor. ENC+ (Pin 17): Encode Input. Conversion starts on the rising edge. ENC- (Pin 18): Encode Complement Input. Conversion starts on the falling edge. Tie to GND for single-ended encode mode. CS (Pin 19): In serial programming mode, (PAR/SER = 0V), CS is the serial interface chip select input. When CS is low, SCK is enabled for shifting data on SDI into the mode control registers. In the parallel programming mode (PAR/SER = VDD), CS along with SCK selects 1-, 2- or 4-lane output mode (see Table 3). CS can be driven with 1.8V to 3.3V logic. SCK (Pin 20): In serial programming mode, (PAR/SER = 0V), SCK is the serial interface clock input. In the parallel programming mode (PAR/SER = VDD), SCK along with CS selects 1-, 2- or 4-lane output mode (see Table 3). SCK can be driven with 1.8V to 3.3V logic. SDI (Pin 21): In Serial Programming Mode, (PAR/SER = 0V), SDI is the Serial Interface Data Input. Data on SDI is clocked into the mode control registers on the rising edge of SCK. In the parallel programming pode (PAR/SER = VDD), SDI can be used to power down the part. SDI can be driven with 1.8V to 3.3V logic. OGND (Pin 33): Output Driver Ground. This pin must be shorted to the ground plane by a very low inductance path. Use multiple vias close to the pin. OVDD (Pin 34): Output Driver Supply. Bypass to ground with a 0.1F ceramic capacitor. SDO (Pin 46): In serial programming mode, (PAR/SER = 0V), SDO is the optional serial interface data output. Data on SDO is read back from the mode control registers and can be latched on the falling edge of SCK. SDO is an open-drain NMOS output that requires an external 2k pull-up resistor to 1.8V to 3.3V. If read back from the mode control registers is not needed, the pull-up resistor is not necessary and SDO can be left unconnected. In the parallel programming mode (PAR/SER = VDD), SDO selects 3.5mA or 1.75mA LVDS output currents. When used as an input, SDO can be driven with 1.8V to 3.3V logic through a 1k series resistor.
219210p
14
LTC2192 LTC2191/LTC2190 PIN FUNCTIONS
VREF (Pin 48): Reference Voltage Output. Bypass to ground with a 2.2F ceramic capacitor. The reference output is nominally 1.25V. SENSE (Pin 50): Reference Programming Pin. Connecting SENSE to VDD selects the internal reference and a 1V input range. Connecting SENSE to ground selects the internal reference and a 0.5V input range. An external reference between 0.625V and 1.3V applied to SENSE selects an input range of 0.8 * VSENSE. LVDS Outputs The following pins are differential LVDS outputs. The output current level is programmable. There is an optional internal 100 termination resistor between the pins of each LVDS output pair. OUT2D-/OUT2D+, OUT2C-/OUT2C+, OUT2B-/OUT2B+, OUT2A-/OUT2A+ (Pins 23/24, 25/26, 27/28, 29/30): Serial Data Outputs for Channel 2. In 1-lane output mode only OUT2A-/OUT2A+ are used. In 2-Lane output mode only OUT2A-/OUT2A+ and OUT2B-/OUT2B+ are used. FR-/FR+ (Pins 31/32): Frame Start Outputs. DCO-/DCO+ (Pins 35/36): Data Clock Outputs. OUT1D-/OUT1D+, OUT1C-/OUT1C+, OUT1B-/OUT1B+, OUT1A-/OUT1A+ (Pins 37/38, 39/40, 41/42, 43/44): Serial Data Outputs for Channel 1. In 1-lane output mode only OUT1A-/OUT1A+ are used. In 2-lane output mode only OUT1A-/OUT1A+ and OUT1B-/OUT1B+ are used.
219210p
15
LTC2192 LTC2191/LTC2190 FUNCTIONAL BLOCK DIAGRAM
1.8V VDD ENC+ ENC- 1.8V OVDD
CH1 ANALOG INPUT
PLL S/H 16-BIT ADC CORE DATA SERIALIZER
CH2 ANALOG INPUT
S/H
16-BIT ADC CORE
OUT1A OUT1B OUT1C OUT1D OUT2A OUT2B OUT2C OUT2D DATA CLOCK OUT FRAME OGND
VREF 2.2F
1.25V REFERENCE RANGE SELECT
REF BUF SENSE
REFH
REFL
DIFF REF AMP
VDD/2
MODE CONTROL REGISTERS
219210 F01
REFH
2.2F
REFL
VCM1 0.1F
VCM2 0.1F
PAR/SER CS SCK SDI SDO
0.1F
0.1F
Figure 1. Functional Block Diagram
219210p
16
LTC2192 LTC2191/LTC2190 APPLICATIONS INFORMATION
CONVERTER OPERATION The LTC2192/LTC2191/LTC2190 are low power, 2-channel, 16-bit, 65/40/25Msps A/D converters that are powered by a single 1.8V supply. The analog inputs should be driven differentially. The encode input can be driven differentially or single ended for lower power consumption. To minimize the number of data lines the digital outputs are serial LVDS. Each channel outputs one bit at a time (1-lane mode), two bits at a time (2-lane mode) or four bits at a time (4-lane mode). Many additional features can be chosen by programming the mode control registers through a serial SPI port. ANALOG INPUT The analog inputs are differential CMOS sample-andhold circuits (Figure 2). The inputs should be driven differentially around a common mode voltage set by the VCM1 or VCM2 output pins, which are nominally VDD/2. For the 2V input range, the inputs should swing from VCM - 0.5V to VCM + 0.5V. There should be 180 phase difference between the inputs. The two channels are simultaneously sampled by a shared encode circuit (Figure 2).
LTC2192 VDD 10 CPARASITIC 1.8pF RON 15 CPARASITIC 1.8pF VDD CSAMPLE 5pF RON 15 CSAMPLE 5pF
Single-Ended Input For applications less sensitive to harmonic distortion, the AIN+ input can be driven singled ended with a 1VP-P signal centered around VCM. The AIN- input should be connected to VCM. With a singled-ended input the harmonic distortion and INL will degrade, but the noise and DNL will remain unchanged. INPUT DRIVE CIRCUITS Input Filtering If possible, there should be an RC lowpass filter right at the analog inputs. This lowpass filter isolates the drive circuitry from the A/D sample-and-hold switching, and also limits wideband noise from the drive circuitry. Figure 3 shows an example of an input RC filter. The RC component values should be chosen based on the application's input frequency. Transformer Coupled Circuits Figure 3 shows the analog input being driven by an RF transformer with a center-tapped secondary. The center tap is biased with VCM, setting the A/D input at its optimal
AIN+
VDD 10
AIN-
1.2V 10k ENC+ ENC- 10k 1.2V
219210 F02
Figure 2. Equivalent Input Circuit. Only One of Two Analog Channels Is Shown
219210p
17
LTC2192 LTC2191/LTC2190 APPLICATIONS INFORMATION
50 VCM 0.1F 0.1F ANALOG INPUT T1 1:1 25 25 25 0.1F 12pF 25 AIN-
219210 F03
50
VCM 0.1F
AIN+ LTC2192
0.1F ANALOG INPUT T1 0.1F T2 25 25 0.1F
AIN+ LTC2192 1.8pF AIN-
219210 F05
T1: MA/COM MABAES0060 RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
T1: MA/COM MABA-007159-000000 T2: COILCRAFT WBC1-1L RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
Figure 3. Analog Input Circuit Using a Transformer. Recommended for Input Frequencies from 5MHz to 70MHz
50 VCM 0.1F 0.1F ANALOG INPUT T1 0.1F T2 25 25 12 0.1F 8.2pF 12 AIN-
219210 F04
Figure 5. Recommended Front-End Circuit for Input Frequencies from 150MHz to 250MHz
50 VCM 0.1F 0.1F ANALOG INPUT 4.7nH T1 0.1F 25 25 0.1F AIN+ LTC2192
AIN+ LTC2192
4.7nH
AIN-
219210 F06
T1: MA/COM MABA-007159-000000 T2: COILCRAFT WBC1-1L RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
T1: MA/COM ETC1-1-13 RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
Figure 4. Recommended Front-End Circuit for Input Frequencies from 5MHz to 150MHz
Figure 6. Recommended Front-End Circuit for Input Frequencies Above 250MHz
VCM HIGH SPEED DIFFERENTIAL 0.1F AMPLIFIER ANALOG INPUT 200 200 25 0.1F AIN+ 12pF 0.1F LTC2192
DC level. At higher input frequencies a transmission line balun transformer (Figures 4 to 6) has better balance, resulting in lower A/D distortion. Amplifier Circuits Figure 7 shows the analog input being driven by a high speed differential amplifier. The output of the amplifier is AC coupled to the A/D so the amplifier's output common mode voltage can be optimally set to minimize distortion. At very high frequencies an RF gain block will often have lower distortion than a differential amplifier. If the gain block is single ended, then a transformer circuit (Figures 4 to 6) should convert the signal to differential before driving the A/D.
+ -
25
AIN- 12pF
219210 F07
Figure 7. Front-End Circuit Using a High Speed Differential Amplifier
219210p
18
LTC2192 LTC2191/LTC2190 APPLICATIONS INFORMATION
Reference The LTC2192/LTC2191/LTC2190 have an internal 1.25V voltage reference. For a 2V input range using the internal reference, connect SENSE to VDD. For a 1V input range using the internal reference, connect SENSE to ground. For a 2V input range with an external reference, apply a 1.25V reference voltage to SENSE (Figure 9). The input range can be adjusted by applying a voltage to SENSE that is between 0.625V and 1.30V. The input range will then be 1.6 * VSENSE. The VREF, REFH and REFL pins should be bypassed as shown in Figure 8. A low inductance 2.2F interdigitated capacitor is recommended for the bypass between REFH and REFL. This type of capacitor is available at a low cost from multiple suppliers. Alternatively, C1 can be replaced by a standard 2.2F capacitor between REFH and REFL. The capacitors should be as close to the pins as possible (not on the back side of the circuit board).
LTC2192 1.25V VREF 2.2F 5 1.25V BANDGAP REFERENCE 0.625V RANGE DETECT AND CONTROL SENSE BUFFER INTERNAL ADC HIGH REFERENCE C2 0.1F
219210 F08c
Figure 8c and 8d show the recommended circuit board layout for the REFH/REFL bypass capacitors. Note that in Figure 8c, every pin of the interdigitated capacitor (C1) is connected since the pins are not internally connected in some vendors' capacitors. In Figure 8d the REFH and REFL pins are connected by short jumpers in an internal layer. To minimize the inductance of these jumpers they can be placed in a small hole in the GND plane on the second board layer.
C3 0.1F C1 2.2F C2 0.1F REFH REFL LTC2192
REFH REFL
219210 F08b
CAPACITORS ARE 0402 PACKAGE SIZE
Figure 8b. Alternative REFH/REFL Bypass Circuit
Figure 8c. Recommended Layout for the REFH/REFL Bypass Circuit in Figure 8a
TIE TO VDD FOR 2V RANGE; TIE TO GND FOR 1V RANGE; RANGE = 1.6 * VSENSE FOR 0.625V < VSENSE < 1.300V
- +
C1
+ - + -
REFH REFL 0.8x DIFF AMP
219210 F08d
-
C3 0.1F
REFH REFL
Figure 8d. Recommended Layout for the REFH/REFL Bypass Circuit in Figure 8b
VREF
+
C1: 2.2F LOW INDUCTANCE INTERDIGITATED CAPACITOR TDK CLLE1AX7S0G225M MURATA LLA219C70G225M AVX W2L14Z225M OR EQUIVALENT
INTERNAL ADC LOW REFERENCE
219210 F08a
2.2F 1.25V EXTERNAL REFERENCE SENSE 1F
LTC2192
219210 F09
Figure 8a. Reference Circuit
Figure 9. Using an External 1.25V Reference
219210p
19
LTC2192 LTC2191/LTC2190 APPLICATIONS INFORMATION
Encode Input The signal quality of the encode inputs strongly affects the A/D noise performance. The encode inputs should be treated as analog signals--do not route them next to digital traces on the circuit board. There are two modes of operation for the encode inputs: the differential encode mode (Figure 10), and the single-ended encode mode (Figure 11). The differential encode mode is recommended for sinusoidal, PECL, or LVDS encode inputs (Figures 12, 13). The encode inputs are internally biased to 1.2V through 10k equivalent resistance. The encode inputs can be taken above VDD (up to 3.6V), and the common mode range is from 1.1V to 1.6V. In the differential encode mode, ENC- should stay at least 200mV above ground to avoid falsely triggering the single-ended encode mode. For good jitter performance ENC+ should have fast rise and fall times. The single-ended encode mode should be used with CMOS encode inputs. To select this mode, ENC- is connected to ground and ENC+ is driven with a square wave
LTC2192 VDD DIFFERENTIAL COMPARATOR
encode input. ENC+ can be taken above VDD (up to 3.6V) so 1.8V to 3.3V CMOS logic levels can be used. The ENC+ threshold is 0.9V. For good jitter performance ENC+ should have fast rise and fall times. If the encode signal is turned off or drops below approximately 500kHz, the A/D enters nap mode.
0.1F 50 100 0.1F 50 ENC- 0.1F T1 = MA/COM ETC1-1-13 RESISTORS AND CAPACITORS ARE 0402 PACKAGE SIZE
219210 F12
ENC+ T1
LTC2192
Figure 12. Sinusoidal Encode Drive
0.1F
ENC+
PECL OR LVDS CLOCK
LTC2192 0.1F ENC-
219210 F13
VDD 15k ENC+ ENC- 30k
Figure 13. PECL or LVDS Encode Drive
Clock PLL and Duty Cycle Stabilizer The encode clock is multiplied by an internal phase-locked loop (PLL) to generate the serial digital output data. If the encode signal changes frequency or is turned off, the PLL requires 25s to lock onto the input clock. A clock duty cycle stabilizer circuit allows the duty cycle of the applied encode signal to vary from 30% to 70%. In the serial programming mode it is possible to disable the duty cycle stabilizer, but this is not recommended. In the parallel programming mode the duty cycle stabilizer is always enabled.
219210 F10
Figure 10. Equivalent Encode Input Circuit for Differential Encode Mode
LTC2192 1.8V TO 3.3V 0V ENC+ ENC- 30k CMOS LOGIC BUFFER
219210 F11
Figure 11. Equivalent Encode Input Circuit for Single-Ended Encode Mode
219210p
20
LTC2192 LTC2191/LTC2190 APPLICATIONS INFORMATION
DIGITAL OUTPUTS The digital outputs of the LTC2192/LTC2191/LTC2190 are serialized LVDS signals. Each channel outputs one bit at a time (1-lane mode), two bits at a time (2-lane mode) or four bits at a time (4-lane mode). Please refer to the Timing Diagrams for details. In 4-lane mode the clock duty cycle stabilizer must be enabled. The output data should be latched on the rising and falling edges of the data clock out (DCO). A data frame output (FR) can be used to determine when the data from a new conversion result begins. The maximum serial data rate for the data outputs is 1Gbps, so the maximum sample rate of the ADC will depend on the serialization mode as well as the speed grade of the ADC (See Table 1). The minimum sample rate for all serialization modes is 5Msps. By default the outputs are standard LVDS levels: 3.5mA output current and a 1.25V output common mode voltage. An external 100 differential termination resistor is required for each LVDS output pair. The termination resistors should be located as close as possible to the LVDS receiver. The outputs are powered by OVDD and OGND which are isolated from the A/D core power and ground.
Table 1. Maximum Sampling Frequency for All Serialization Modes. Note That These Limits are for the LTC2192. The Sampling Frequency for the Slower Speed Grades Cannot Exceed 40MHz (LTC2191) or 25MHz (LTC2190)
MAXIMUM SAMPLING SERIALIZATION FREQUENCY , DCO FR SERIAL MODE fS (MHz) FREQUENCY FREQUENCY DATA RATE 4-Lane 2-Lane 1-Lane 65 65 62.5 2 * fS 4 * fS 8 * fS fS fS fS 4 * fS 8 * fS 16 * fS
Optional LVDS Driver Internal Termination In most cases using just an external 100 termination resistor will give excellent LVDS signal integrity. In addition, an optional internal 100 termination resistor can be enabled by serially programming mode control register A2. The internal termination helps absorb any reflections caused by imperfect termination at the receiver. When the internal termination is enabled, the output driver current is doubled to maintain the same output voltage swing. Internal termination can only be selected in serial programming mode. DATA FORMAT Table 2 shows the relationship between the analog input voltage and the digital data output bits. By default the output data format is offset binary. The 2's complement format can be selected by serially programming mode control register A1.
Table 2. Output Codes vs Input Voltage
AIN+-AIN- (2V RANGE) >1.000000V +0.999970V +0.999939V +0.000030V +0.000000V -0.000030V -0.000061V -0.999939V -1.000000V <-1.000000V D15-D0 (OFFSET BINARY) 1111 1111 1111 1111 1111 1111 1111 1111 1111 1111 1111 1110 1000 0000 0000 0001 1000 0000 0000 0000 0111 1111 1111 1111 0111 1111 1111 1110 0000 0000 0000 0001 0000 0000 0000 0000 0000 0000 0000 0000 D15-D0 (2' s COMPLEMENT) 0111 1111 1111 1111 0111 1111 1111 1111 0111 1111 1111 1110 0000 0000 0000 0001 0000 0000 0000 0000 1111 1111 1111 1111 1111 1111 1111 1110 1000 0000 0000 0001 1000 0000 0000 0000 1000 0000 0000 0000
Digital Output Randomizer Interference from the A/D digital outputs is sometimes unavoidable. Digital interference may be from capacitive or inductive coupling or coupling through the ground plane. Even a tiny coupling factor can cause unwanted tones in the ADC output spectrum. By randomizing the digital output before it is transmitted off-chip, these unwanted tones can be randomized which reduces the unwanted tone amplitude.
Programmable LVDS Output Current In LVDS mode, the default output driver current is 3.5mA. This current can be adjusted by control register A2 in the serial programming mode. Available current levels are 1.75mA, 2.1mA, 2.5mA, 3mA, 3.5mA, 4mA and 4.5mA. In the parallel programming mode the SDO pin can select either 3.5mA or 1.75mA.
219210p
21
LTC2192 LTC2191/LTC2190 APPLICATIONS INFORMATION
The digital output is randomized by applying an exclusive OR logic operation between the LSB and all other data output bits. To decode, the reverse operation is applied--an exclusive OR operation is applied between the LSB and all other bits. The FR and DCO outputs are not affected. The output randomizer is enabled by serially programming mode control register A1. Digital Output Test Pattern To allow in-circuit testing of the digital interface to the A/D, there is a test mode that forces the A/D data outputs (D15-D0) of both channels to known values. The digital output test patterns are enabled by serially programming mode control registers A2, A3 and A4. When enabled, the test patterns override all other formatting modes: 2's complement and randomizer. Output Disable The digital outputs may be disabled by serially programming mode control register A2. The current drive for all digital outputs including DCO and FR are disabled to save power or enable in-circuit testing. When disabled the common mode of each output pair becomes high impedance, but the differential impedance may remain low. Sleep and Nap Modes The A/D may be placed in sleep or nap modes to conserve power. In sleep mode the entire device is powered down, resulting in 1mW power consumption. Sleep mode is enabled by mode control register A1 (serial programming mode), or by SDI (parallel programming mode). The amount of time required to recover from sleep mode depends on the size of the bypass capacitors on VREF , REFH and REFL. For the suggested values in Figure 8, the A/D will stabilize after 2ms. In nap mode any combination of A/D channels can be powered down while the internal reference circuits and the PLL stay active, allowing faster wake up than from sleep mode. Recovering from nap mode requires at least 100 clock cycles. If the application demands very accurate DC settling then an additional 50s should be allowed so the on-chip references can settle from the slight temperature shift caused by the change in supply current as the A/D
SDI
leaves nap mode. Nap mode is enabled by mode control register A1 in the serial programming mode. DEVICE PROGRAMMING MODES The operating modes of the LTC2192/LTC2191/LTC2190 can be programmed by either a parallel interface or a simple serial interface. The serial interface has more flexibility and can program all available modes. The parallel interface is more limited and can only program some of the more commonly used modes. Parallel Programming Mode To use the parallel programming mode, PAR/SER should be tied to VDD. The CS, SCK, SDI and SDO pins are binary logic inputs that set certain operating modes. These pins can be tied to VDD or ground, or driven by 1.8V, 2.5V or 3.3V CMOS logic. When used as an input, SDO should be driven through a 1k series resistor. Table 3 shows the modes set by CS, SCK, SDI and SDO.
Table 3. Parallel Programming Mode Control Bits (PAR/SER = VDD)
PIN CS/SCK DESCRIPTION 2-Lane/4-Lane/1-Lane Selection Bits 00 = 2-Lane Output Mode 01 = 4-Lane Output Mode 10 = 1-Lane Output Mode 11 = Not Used Power Down Control Bit 0 = Normal Operation 1 = Sleep Mode LVDS Current Selection Bit 0 = 3.5mA LVDS Current Mode 1 = 1.75mA LVDS Current Mode
SDO
Serial Programming Mode To use the serial programming mode, PAR/SER should be tied to ground. The CS, SCK, SDI and SDO pins become a serial interface that program the A/D mode control registers. Data is written to a register with a 16-bit serial word. Data can also be read back from a register to verify its contents. Serial data transfer starts when CS is taken low. The data on the SDI pin is latched at the first 16 rising edges of SCK. Any SCK rising edges after the first 16 are ignored. The data transfer ends when CS is taken high again.
219210p
22
LTC2192 LTC2191/LTC2190 APPLICATIONS INFORMATION
The first bit of the 16-bit input word is the R/W bit. The next seven bits are the address of the register (A6:A0). The final eight bits are the register data (D7:D0). If the R/W bit is low, the serial data (D7:D0) will be written to the register set by the address bits (A6:A0). If the R/W bit is high, data in the register set by the address bits (A6:A0) will be read back on the SDO pin (see the Timing Diagrams). During a read back command the register is not updated and data on SDI is ignored. The SDO pin is an open-drain output that pulls to ground with a 200 impedance. If register data is read back through SDO, an external 2k pull-up resistor is required. If serial data is only written and read back is not needed,
Table 4. Serial Programming Mode Register Map (PAR/SER = GND)
REGISTER A0: RESET REGISTER (ADDRESS 00h) D7 RESET Bit 7 RESET D6 X D5 X Software Reset Bit D4 X D3 X D2 X D1 X D0 X
then SDO can be left floating and no pull-up resistor is needed. Table 4 shows a map of the mode control registers. Software Reset If serial programming is used, the mode control registers should be programmed as soon as possible after the power supplies turn on and are stable. The first serial command must be a software reset which will reset all register data bits to logic 0. To perform a software reset, bit D7 in the reset register is written with a logic 1. After the reset is complete, bit D7 is automatically set back to zero.
0 = Not Used 1 = Software Reset. All Mode Control Registers are Reset to 00h. The ADC is Momentarily Placed in Sleep Mode. This Bit is Automatically Set Back to Zero After the Reset is Complete Bits 6-0 Unused, Don't Care Bits.
REGISTER A1: FORMAT AND POWER-DOWN REGISTER (ADDRESS 01h) D7 DCSOFF Bit 7 D6 RAND D5 TWOSCOMP D4 SLEEP D3 NAP_2 D2 X D1 X D0 NAP_1
DCSOFF Clock Duty Cycle Stabilizer Bit 0 = Clock Duty Cycle Stabilizer On 1 = Clock Duty Cycle Stabilizer Off. This is not recommended. RAND Data Output Randomizer Mode Control Bit 0 = Data Output Randomizer Mode Off 1 = Data Output Randomizer Mode On TWOSCOMP Two's Complement Mode Control Bit 0 = Offset Binary Data Format 1 = Two's Complement Data Format SLEEP:NAP_2:NAP_1 Sleep/Nap Mode Control Bits 000 = Normal Operation 0X1 = Channel 1 in Nap Mode 01X = Channel 2 in Nap Mode 1XX = Sleep Mode. Both Channels are Disabled. Note: Any Combination of Channels Can Be Placed in Nap Mode Unused, Don't Care Bits
Bit 6
Bit 5
Bits 4, 3, 0
Bits 1, 2
219210p
23
LTC2192 LTC2191/LTC2190 APPLICATIONS INFORMATION
REGISTER A2: OUTPUT MODE REGISTER (ADDRESS 02h) D7 ILVDS2 Bits 7-5 D6 ILVDS1 D5 ILVDS0 D4 TERMON D3 OUTOFF D2 OUTTEST D1 OUTMODE1 D0 OUTMODE0
ILVDS2:ILVDS0 LVDS Output Current Bits 000 = 3.5mA LVDS Output Driver Current 001 = 4.0mA LVDS Output Driver Current 010 = 4.5mA LVDS Output Driver Current 011 = Not Used 100 = 3.0mA LVDS Output Driver Current 101 = 2.5mA LVDS Output Driver Current 110 = 2.1mA LVDS Output Driver Current 111 = 1.75mA LVDS Output Driver Current TERMON LVDS Internal Termination Bit 0 = Internal Termination Off 1 = Internal Termination On. LVDS Output Driver Current is 2x the Current Set by ILVDS2:ILVDS0 OUTOFF Output Disable Bit 0 = Digital Outputs are Enabled 1 = Digital Outputs are Disabled OUTTEST Digital Output Test Pattern Control Bit 0 = Digital Output Test Pattern Off 1 = Digital Output Test Pattern On OUTMODE1:OUTMODE0 00 = 2-Lane Output Mode 01 = 4-Lane Output Mode 10 = 1-Lane Output Mode 11 = Not Used Digital Output Mode Control Bits
Bit 4
Bit 3
Bit 2
Bits 1-0
REGISTER A3: TEST PATTERN MSB REGISTER (ADDRESS 03h) D7 TP15 Bits 7-0 D6 TP14 TP15:TP8 D5 TP13 D4 TP12 D3 TP11 D2 TP10 D1 TP9 D0 TP8
Test Pattern Data Bits (MSB)
TP15:TP8 Set the Test Pattern for Data Bit 15 (MSB) Through Data Bit 8.
REGISTER A4: TEST PATTERN LSB REGISTER (ADDRESS 04h) D7 TP7 Bits 7-0 D6 TP6 TP7:TP0 D5 TP5 D4 TP4 D3 TP3 D2 TP2 D1 TP1 D0 TP0
Test Pattern Data Bits (LSB)
TP7:TP0 Set the Test Pattern for Data Bit 7 Through Data Bit 0 (LSB).
219210p
24
LTC2192 LTC2191/LTC2190 APPLICATIONS INFORMATION
GROUNDING AND BYPASSING The LTC2192/LTC2191/LTC2190 require a printed circuit board with a clean unbroken ground plane. A multilayer board with an internal ground plane in the first layer beneath the ADC is recommended. Layout for the printed circuit board should ensure that digital and analog signal lines are separated as much as possible. In particular, care should be taken not to run any digital track alongside an analog signal track or underneath the ADC. High quality ceramic bypass capacitors should be used at the VDD, OVDD, VCM, VREF, REFH and REFL pins. Bypass capacitors must be located as close to the pins as possible. Size 0402 ceramic capacitors are recommended. The traces connecting the pins and bypass capacitors must be kept short and should be made as wide as possible. Of particular importance is the capacitor between REFH and REFL. This capacitor should be on the same side of the circuit board as the A/D, and as close to the device as possible. The analog inputs, encode signals, and digital outputs should not be routed next to each other. Ground fill and grounded vias should be used as barriers to isolate these signals from each other. HEAT TRANSFER Most of the heat generated by the LTC2192/LTC2191/ LTC2190 is transferred from the die through the bottomside exposed pad and package leads onto the printed circuit board. For good electrical and thermal performance, the exposed pad must be soldered to a large grounded pad on the PC board. This pad should be connected to the internal ground planes by an array of vias.
TYPICAL APPLICATIONS
C4 2.2F SDO SENSE VDD C29 0.1F C5 0.1F 1 2 AIN1+ AIN1- C3 0.1F 3 4 5 6 7 8 9 10 11 12 13 14 C37 0.1F
52
51
50
49
48
47
46
45
44
43
42
+
GND
SDO
SENSE
GND
VREF
GND
VDD
VDD
OUT1A+
OUT1A-
OUT1B-
OUT1B
41
VCM1 GND AIN1+ AIN1- GND REFH REFL REFH REFL
OUT1C+ OUT1C
- +
40 39 38 37 36 35 34 33 32 31 30 29 28 27 C16 0.1F OVDD DIGITAL OUTPUTS
OUT1D DCO DCO LTC2192
OUT1D-
+ -
C2 0.1F
CN1
PAR/SER AIN2+ AIN2-
OUT2D-
+
OUT2C-
OUT2C+
OUT2D
+
-
15
16
17
18
19
20
21
22
23
GND
SCK
ENC
ENC
VDD
VDD
SDI
CS
24
25
VDD
C7 0.1F
ENCODE INPUT
26
- + - +
- + - +
OVDD OGND FR+ FR- OUT2A+ OUT2A- OUT2B
+
PAR/SER AIN2+ AIN2- GND VCM2
OUT2B-
SPI PORT
219210 TA02
219210p
25
LTC2192 LTC2191/LTC2190 TYPICAL APPLICATIONS
Top Side Inner Layer 2
Inner Layer 3
Inner Layer 4
Inner Layer 5
Bottom Side
219210p
26
LTC2192 LTC2191/LTC2190 PACKAGE DESCRIPTION
(Reference LTC DWG # 05-08-1729 Rev O)
7.50 0.05 6.10 0.05 5.50 REF (2 SIDES) 0.70 0.05
UKG Package 52-Lead Plastic QFN (7mm x 8mm)
6.45 0.05
6.50 REF 7.10 0.05 8.50 0.05 (2 SIDES)
5.41 0.05
PACKAGE OUTLINE 0.25 0.05 0.50 BSC RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED 7.00 0.10 (2 SIDES) 0.75 0.05 0.00 - 0.05 R = 0.115 TYP 5.50 REF (2 SIDES) 51 52 0.40 0.10 1 PIN 1 NOTCH R = 0.30 TYP OR 0.35 x 45C CHAMFER 2
PIN 1 TOP MARK (SEE NOTE 6)
8.00 0.10 (2 SIDES)
6.50 REF (2 SIDES)
6.45 0.10
5.41 0.10
TOP VIEW 0.200 REF 0.00 - 0.05
R = 0.10 TYP
(UKG52) QFN REV O 0306
0.25 0.05 0.50 BSC BOTTOM VIEW--EXPOSED PAD
0.75 0.05
SIDE VIEW NOTE: 1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE, IF PRESENT 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
219210p
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
27
LTC2192 LTC2191/LTC2190 TYPICAL APPLICATION
1.8V VDD CH1 ANALOG INPUT CH2 ANALOG INPUT ENCODE INPUT S/H 16-BIT ADC CORE 16-BIT ADC CORE 1.8V OVDD OUT1A OUT1B OUT1C OUT1D OUT2A OUT2B OUT2C OUT2D DATA CLOCK OUT FRAME
2-Tone FFT, fIN = 70MHz and 69MHz
0 -10 -20 -30 AMPLITUDE (dBFS) SERIALIZED LVDS OUTPUTS -40 -50 -60 -70 -80
S/H
DATA SERIALIZER
PLL
-90 -100 -110 -120
GND
OGND
219210 TA01a
0
20 10 FREQUENCY (MHz)
30
219210 G07
RELATED PARTS
PART NUMBER ADCs LTC2259-14/LTC2260-14/ LTC2261-14 LTC2262-14 DESCRIPTION COMMENTS 89mW/106mW/127mW, 73.4dB SNR, 85dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs, 6mm x 6mm QFN-36 149mW, 72.8dB SNR, 88dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs, 6mm x 6mm QFN-36 216mW/250mW/293mW, 73.4dB SNR, 85dB SFDR, Serial LVDS Outputs, 6mm x 6mm QFN-36 216mW/250mW/293mW, 70.5dB SNR, 85dB SFDR, Serial LVDS Outputs, 6mm x 6mm QFN-36 1250mW, 77.7dB SNR, 100dB SFDR, CMOS/LVDS Outputs, 9mm x 9mm QFN-64 900mW/725mW, 77.9dB SNR, 100dB SFDR, CMOS Outputs, 7mm x 7mm QFN-48 1190mW/970mW, 81.2dB SNR, 100dB SFDR, CMOS/LVDS Outputs, 9mm x 9mm QFN-64 High IIP3: 21dBm at 800MHz, Integrated LO Quadrature Generator 24.5dBm IIP3 at 900MHz, 23.5dBm IIP3 at 3.5GHz, NF = 12.5dB, 50 Single-Ended RF and LO Ports 23.7dBm IIP3 at 2.6GHz, 23.5dBm IIP3 at 3.5GHz, NF = 13.2dB, 3.3V Supply Operation, Integrated Transformer High IIP3: 28dBm at 900MHz, Integrated LO Quadrature Generator, Integrated RF and LO Transformer Continuously Adjustable Gain Control, 35dBm OIP3 at 240MHz, 10dB Noise Figure, 4mm x 4mm QFN-24 Fixed Gain 10V/V, 1nV/Hz Total Input Noise, 80mA Supply Current per Amplifier, 3mm x 4mm QFN-20 Fixed Gain 10V/V, 1nV/Hz Total Input Noise, 40mA Supply Current per Amplifier, 3mm x 4mm QFN-20 Dual Matched 2nd Order Lowpass Filters with Differential Drivers, Pin-Programmable Gain, 6mm x 3mm DFN-22 Integrated High Speed ADC, Passive Filters and Fixed Gain Differential Amplifiers
219210p
14-Bit, 80Msps/105Msps/125Msps 1.8V ADCs, Ultralow Power 14-Bit, 150Msps 1.8V ADC, Ultralow Power LTC2266-14/LTC2267-14/ 14-Bit, 80Msps/105Msps/125Msps LTC2268-14 1.8V Dual ADCs, Ultralow Power LTC2266-12/LTC2267-12/ 12-Bit, 80Msps/105Msps/125Msps LTC2268-12 1.8V Dual ADCs, Ultralow Power LTC2208 16-Bit, 130Msps 3.3V ADC LT2207/LT2206 LT2217/LT2216 16-Bit, 105Msps/80Msps 3.3V ADCs 16-Bit, 105Msps/80Msps 3.3V ADCs
RF Mixers/Demodulators LTC5517 40MHz to 900MHz Direct Conversion Quadrature Demodulator LTC5527 400MHz to 3.7GHz High Linearity Downconverting Mixer LTC5557 400MHz to 3.8GHz High Linearity Downconverting Mixer LTC5575 800MHz to 2.7GHz Direct Conversion Quadrature Demodulator Amplifiers/Filters LTC6412 800MHz, 31dB Range, Analog-Controlled Variable Gain Amplifier LTC6420-20 1.8GHz Dual Low Noise, Low Distortion Differential ADC Drivers for 300MHz IF LTC6421-20 1.3GHz Dual Low Noise, Low Distortion Differential ADC Drivers LTC6605-7/LTC6605-10/ Dual Matched 7MHz/10MHz/14MHz LTC6605-14 Filters with ADC Drivers Signal Chain Receivers LTM9002 14-Bit Dual Channel IF/Baseband Receiver Subsystem
28 Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507
LT 0111 * PRINTED IN USA
www.linear.com
LINEAR TECHNOLOGY CORPORA TION 2011


▲Up To Search▲   

 
Price & Availability of LTC2192CUKGPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X