Part Number Hot Search : 
2C100 IR3590 ARX4417 MDTXXA EL2044CS B222J 45000 WM2625
Product Description
Full Text Search
 

To Download JSPHS-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Narrow Band
Phase Shifter
50 180 Voltage Variable
Features
-40C to 85C -55C to 100C 20 dBm max. 20V
JSPHS-150+ JSPHS-150
100 to 150 MHz
CASE STYLE: BK276 PRICE: $31.95 ea. QTY (1-9)
Maximum Ratings
Operating Temperature Storage Temperature RF Input Power Control Voltage
* low insertion loss, 1.0 dB typ. * good VSWR, 1.3 typ. * solder-plated J-leads for excellent solderability and strain relief * aqueous washable
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Applications Pin Connections
IN OUT BIAS GROUND
^ pins must be connected together externally
14 8 1,7^ 2,3,4,5,6,9,10,11,12,13
* aircraft communication * delay for feed-forward amplifier
Phase Shifter Electrical Specifications
FREQUENCY (MHz) PHASE RANGE (Degrees)
Min. 100-150 180
INSERTION LOSS (dB)
Typ. 1.2 Max. 2.5
Outline Drawing
CONTROL VOLTAGE (V)
CONTROL BANDWIDTH (kHz)
Typ.
VSWR (:1)
Typ. 1.2 Max. 1.7
0-12
DC-30
Maximum operating power, 0 dBm DC input resistance at Control port: 5900 ohms typ.
Typical Performance Data
PCB Land Pattern
Control Voltage (V)
100 MHz 0.00 2.00 3.00 5.00 7.00 9.00 11.00 12.00 0.00 17.45 30.77 79.43 164.59 210.43 223.27 226.44
Phase Shift* (Degrees)
125 MHz 0.00 9.44 16.64 44.98 129.35 209.45 232.18 237.51 150 MHz 0.00 5.29 9.21 24.15 76.74 181.98 225.01 234.67 100 MHz 1.47 1.43 1.39 1.29 1.27 1.28 1.31 1.32
VSWR (:1)
125 MHz 1.23 1.22 1.21 1.19 1.25 1.08 1.03 1.02 150 MHz 1.19 1.19 1.19 1.19 1.20 1.31 1.25 1.22 100 MHz 1.00 1.06 1.09 1.17 0.92 0.72 0.69 0.69
Insertion Loss (dB)
125 MHz 0.84 0.89 0.92 1.07 1.26 0.81 0.70 0.69 150 MHz 0.83 0.86 0.88 0.97 1.31 1.22 0.93 0.87
Suggested Layout, Tolerance to be within .002
Outline Dimensions ( inch ) mm
A .450 11.43 H .047 1.19 B .803 20.40 J .065 1.65 C --K .065 1.65 D .100 2.54 L .470 11.94 E .250 6.35 F .102 2.59 G .100 2.54 wt grams 3.0
* Normalized at control voltage = 0V
JSPHS-150 PHASE SHIFT
JSPHS-150 VSWR
250 PHASE SHIFT (DEG.) 200 150 100 50 0 0 2 4 6 8 CONTROL VOLTAGE (V) 10 12
100 MHz 125 MHz 150 MHz
2.0
100 MHz 125 MHz 150 MHz
1.8 VSWR 1.6 1.4 1.2 1.0 0 2 4 6 8 CONTROL VOLTAGE (V) 10 12
Demo Board MCL P/N: TB-152+ Suggested PCB Layout (PL-214)
JSPHS-150 INSERTION LOSS 1.6 INSERTION LOSS (dB)
100 MHz 125 MHz 150 MHz
electrical schematic
1.4 1.2 1.0 0.8 0.6 0 2 4 6 8 CONTROL VOLTAGE (V) 10 12
RF IN
RF OUT
CONTROL VOLTAGE
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
EW ALL N
minicircuits.com
REV. A M112354 JSPHS-150 HY/TD/CP/AM 080415
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com


▲Up To Search▲   

 
Price & Availability of JSPHS-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X