Part Number Hot Search : 
402CS 402CS FDS8960 MBT4401 010B0 NTE1874 01010 402CS
Product Description
Full Text Search
 

To Download HRPG-200-33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 200W Single Output with PFC Function
Features :
HRPG-200
series
Universal AC input / Full range Built-in active PFC function, PF>0.95 High efficiency up to 89% Withstand 300VAC surge input for 5 seconds Protections: Short circuit / Overload / Over voltage / Over temperature Cooling by free air convection Built-in constant current limiting circuit 1U low profile 38mm Built-in remote ON-OFF control Standby 5V@0.3A Built-in remote sense function No load power consumption<0.5W (Note.6) 5 years warranty
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE HRPG-200-3.3 HRPG-200-5 3.3V 40A 0 ~ 40A 132W 5V 35A 0 ~ 35A 175W 90mVp-p 4.3 ~ 5.8V 2.0% 0.5% 1.0% HRPG-200-7.5 HRPG-200-12 HRPG-200-15 HRPG-200-24 HRPG-200-36 HRPG-200-48 7.5V 26.7A 0 ~ 26.7A 200.3W 100mVp-p 6.8 ~ 9V 2.0% 0.5% 1.0% 12V 16.7A 0 ~ 16.7A 200.4W 120mVp-p 10.2 ~ 13.8V 1.0% 0.3% 0.5% 15V 13.4A 0 ~ 13.4A 201W 150mVp-p 13.5 ~ 18V 1.0% 0.3% 0.5% 24V 8.4A 0 ~ 8.4A 201.6W 150mVp-p 21.6 ~ 28.8V 1.0% 0.2% 0.5% 36V 5.7A 0 ~ 5.7A 205.2W 250mVp-p 28.8 ~ 39.6V 1.0% 0.2% 0.5% 48V 4.3A 0 ~ 4.3A 206.4W 250mVp-p 40.8 ~ 55.2V 1.0% 0.2% 0.5%
RIPPLE & NOISE (max.) Note.2 80mVp-p 2.8 ~ 3.8V VOLTAGE TOLERANCE Note.3 2.0% LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) 0.5% 1.5% 16ms/230VAC
1000ms, 50ms/230VAC
2500ms, 50ms/115VAC at full load
16ms/115VAC at full load 120 ~ 370VDC PF>0.99/115VAC at full load 86% 88% 88% 88% 89% 89% 1.1A/230VAC 70A/230VAC
VOLTAGE RANGE Note.5 85 ~ 264VAC FREQUENCY RANGE 47 ~ 63Hz POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE 5V STANDBY REMOTE CONTROL WORKING TEMP. PF>0.95/230VAC 80% 2.2A/115VAC 35A/115VAC <1.2mA / 240VAC
84%
105 ~ 135% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed 6 ~ 7V 9.4 ~ 10.9V 14.4 ~ 16.8V 18.8 ~ 21.8V 30 ~ 34.8V 41.4 ~ 48.6V 3.96 ~ 4.62V Protection type : Shut down o/p voltage, re-power on to recover 95 105 5 5 (TSW1) detect on heatsink of power transistor (TSW2) detect on main power output choke
57.6 ~ 67.2V
FUNCTION
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down 5VSB : 5V@0.3A ; tolerance 5%, ripple : 50mVp-p(max.) RC+/RC- : 4 ~10V or open = power on ; 0 ~ 0.8V or short = power off -30 ~ +70 (Refer to output load derating curve) 20 ~ 90% RH non-condensing
WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY -40 ~ +85 , 10 ~ 95% RH TEMP. COEFFICIENT 0.03%/ (0 ~ 50 VIBRATION 10 ~ 500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 approved SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & EMC
(Note 4)
I/P-O/P:3KVAC
I/P-FG:1.5KVAC
O/P-FG:0.5KVAC / 70% RH
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25 EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B HARMONIC CURRENT EMS IMMUNITY MTBF
ISOLATION RESISTANCE
Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, heavy industry level, criteria A 189.1K hrs min. MIL-HDBK-217F (25 ) 199*98*38mm (L*W*H) 0.77Kg; 18pcs/14.9Kg/0.81CUFT
OTHERS
DIMENSION PACKING
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 5. Derating may be needed under low input voltages. Please check the derating curve for more details. 6. No load power consumption<0.5W when RC+ & RC- (CN100 pin1,2) 0 ~ 8V or short.
File Name:HRPG-200-SPEC 2010-09-17
200W Single Output with PFC Function
Mechanical Specification
HRPG-200
Case No.902E
197
series
Unit:mm
9
1
9.5
2 3
85.5
4 5
8.2
3.5 80
7
6 7
Terminal Pin No. Assignment
Pin No. 1 2 3 Assignment AC/L AC/N FG Assignment Pin No. DC OUTPUT -V 4,5 DC OUTPUT +V 6,7
3.5
LED CN100 SVR1
57.5
4-
M
3
4.5
120 199
6.5 9
Pin No. Assignment RC+ 1 2 RC3 AUX 4 AUXG +S 5 -S 6
Mating Housing
Terminal
3. 5
18.5
9.5
Connector Pin No. Assignment (CN100) : HRS DF11-6DP-2DS or equivalent
190
3.5 28.5
HRS DF11-6DS HRS DF11-**SC or equivalent or equivalent
13max. 28 150.75
3M3
Block Diagram
AUX POWER EMI FILTER ACTIVE INRUSH CURRENT LIMITING RECTIFIERS & PFC O.T.P. FG PFC CONTROL PWM CONTROL POWER SWITCHING O.L.P. RECTIFIERS & FILTER RECTIFIERS & FILTER DETECTION CIRCUIT O.V.P. REMOTE CONTROL AUX AUXG +S +V -V -S
18
fosc :70KHz
I/P
RC+ RC-
Derating Curve
Output Derating VS Input Voltage
Ta = 25
125 100
100 90
80
80 70
60
LOAD (%)
40
LOAD(%)
60 50 40
20
-30
0
10
20
30
40
50
60
70 (HORIZONTAL)
90
100
125
135
155
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
File Name:HRPG-200-SPEC 2010-09-17
38
98
15
26
200W Single Output with PFC Function
Function Description of CN100
HRPG-200
series
Pin No. Function Description RC+ Turns the output on and off by electrical or dry contact between pin 2 (RC-). Short: Power OFF, Open: Power ON. 1 RC- Remote control ground. 2 Auxiliary voltage output, 4.75~5.25V, reference to pin 4(AUXG). The maximum load current is 0.3A. This output has the built-in oring 3 AUX diodes and is not controlled by the "remote ON/OFF control". 4
5
AUXG Auxiliary voltage output ground. The signal return is isolated from the output terminals (+V & -V). Positive sensing. The +S signal should be connected to the positive terminal of the load. The +S and -S leads should be twisted in pair to +S minimize noise pick-up effect. The maximum line drop compensation is 0.5V. -S Negative sensing. The -S signal should be connected to the negative terminal of the load. The -S and +S leads should be twisted in pair to minimize noise pick-up effect. The maximum line drop compensation is 0.5V.
6
Function Manual
1.Remote Control The PSU can be turned ON/OFF by using the "Remote ON/OFF" function
Between RC-(pin2) and RC+(pin1) SW ON (Short) SW OFF (Open) Output Status OFF ON
CN100
1 2
RC+
AUX
+S -S
5
SW
RC- AUXG 6
-V
-V +V
+V
CN100
135 246
LOAD +
Fig 1.1
2.Remote Sense The remote sensing compensates voltage drop on the load wiring up to 0.5V.
-V
-V +V
+V
CN100
135 246
CN100 1 RC+ AUX +S -S 5 6
-S (Pin6)
LOAD +
+S (Pin5)
Sense lines should be twisted in pairs
2
RC- AUXG
Fig 2.1
File Name:HRPG-200-SPEC 2010-09-17


▲Up To Search▲   

 
Price & Availability of HRPG-200-33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X