Part Number Hot Search : 
Z8F042A PE44047 TDE17980 AN7178 2010A 4812S MB90423G TDA7298
Product Description
Full Text Search
 

To Download GPTP2157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869 Fax: +39-010-659 1870 Web: www.gpsemi.it E-mail: info@gpsemi.it
GPTP2157
PHASE CONTROLLED SCR
High reliability operation DC power supply AC drives
VOLTAGE UP TO AVERAGE CURRENT SURGE CURRENT BLOCKING CHARACTERISTICS Characteristic
VRRM VRSM VDRM IDRM IRRM Repetitive peak reverse voltage Non-repetitive peak reverse voltage Repetitive peak off-state voltage Repetitive peak off-state current, max. Repetitive peak reverse current, max. VDRM, single phase, half wave, Tj = Tjmax VRRM, single phase, half wave, Tj = Tjmax
1600 V 1570 A 25 kA
Conditions
Value
1600 V 1700 V 1600 V 50 mA 50 mA
ON-STATE CHARACTERISTICS
IT(AV) IT(RMS) ITSM It VT(TO) Average on-state current R.M.S. on-state current Surge on-state current I t for fusing coordination Threshold voltage On-state slope resistance Peak on-state voltage, max Holding current, max Latching current, typ Tj = Tjmax Tj = Tjmax On-state current IT = 2900 A , Tj = 25 C Tj = 25 C Tj = 25 C Sine wave,180 conduction, Th = 55 C Sine wave,180 conduction, Th = 55 C Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax 1570 A 2466 A 25 kA 3920 kAs 0,93 V 0,24 m 1,64 V 300 mA 700 mA
rT
VTM IH IL
TRIGGERING CHARACTERISTICS
VGT IGT VGD PGM PG(AV) IFGM VFGM VRGM Gate trigger voltage Gate trigger current Non-trigger voltage Peak gate power dissipation Average gate power dissipation Peak gate current Peak gate voltage (forward) Peak gate voltage (reverse) Tj = 25 C, VD = 5 V Tj = 25 C, VD = 5 V VD = 67% VRRM, Tj = Tjmax Pulse width 100 s 3,5 V 300 mA 0,25 V 150 W 2W 10 A 30 V 5V
SWITCHING CHARACTERISTICS
di/dt dV/dt tq Critical rate of rise of on-state current Critical rate of rise of off-state voltage Turn-off time, typ Tj = Tjmax Tj = Tjmax Tj = Tjmax, IT = 1000 A, di/dt = -20 A/s VR = 50 V, VD = 67% VDRM, dV/dt = 20 V/s 200 A/s 500 V/s s
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c) Rth(c-h) Tjmax Tstg F Thermal resistance (junction to case) Thermal resistance (case to heatsink) Max operating junction temperature Storage temperature Clamping force 10% Mass Double side cooled Double side cooled 0,018 C/W 0,006 C/W 125 C -40 / 125 C 22 kN 500 g
Document GPTP2157T001
PHASE CONTROLLED SCR
GPTP2157
Current rating - sine wave
Power loss - sine wave
Heatsink temperature [C]
130 120 110 90 80 70 60 50 0 400 800 IT [A]
30 60 90 120 180
3000
180
2500
60
90
120
PF [W]
100
2000 1500 1000 500 0 0 400 1200 1600
30
800 IT[A]
1200
1600
Maximum surge current d.s. cooled 30 25 ITSM [A] 20 15 10 5 0 1 10 Number of cycle current pulses [n] 100 I [A] ITT[A]
On-state voltage drop
3500 3500 3000 3000 2500 2500 2000 2000 1500 1500 1000 1000 500 500 0 0 0 0,5 0,5 1
Tj=T Tj=Tjmax jmax
1 VT [V] VT [V]
1,5 1,5
2
Thermal impedance (j-c)
0,02 ZTH(j-c) [C / W] 0,015 0,01 0,005 0 0,001
0,01
0,1 Time [s]
1
10
100
dimensions mm
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice. Document GPTP2157T001


▲Up To Search▲   

 
Price & Availability of GPTP2157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X