Part Number Hot Search : 
1E104 NB638DL C6N13 250NH2G N2646 UM5109 18160 1303H
Product Description
Full Text Search
 

To Download FR301PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * High reliability * Low leakage * Low forward voltage drop * High current capability * High surge capability * Fast switching * High temperature soldering guaranteed : 260oC/10 seconds at terminals
1.0(25.4) MIN.
FR301PT THRU FR307PT
CURRENT 3.0 Amperes
DO-201AD
0.052(1.3) DIA. 0.048(1.2)
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 1.18 grams
0.375(9.5) 0.335(8.5) 0.220(5.6) DIA. 0.197(5.0) 1.0(25.4) MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
DO-201AD
UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current at TA = 75 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range IFSM 200 Amps
o
SYMBOL VRRM VRMS VDC IO
FR301PT FR302PT FR303PT FR304PT FR305PT FR306PT FR307PT
50 35 50
100 70 100
200 140 200
400 280 400 3.0
600 420 600
800 560 800
1000 700 1000
CJ TJ,STG
65 -65 to +150
pF
o
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0 A DC Maximum DC Reverse Current at Rated DC Blocking Voltage at TA = 25oC Maximum Full Load Reverse Current Average, Full Cycle 0.375" (9.5mm) lead length at TL = 55oC Maximum Reverse Recovery Time (Note 2) NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts 2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A SYMBOL VF IR 150 trr 150 250 500 uAmps nSec 2001-6
FR301PT FR302PT FR303PT FR304PT FR305PT FR306PT FR307PT
UNITS Volts uAmps
1.3 10
RATING CHARACTERISTIC CURVES ( FR301PT THRU FR307PT )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A (-) 0 PULSE GENERATOR (NOTE 2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+) -1.0A NOTES: 1. Rise Time = 7 ns max. Input Impedance = 1 megohm. 22 pF. 2. Rise Time = 10 ns max. Source Impedlance= 50 ohms. 1cm SET TIME BASE FOR 50/100 nS/cm -0.25A
AVERAGE FORWARD CURRENT, ( A )
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
3.0 2.5 2.0 1.5 1.0 0.5 0
Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc (approx) (-)
D.U.T
25 50 75 100 125 150 175
AMBIENT TEMPERATURE ( OC )
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT, ( A ) INSTANTANEOUS REVERSE CURRENT, (uA) 20 10
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Pulse Width = 300uS 1% Duty Cycle
10
3.0 1.0
1.0
0.3 0.1
TJ =25oC
TJ =25 C
o
.1
.03 .01
.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
0
.2 .4 .6 .8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, ( V )
1.8
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, ( A ) 200 JUNCTION CAPACITANCE, ( pF ) 150 125 100 75 50 25 0 1 2 5 10 20 NUMBER OF CYCLES AT 60 Hz 50 100
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 REVERSE VOLTAGE, ( V ) 40 100
TJ =25oC


▲Up To Search▲   

 
Price & Availability of FR301PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X