Part Number Hot Search : 
MC68HC55 SYOGG C74AC 74210 TDA100 TINY1 TEL185E T1608
Product Description
Full Text Search
 

To Download ECQU2A473MYY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plastic Film Capacitors Metallized Polyester Film Capacitor
Type:
ECQUY [Class Y]
In accordance with UL/CSA and European safety regulations class Y
IFeatures
*Compact *Overvoltage stress withstanding *Flame-retardant epoxy resin coating *RoHS directive compliant
IRecommended Applications
*Interference suppressors
IExplanation of Part Numbers
1 2 3 4 5 6 7 8 9 10 11 12
E
C
Q
U
2
A
Capacitance
Y
Cap. Tol. Suffix Suffix
Product code
Dielectric & construction
Rated voltage
K 10 % M 20 %
Suffix Blank B
Lead Form Straight Crimped lead
IApplicable Standard & Approval Number
UL CSA SEMKO DEMKO NEMKO FIMKO VDE SEV When applying this capacitor to European and American safety standards, please use type designation and rating such as ECO-UY, 0.01 F". Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No. IEC 60384-14 EN 132400 Class Y3/X2 UL 1414 CSA C22.2 No.1 Across-The-Line Capacitors Antenna-Coupling and Line-By-Pass Components Across-the-line capacitors Antenna-Isolation and line-by-pass capacitors
ISpecifications
Category temp. range Rated voltage Capacitance range Capacitance tolerance Dissipation factor (tan ) Withstand voltage Insulation resistance (IR) - 40 C to + 100 C (+ 85 C max. on UL/CSA spec.) 250 VAC 0.0010 F to 0.047 F (E12) 10 % (K), 20 % (M) tan <1.0 % (20C, 1kHz) = Between terminals : 2000 VDC, 60 s Between terminals to enclosure : 2000 VAC 60 s
> > IR=15000 M (20 C, 100 VDC, 60 s), IR=2000 M (20 C, 500 VDC, 60 s)
Use of this capacitor is limited to AC voltage (50 Hz or 60 Hz sine wave).
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IDimensions in mm (not to scale)
Marking example
Straight Crimped lead (Suffix B)
L max. H max.
L max.
L max.
T max.
STYLE 1 (0.0010 F to 0.022 F)
A side .001 F K 250 V~ Y3/X2 ECQ-UY
B side
V DE
40/100/21
L L 2
H max.
1.5max.
H max.
Marking
Marking
Marking
132400 GMF MKT
F1.0
V DE
od0.05
Copper-clad steelwire
132400 2 (0.027 F to GMF MKT 0.047 F)
.047 F K 250 V~Y3/X2 40/100/21 ECQ-UY
L L 2
4.50.5
20min.
4.50.5
Date code
S0.8
Style B
S0.8
Style D
IPackaging Specifications for Bulk Package
Packing quantity: 100 pcs./bag
G Capacitance tolerance : 10 %(K), 20 %(M) Part No. ECQU2A102 MY( ) ECQU2A122 MY( ) ECQU2A152 MY( ) ECQU2A182 MY( ) ECQU2A222 MY( ) ECQU2A272 MY( ) ECQU2A332 MY( ) ECQU2A392 MY( ) ECQU2A472 MY( ) ECQU2A562 MY( ) ECQU2A682 MY( ) ECQU2A822 MY( ) ECQU2A103 MY( ) ECQU2A123 MY( ) ECQU2A153 MY( ) ECQU2A183 MY( ) ECQU2A223 MY( ) ECQU2A273 MY( ) ECQU2A333 MY( ) ECQU2A393 MY( ) ECQU2A473 MY( )
L L
IRating & Dimensions
Cap. (F) 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047
Cap. tol.code
Lmax. 12.0 12.0 12.0 12.0 12.0 12.0 12.0 12.0 12.0 12.0 18.5 18.5 18.5 18.5 18.5 18.5 18.5 23.5 23.5 23.5 23.5
Tmax. 6.0 6.0 6.5 6.5 6.5 6.5 7.0 7.0 7.5 8.5 7.5 7.5 7.5 8.5 9.0 10.0 11.0 9.5 10.0 11.0 12.0
Dimensions (mm) H max. F S Straight Crimped lead Straight Crimped lead 11.5 16.5 10.0 7.5 11.5 11.5 11.5 11.5 11.5 12.0 12.5 13.5 14.0 13.0 13.5 15.0 15.5 16.5 17.5 18.0 16.5 17.5 18.5 20.0 16.5 16.5 16.5 16.5 16.5 17.0 17.5 18.5 19.0 18.0 18.5 20.0 20.5 21.5 22.5 23.0 21.5 22.5 23.5 25.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 20.0 20.0 20.0 20.0 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 15.0 15.0 15.0 15.0
od 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80 0.80
Suffix for lead crimped
Style D: 0.0010 F to 0.0056 F Style B: 0.0068 F to 0.047 F
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.


▲Up To Search▲   

 
Price & Availability of ECQU2A473MYY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X