Part Number Hot Search : 
40300 222AT BAV17003 32A1F 40300 AAT3155 01018 AA250
Product Description
Full Text Search
 

To Download DTC144EKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
DTC144EKA
Features
* * * Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. Only the on/off conditions need to be set for operation, making device design easy
Symbol VCC VIN IO Pd Tj Tstg Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature Min ---10 -------55 Typ 50 --100 200 150 --Max --40 ------150 Unit V V mA mW
NPN Digital Transistors
SOT-23-3L
A D 3 1 2
1. IN 2. GND 3. OUT
Absolute maximum ratings @ 25
C
B
E
Electrical Characteristics @ 25
Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Parameter Input voltage (VCC=5V, IO=100A) (VO=0.3V, IO=2mA) Output voltage (IO/II=10mA/0.5mA) Input current (VI=5V) Output current (VCC=50V, VI=0) DC current gain (VO=5V, IO=5mA) Input resistance Resistance ratio Transition frequency (VCE=10V, IE=5mA, f=100MHz) Min --3.0 ------68 32.9 0.8 --Typ ------------47 1.0 250 Max 0.5 --0.3 0.18 0.5 --61.1 1.2 --Unit V V V mA A K MHz
G H J
K DIMENSIONS INCHES MAX .117 .112 .065 .038 .077 .0039 .049 .007 .015 MM MIN 2.87 2.75 1.55 .925 1.85 .04 1.12 .14 .34 MAX 2.97 2.85 1.65 .975 1.95 .100 1.25 .17 .37 NOTE
DIM A B C D E G H J K
MIN .113 .108 .061 .036 .073 .0016 .044 .006 .013
Suggested Solder Pad Layout
.031 .800 .035 .900 .087 2.200 inches mm
.037 .950 .037 .950
www.mccsemi.com
Revision: 1 2005/06/29
DTC144EKA
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision: 1 2005/06/29


▲Up To Search▲   

 
Price & Availability of DTC144EKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X